Part Number Hot Search : 
GT55IT SGB30N60 Z86E73 1N4596 ANTX2N6 AS8S1 MOC3011 C1545
Product Description
Full Text Search
 

To Download BL-L817YGW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Round Type, Bi-color LED lamp BL-L817 Features: O 8.0mm Round Type BI-COLOR LED Lamps, with 2 leads O Ultra brightness. O Choice of various viewing angles. O Diffused, Transparent and Water clear lens are available. O IC compatible /Low current capability. O RoHs Compliance
n
Electrical-optical characteristics: (Ta=25)
Chip
(Test Condition: IF=20mA)
Luminous Intensity (Iv) Unit:mcd
Part Number Emitted Color Material P (nm)
Lens Type
Forward Voltage(VF) Unit:V
Viewing Angle 21/2(de g)
Typ Orange BL-L817EGW Green Yellow BL-L817YGW Green Ultra Yellow BL-L817UEUGW Ultra Green GaAsP/GaP GaP/GaP GaAsP/GaP GaP/GaP AlGaInP AlGaInP 635 570 585 570 630 574 Water Diff. 2.10 2.20 2.10 2.20 2.10 2.20
Max 2.50 2.50 2.50 2.50 2.50 2.50
Min. 5 5 5 5 80 60
Typ 15 12 12 12 100 80 60
n
Absolute maximum ratings (Ta=25)
E UE Y G UG
Unit
Parameter
Forward Current IF Power Dissipation Pd Reverse Voltage VR Peak Forward Current IPF (Duty 1/10 @1KHZ) Operation Temperature TOPR Storage Temperature T STG Lead Soldering Temperature T SOL
25 60 5 150
30 65 5 150
25 60 5 150 -40 to +80 -40 to +85
30 65 5 150
30 75 5 150
mA mW V mA

Max.2605 for 3 sec Max. (1.6mm from the base of the epoxy bulb)
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 1 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Round Type, Bi-color LED lamp BL-L817 Package configuration & Internal circuit diagram
Notes: 1. All dimensions are in millimeters (inches) 2. Tolerance is 0.25(0.01")unless otherwise noted. 3. Specifications are subject to change without notice.
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 2 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Round Type, Bi-color LED lamp BL-L817
1.0
Typical electrical-optical characteristics curves:
(A) (B) (C) (D) (2) (3) (8 ) (4 ) (1 ) (6) (5) (9) (1 0)
0.5
0 350
4 00
450
500
550
6 00
650
7 00
750
8 00
850
9 00
950
1000
Wav elength(nm) RELAT IVE INTEN SITY Vs WAVELENGT H( p )
(1) - GaAsP/GaAs 655nm/Red (2) - GaP 570nm/Yellow Green (3) - GaAsP/GaP 585nm/Yellow (4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red (5) - GaP 700nm/Bright Red (6) - GaAlAs/GaAs 660nm/Super Red (8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm (10) - GaAs/GaAs & GaAlAs/GaAs 940nm (A) - GaN/SiC 430nm/Blue (B) - InGaN/SiC 470nm/Blue (C) - InGaN/SiC 505nm/Ultra Green (D) - InGaAl/SiC 525nm/Ultra Green
50 FORWARD CURRENT(mA)
RELATIVE LUMINOUS INTENSITY 3 2 1 0.5 0.2 0.1 -30 -20 -10
1
8 64 5
23
4.0 1 3.0 FORWARD CURRENT(mA)
50 40 30 20 10 0
RELATIVE LUMINOUS INTENSITY
40 30 20 10 0 1.2
1 6 2,4,8,A 3 5
2.0
5 B
1.0 0 20 40 60 80 100
1.6
2.0
2.4
2.6
3.0
20
40
60
80
100
FORWARD VOLTAGE (Vf) FORWARD CURRENT VS. FORWARD VOLTAGE
FORWARD CURRENT (mA) RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
AMBIENT TEMPERATURE Ta( ) FORWARD CURRENT VS. AMBIENT TEMPERATURE
1 5 4 2 3
10 9 8 7 6 5 4 3 2 0 10 20 30 40 50 60 70 1 AMBIENT TEMPERATURE Ta() 1 Ipeak MAX. IDC MAX.
300KHz 3KHz 10KHz 1KHz 100KHz F-REFRESH RATE
3KHz 300Hz 30KHz 100KHz 10KHz 1KHz 100Hz 10 9 8 7 6 5 Ipeak MAX. IDC MAX. 4 3 2 1 1 10 100 1000 tp-PULSE DURATION uS (5)
10
100
1000
10,000
10,000
tp-PULSE DURATION uS (1,2,3,4,6,8,B.D.J.K)
NOTE:25 free air temperature unless otherwise specified
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 3 of 3 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM


▲Up To Search▲   

 
Price & Availability of BL-L817YGW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X