Part Number Hot Search : 
2G25UM SFH464 STUP5G4 481003 TS4141 LL4148 20CTR 2SC5002
Product Description
Full Text Search
 

To Download BC847BW-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BC846AW/BW BC847AW/BW/CW BC848AW/BW/CW
NPN General Purpose Transistors
SOT-323
A D
Features
* * * Low current (max. 100mA) Low voltage (max. 65V) Case Material:Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
Maximum Ratings
* * * * Operating temperature : -65 to +150 Storage temperature : -65 to +150 Thermal resistance from junction to ambient*: 625K/W Marking: BC846AW---1A ; BC846BW---1B BC847AW---1E ; BC847BW---1F ; BC847CW---1G BC848AW---1JS/1J ; BC848BW---1KS/1K ; BC848CW---1LS/1L
C
B
C
Electrical Characteristics @ 25
Symbol
Parameter
Unless Otherwise Specified
Min Max Units
B
F E
E
OFF CHARACTERISTICS
V(BR)CBO Collector-Base Breakdown Voltage (IC=10uAdc, IE=0) BC846AW/BW BC847AW/BW/CW BC848AW/BW/CW Collector-Emitter Breakdown Voltage (IC=10mAdc, IB=0) BC846AW/BW BC847AW/BW/CW BC848AW/BW/CW Emitter-Base Breakdown Voltage (IE=1Adc, IC=0) BC846AW/BW, BC847AW/BW/CW BC848AW/BW/CW Collector Current (DC) Peak Collector Current Peak Base Current Vdc
G H J
-------
80 50 30 Vdc
K DIMENSIONS INCHES MIN MAX .071 .087 .045 .053 .079 .087 .026 Nominal .047 .055 .012 .016 .000 .004 .035 .039 .004 .010 .012 .016 MM MIN MAX 1.80 2.20 1.15 1.35 2.00 2.20 0.65Nominal 1.20 1.40 .30 .40 .000 .100 .90 1.00 .100 .250 .30 .40
V(BR)CEO
-------
65 45 30 Vdc
V(BR)EBO
IC ICM IBM
-----------
6 5 100 200 200
mAdc mAdc mAdc
DIM A B C D E F G H J K
NOTE
* Transistor mounted on an FR4 printed-circuit board
Suggested Solder Pad Layout
0.70
0.90
1.90
0.65 0.65
Revision: 6
www.mccsemi.com
1 of 5
2008/01/01
MCC
Micro Commercial Components
TM
ON CHARACTERISTICS
Symbol ICBO Parameter Collector-base Cut-off Current (ICE=0, VCB=30Vdc) (ICE=0, VCB=30Vdc, Tj=150 ) Emitter-base Cut-off Current (IC=0, VEB=5Vdc) Collector-Emitter Saturation Voltage (IC=10mAdc, IB=0.5mAdc) (IC=100mAdc, IB=5mAdc*) Base-Emitter Saturation Voltage (IC=10mAdc,IB=0.5mAdc) (IC=100mAdc, IB=5mAdc*) DC Current Gain (IC=10A; VCE=5V) BC846AW; BC847AW;BC848AW BC846BW; BC847BW;BC848BW BC847CW;BC848CW DC Current Gain (IC=2mA; VCE=5V) BC846AW; BC847AW;BC848AW BC846BW; BC847BW;BC848BW BC847CW;BC848CW VBE Base-emitter Voltage (IC=2mAdc,VCE=5V) (IC=10mAdc,VCE=5V) Collector Capacitance (VCB=10V; IE=Ie=0; f=1MHz) Transition Frequency (VCE=5V; IC=10mA; f=100MHz) Noise Figure (VCE=5V; IC=200A; f=1KHz; B=200Hz; RS=2K) Min --------------------Typ ------90 200 700 900 90 150 270 Max 15 5 100 250 600 ----------Units nA A nA mVdc mVdc mVdc mVdc
ICEO VCE(sat)
VBE(sat)
hFE
110 200 420 580 ----100 ---
180 290 520 660 ---------
220 450 800 700 770 4.5 --10 mVdc mVdc pF MHz dB
Cc fT F
* Pulse test: tP
300s;
0.02
Revision: 6
www.mccsemi.com
2 of 5
2008/01/01
MCC
Micro Commercial Components
TM
Typical Characteristics
846AW,BW;BC847AW, BW, CW;BC848AW, BW, CW
www.mccsemi.com
Revision: 6
3 of 5
2008/01/01
MCC
Micro Commercial Components
TM
www.mccsemi.com
Revision: 6
4 of 5
2008/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 6
5 of 5
2008/01/01


▲Up To Search▲   

 
Price & Availability of BC847BW-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X