Part Number Hot Search : 
TPCA80 UP2003 TR3000 C5343 AK8406A SRAS890 FLZ8VX KMP8400
Product Description
Full Text Search
 

To Download B0515XT-W2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B_(X)T-W2 Series
0.25W,FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT, SMD DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
Single Voltage Output SMD Package Style No Heat sink Required 1KVDC Isolation Temperature Range: -40C to +85C Internal SMD construction No External Component Required Industry Standard Pinout RoHS Compliance
PRODUCT PROGRAM
Input Part Number B0503(X)T-W2 B0505(X)T-W2 B0509(X)T-W2 B0512(X)T-W2 B0515(X)T-W2 B1205(X)T-W2 B1209(X)T-W2 12 10.8-13.2 5 4.5-5.5 Voltage (VDC) Nominal Range Voltage (VDC) 3.3 5 9 12 15 5 9 12 15 5 24 21.6-26.4 9 12 15 Output Current (mA) Max 76 50 28 21 17 50 28 21 17 50 28 21 17 Min 8 5 3 2 2 5 3 2 2 5 3 2 2 62 64 65 67 66 65 64 63 64 60 61 63 65 Efficiency (%, Typ.)
APPLICATIONS
The B_(X)T-W2 Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
B1212(X)T-W2 B1215(X)T-W2 B2405(X)T-W2 B2409(X)T-W2 B2412(X)T-W2 B2415(X)T-W2
Note: The B_XT-W2 series have no 3,6,7 pin. For example B0505XT-W2.
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test Conditions Tested for 1 minute and 1mA max Test at 500VDC Min 1000 1000 Typ. Max Units VDC M
OUTPUT SPECIFICATIONS
Item Output power Line regulation For Vin change of 1%(3.3V output) For Vin change of 1%(Others output) 10% to 100% load (3.3V output) 15 12.8 8.3 6.8 6.3 Test Conditions Min Typ. Max 0.25 1.5 1.2 20 15 10 10 10 % Units W
MODEL SELECTION
10% to 100% load (5V output) Load regulation 10% to 100% load (9V output) 10% to 100% load (12V output) 10% to 100% load (15V output) Output voltage accuracy Temperature drift Output ripple &Noise* 100% full load 20MHz Bandwidth Full load, nominal input(24V input) Full load, nominal input (others input)
B0505(X )T-W2
Ra ted Power P ackage Styl e Output Vol tag e Inpu t Vol tag e P ro duct Se ri es
See tolerance envelope graph 0.03 50 500 110 75 %/C mVp-p KHz
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
B_(X)T-W2
A/1-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Cooling Case material Short circuit protection* MTBF Weight *Supply voltage must be discontinued at the end of short circuit duration. 3500 1.35 1.5mm from case for 10 seconds -40 -55 15 Test Conditions Min Typ. Max 95 85 125 25 260 Free air convection Plastic(UL94-V0) 1 s K hours g C Units %
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load. Recommended circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
L
TYPICAL CHARACTERISTICS
Vin
Cin
+Vo
DC DC
(Figure 1)
Cout
GND
0V
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the
Operating Temp.(oC)
capacitance is too big, a startup problem might arise. It's not recommended to connect any external capacitor in the application field.
RECOMMENDED REFLOW SOLDERING PROFILE
250 Temperature ( o C) 200 150 100 50 0 Time ( s ec . ) 90 Sec Max (>220 o C ) 260 C
1 0 S ec M ax
o
22 0o C
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure2).
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
4.13 (0.163)
Vin GND
REG
+Vout
First Angle Projection RECOMMENDED FOOTPRINT Top view,grid:2.54*2.54mm(0.1*0.1inch)
DC DC
0V
REG
6.25 (0.246) 6.00 (0.236)
(Side view) 2.54 0.25 (0.100) (0.100) 12.70 (0.500) 7.62 (0.300)
Vin
B_T-W2 B_(X)T-W2
+Vout
GND 8765
2.00 (0.079)
DC DC
0V
8 12
5 4
1234
1.00 (0.039)
(Figure2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
11.20 (0.441)
7.50 (0.295)
(Top view)
2.54 0.10 (0.100 0.004)
0.60 0.05 (0.024 0.002)
6.76 (0.266) A 1.85 (0.073) 7.19 (0.283) 0.3 (0.012)
FOOTPRINT DETAILS Pin Function(T) Function(XT) 1 GND GND 2 Vin Vin 4 0V 0V 5 +Vo +Vo NC No Pin 3,6,7 8 NC NC NC:No Connection Note: Unit:mm(inch) Pin section:0.60*0.25mm(0.024*0.010inch) Pin section tolerances: 0.10mm( 0.004inch) General tolerances: 0.15mm( 0.006inch)
0.50 (0.020)
1.35 (0.053)
5.00
MORNSUN reserves the copyright
Specifications subject to change without notice.
B_(X)T-W2
A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of B0515XT-W2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X