Part Number Hot Search : 
2SA1576 TSD1858 F931C105 074162 SMBJ78C AX145 500RL 500RL
Product Description
Full Text Search
 

To Download AUIRF3805L-7P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUTOMOTIVE GRADE
PD - 96318
AUIRF3805S-7P AUIRF3805L-7P
Features
l l l l l l l
HEXFET(R) Power MOSFET
V(BR)DSS RDS(on) typ. 55V 2.0m
Advanced Process Technology Ultra Low On-Resistance 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax Lead-Free, RoHS Compliant Automotive Qualified *
D
G S
max. 2.6mi ID
D
S (Pin 2, 3, 5, 6, 7) G (Pin 1)
D
240A
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
AUIRF3805S-7P
D2Pak 7 Pin
G
S
S S
S
S GS SS
S
S
TO-263CA 7 Pin AUIRF3805L-7P
G
D
S
Absolute Maximum Ratings
Gate
Drain
Source
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. Ambient temperature (TA) is 25C, unless otherwise specified. Parameter Max. Units
ID @ TC = 25C ID @ TC = 100C ID @ TC = 25C IDM PD @TC = 25C VGS EAS EAS (tested) IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V (Package Limited) Pulsed Drain Current Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy (Thermally Limited) Single Pulse Avalanche Energy Tested Value Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw 240 170 160 1000 300 2.0 20 440 680 See Fig.12a,12b,15,16 2.3 -55 to + 175 300 10 lbf*in (1.1N*m) A W W/C V mJ A mJ V/ns C
c
c
d
j
c e
Thermal Resistance
RJC RCS RJA RJA
Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB Mount, steady state)
h
Parameter
Typ.
--- 0.50 --- ---
Max.
0.50 --- 62 40
Units
C/W
g
HEXFET(R) is a registered trademark of International Rectifier. *Qualification standards can be found at http://www.irf.com/
www.irf.com
1
07/20/10
AUIRF3805S/L-7P
Static Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS VDSS/TJ RDS(on) SMD VGS(th) gfs IDSS IGSS Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage
Min. Typ. Max. Units
55 --- --- 2.0 110 --- --- --- --- --- 0.05 2.0 --- --- --- --- --- --- --- --- 2.6 4.0 --- 20 250 200 -200
Conditions
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mA m VGS = 10V, ID = 140A V VDS = VGS, ID = 250A S VDS = 25V, ID = 140A VDS = 55V, VGS = 0V A VDS = 55V, VGS = 0V, TJ = 125C VGS = 20V nA VGS = -20V
e
Dynamic Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 130 53 49 23 130 80 52 4.5 7.5 7820 1260 610 4310 980 1540 200 --- --- --- --- --- --- --- nH --- --- --- --- --- --- --- nC
Conditions
ID = 140A VDS = 44V VGS = 10V VDD = 28V ID = 140A RG = 2.4 VGS = 10V Between lead,
e e
ns
D
6mm (0.25in.) from package
G
pF
f
S and center of die contact VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5 VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 44V, = 1.0MHz VGS = 0V, VDS = 0V to 44V
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 45 35 240 A 1000 1.3 68 53 V ns nC
Conditions
MOSFET symbol showing the integral reverse
G D
S p-n junction diode. TJ = 25C, IS = 140A, VGS = 0V TJ = 25C, IF = 140A, VDD = 28V di/dt = 100A/s
e
e
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). This value determined from sample failure population starting TJ = 25C, L=0.043mH, RG = 25, IAS = 140A,VGS =10V. Pulse width 1.0ms; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
This is applied to D2Pak, when mounted on 1" square PCB R is measured at TJ of approximately 90C. Solder mounted on IMS substrate. Limited by TJmax starting TJ = 25C, L=0.043mH,
RG = 25, IAS = 140A,VGS =10V.Part not recommended for use above this value.
( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994.
2
www.irf.com
AUIRF3805S/L-7P
Qualification Information
Automotive (per AEC-Q101) Qualification Level
Comments: This part number(s) passed Automotive qualification. IR's Industrial and Consumer qualification level is granted by extension of the higher Automotive level. 7L-D2 PAK MSL1 , 260C Class M4(+/-425V) (per AEC-Q101-002) Class H3A(+/-4000V) (per AEC-Q101-001) Class C5 (+/-1000V) (per AEC-Q101-005) Yes
Moisture Sensitivity Level Machine Model ESD Human Body Model Charged Device Model RoHS Compliant
Qualification standards can be found at International Rectifiers web site: http//www.irf.com/ Exceptions to AEC-Q101 requirements are noted in the qualification report.
www.irf.com
3
AUIRF3805S/L-7P
10000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
10000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
ID, Drain-to-Source Current (A)
100
BOTTOM
ID, Drain-to-Source Current (A)
1000
1000
BOTTOM
100 4.5V 10
10
1
4.5V
60s PULSE WIDTH
0.1 0.1 1 Tj = 25C 10 1 100 1000 0.1 1
60s PULSE WIDTH
Tj = 175C 10
100
1000
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
Gfs, Forward Transconductance (S)
250 TJ = 25C 200
ID, Drain-to-Source Current ()
100
T J = 175C
150 T J = 175C
10
TJ = 25C
100
VDS = 25V 60s PULSE WIDTH 1.0 2 4 6 8 10
50
V DS = 10V 380s PULSE WIDTH
0 0 20 40 60 80 100 120 ID,Drain-to-Source Current (A)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance vs. Drain Current
4
www.irf.com
AUIRF3805S/L-7P
100000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C oss = C ds + C gd
12.0 ID= 140A
VGS, Gate-to-Source Voltage (V)
C rss = C gd
10.0 8.0 6.0 4.0 2.0 0.0
VDS= 64V VDS= 40V
C, Capacitance(pF)
10000
Ciss
Coss 1000 Crss
100 1 10 VDS, Drain-to-Source Voltage (V) 100
0
50
100
150
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
10000
10000
OPERATION IN THIS AREA LIMITED BY R DS(on) 100sec 1msec
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1000 T J = 175C 100 T J = 25C
1000
100 10msec DC 1 Tc = 25C Tj = 175C Single Pulse 1 10 VDS, Drain-to-Source Voltage (V) 100
10
10
1 VGS = 0V 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VSD, Source-to-Drain Voltage (V)
0.1
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
5
AUIRF3805S/L-7P
250
RDS(on) , Drain-to-Source On Resistance (Normalized)
2.5 ID = 140A VGS = 10V 2.0
200
ID, Drain Current (A)
150
1.5
100
50
1.0
0 25 50 75 100 125 150 175 T C , Case Temperature (C)
0.5 -60 -40 -20 0 20 40 60 80 100120140160180 T J , Junction Temperature (C)
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10. Normalized On-Resistance vs. Temperature
1
Thermal Response ( Z thJC )
D = 0.50
0.1
0.20 0.10 0.05 0.02 0.01 SINGLE PULSE ( THERMAL RESPONSE )
J J 1 R1 R1 2 R2 R2 R3 R3 3 C 3
Ri (C/W) 0.0794 0.1474 0.2737
i (sec) 0.000192 0.000628 0.014012
1
0.01
2
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.001 1E-005 0.0001 0.001 0.01 0.1 1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
6
www.irf.com
AUIRF3805S/L-7P
15V
2000
EAS , Single Pulse Avalanche Energy (mJ)
VDS
L
DRIVER
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
1500
ID TOP 21A 37A BOTTOM 140A
A
0.01
1000
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
500
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy vs. Drain Current
10 V
QGS VG
VGS(th) Gate threshold Voltage (V)
QGD
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
ID = 250A ID = 1.0mA ID = 1.0A
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
-75 -50 -25
0
25
50
75 100 125 150 175 200
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage vs. Temperature
www.irf.com
7
AUIRF3805S/L-7P
1000
Duty Cycle = Single Pulse
Avalanche Current (A)
100 0.01 0.05 0.10 Allowed avalanche Current vs avalanche pulsewidth, tav, assuming j = 25C and Tstart = 150C. 1 1.0E-06 1.0E-05 1.0E-04
Allowed avalanche Current vs avalanche pulsewidth, tav, assuming Tj = 150C and Tstart =25C (Single Pulse)
10
1.0E-03 tav (sec)
1.0E-02
1.0E-01
Fig 15. Typical Avalanche Current vs.Pulsewidth
500
EAR , Avalanche Energy (mJ)
400
TOP Single Pulse BOTTOM 1% Duty Cycle ID = 140A
300
200
100
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of T jmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asT jmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav ) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy vs. Temperature
8
www.irf.com
AUIRF3805S/L-7P
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* dv/dt controlled by RG * Driver same type as D.U.T. * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*
VGS = 5V for Logic Level Devices
Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
V DS V GS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
-V DD
Fig 18a. Switching Time Test Circuit
VDS 90%
10% VGS
td(on) tr t d(off) tf
Fig 18b. Switching Time Waveforms
www.irf.com
9
AUIRF3805S/L-7P
D2Pak - 7 Pin Package Outline
Dimensions are shown in millimeters (inches)
D2Pak - 7 Pin Part Marking Information AUIRF3805S-7
Part Number
IR Logo
YWWA
XX or XX
Date Code Y= Year WW= Work Week A= Automotive, Lead Free
Lot Code
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
10
www.irf.com
AUIRF3805S/L-7P
TO-263CA 7 Pin Long Leads Package Outline
Dimensions are shown in millimeters (inches)
TO-263CA - 7 Pin Part Marking Information
Part Number
AUIRF3805L-7
IR Logo
YWWA
XX or XX
Date Code Y= Year WW= Work Week A= Automotive, Lead Free
Lot Code
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
www.irf.com
11
AUIRF3805S/L-7P
D2Pak - 7 Pin Tape and Reel
12
www.irf.com
AUIRF3805S/L-7P
Ordering Information
Base part AUIRF3805L-7P AUIRF3805S-7P Package Type TO-262 D2Pak Standard Pack Form Tube Tube Tape and Reel Left Tape and Reel Right Complete Part Number Quantity 50 50 800 800 AUIRF3805L-7P AUIRF3805S-7P AUIRF3805S-7PTRL AUIRF3805S-7PTRR
www.irf.com
13
AUIRF3805S/L-7P
IMPORTANT NOTICE
Unless specifically designated for the automotive market, International Rectifier Corporation and its subsidiaries (IR) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. Part numbers designated with the "AU" prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. All products are sold subject to IR's terms and conditions of sale supplied at the time of order acknowledgment. IR warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with IR's standard warranty. Testing and other quality control techniques are used to the extent IR deems necessary to support this warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. IR assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using IR components. To minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. Reproduction of IR information in IR data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alterations is an unfair and deceptive business practice. IR is not responsible or liable for such altered documentation. Information of third parties may be subject to additional restrictions. Resale of IR products or serviced with statements different from or beyond the parameters stated by IR for that product or service voids all express and any implied warranties for the associated IR product or service and is an unfair and deceptive business practice. IR is not responsible or liable for any such statements. IR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the IR product could create a situation where personal injury or death may occur. Should Buyer purchase or use IR products for any such unintended or unauthorized application, Buyer shall indemnify and hold International Rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that IR was negligent regarding the design or manufacture of the product. IR products are neither designed nor intended for use in military/aerospace applications or environments unless the IR products are specifically designated by IR as military-grade or "enhanced plastic." Only products designated by IR as military-grade meet military specifications. Buyers acknowledge and agree that any such use of IR products which IR has not designated as military-grade is solely at the Buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. IR products are neither designed nor intended for use in automotive applications or environments unless the specific IR products are designated by IR as compliant with ISO/TS 16949 requirements and bear a part number including the designation "AU". Buyers acknowledge and agree that, if they use any non-designated products in automotive applications, IR will not be responsible for any failure to meet such requirements
For technical support, please contact IR's Technical Assistance Center http://www.irf.com/technical-info/
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105
14
www.irf.com


▲Up To Search▲   

 
Price & Availability of AUIRF3805L-7P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X