|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/11/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0015246242 Active 4.20mm (.165") Pitch Mini-Fit BMITM Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Plating, without Drain Holes Documents: 3D Model Drawing (PDF) Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72082037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Application Comments PCB Headers 42440 Board-to-Board, Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information.. High Temperature, Square Pin, Solder Type Mini-Fit BMITM Product Name Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) No 24 24 Natural (White) 30 94V-0 No Yes Yes Brass Tin Tin Nylon 2 Vertical 0.140 In 3.56 mm Yes Yes 0.070 In 1.80 mm Tray 0.165 In 4.20 mm 100 2.50 100 2.50 Search Parts in this Series 42440Series Mates With 15-06-0241 Mini-Fit BMITM Panel Mount Receptacle, 39-01-2245 Mini-Fit Jr.TM Receptacle, 15-24-7241 Mini-Fit BMITM Vertical Receptacle Header, 44516-0012 Mini-Fit BMITM Slide-and-Lock Panel Mount Receptacle Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes Yes Partial No No -40C to +105C Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 13A 600V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 240 Material Info Old Part Number A-42440-2421 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary PK-42440-001 PS-5556-002 SDA-42440-**** TS-5556-002 This document was generated on 05/11/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of A-42440-2421 |