Part Number Hot Search : 
MBR05 EP3SL70 LU360 MAX7453 C3500 RF21731 SK301 04424
Product Description
Full Text Search
 

To Download 93050-2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0930502503 Active
rast_25_connector_system 2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 8 Circuits, Natural, Open Endwalls, Position Removed C, F, H & I
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0040 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Crimp Quality Equipment Overview Product Name Use With IDT and Solder Connectors 93050 Yes rast_25_connector_system RAST 2.5 RAST standard interface
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style Wire Size AWG 8 8 Natural 10 94V-2 Female Yes None Phosphor Bronze Tin Tin Polyester 1 Tray No 0.098 In 2.50 mm 0.098 In 2.50 mm 40 1.00 40 1.00 No -20C TO +120C IDT or Pierce 22, 24
Search Parts in this Series 93050Series Mates With Appli-Mate RAST 2.5 Header 93070 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # RAST 2.5 Semi0623006200 Automatic Terminator Machine For Appli-MateTM Connectors
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V AC
Material Info
Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-99033-0008 PK-90871-001 PS-99020-0040 SD-93050-001
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 93050-2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X