Part Number Hot Search : 
MIC4417 IE0305H U101RWHF PC120FI SPX1581U PEB2445 95030 DBLS209G
Product Description
Full Text Search
 

To Download 91322-0003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0913220003 Active
2.54mm (.100") Pitch Smart Card Connector, 16 Circuits, Through Hole, Locating Pegs, Press-fit Pegs, Hold-down Feature
Documents: 3D Model Drawing (PDF)
Product Specification PS-91321-005 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Component Type Product Name Type Memory Card Sockets 91322 N/A Receptacle (Card) Smart Card N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Mounting Side PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Open 16 Black 100,000 No Ejector Button Present 90 Angle (Side Entry) None Phosphor Bronze Gold Tin High Temperature Thermoplastic 0.126 In 3.20 mm Yes Reverse Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 15.2 0.38 120 3 1 Yes -25C to +85C Through Hole Search Parts in this Series 91322Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 50V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-91321-005 SD-91322-005
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 91322-0003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X