Part Number Hot Search : 
2309SI T6450A RD65FV06 E2318 UNR31 4040N V40100K CM800
Product Description
Full Text Search
 

To Download 87381-3818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0873813818 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Surface Mount, Top Entry, 0.38m (15") Gold (Au) Plating, without Cap, with Locating Peg, 38 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87380-002 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Obsolete Date Product Literature Order No Product Name PCB Receptacles 87381 Board-to-Board 2006/06/01 987650-1991 Milli-GridTM
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 38 38 Black 25 94V-0 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes None Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 15 0.38 50 1.27 Yes N/A -55C to +105C Surface Mount
Search Parts in this Series 87381Series Mates With 87758 Vertical, Through Hole, Stackable PCB Header, 87759 Vertical, Surface Mount, Stackable PCB Header, 87760 Right Angle, Through Hole, Stackable PCB Header, 87831 Vertical, Through Hole PCB Header, 87832 Vertical, Surface Mount PCB
Electrical
Current - Maximum per Contact Voltage - Maximum 1.9A 125V
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-87380-002 SD-87381-****
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87381-3818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X