Part Number Hot Search : 
STK4142 VT8363 74LS138 MA741N BD6761FS TSOP4830 20P03 0298080
Product Description
Full Text Search
 

To Download 75341-4446 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0753414446 Active
gbx_backplane_connector_system 1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX(R) Backplane Connector System, Power Module, 12 Circuits, 1.27m (50") Gold (Au)
Documents: Drawing (PDF) Product Specification PS-75221-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
UL E29179
image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75341 Backplane Tooling Manual Blade Length A 4.50mm, B 4.50mm, C 4.50mm, D 6.00mm Power Header gbx_backplane_connector_system GbX(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) 8 8 Rows A, B, C, & D Gray 200 Yes 94V-0 No None Gold Tin-Lead High Temperature Thermoplastic N/A 4 4 Vertical 0.089 In 2.28 mm Yes Yes 0.063 In 1.60 mm Tube 0.073 In 1.85 mm 0.102 In 2.60 mm 50 1.25
Search Parts in this Series 75341Series Mates With 75292 GbX(R) Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Module, 0622022005 GbX(R) 4 pair 1- Up Power Module GbX(R) Single Pin 0622022090 Repair Tool GbX(R) Shield 0622022100 Removal Tool
Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
30 0.75 Yes No Yes -55C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 6A 8.0 Gbps 0 No 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification PS-75221-999 Sales Drawing SD-75341-001 GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 75341-4446

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X