Part Number Hot Search : 
RU30231R 0100A 5Q1265 0100A VQ36140 ILA8133A DTC144 LA5754MP
Product Description
Full Text Search
 

To Download 71764-0110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0717640110 Active
2.54mm (.100") Pitch C-Grid(R) Breakaway Header, Low Profile, Dual Row, Right Angle, High Temperature, 10 Circuits, 0.38m (15") Gold (Au) Selective Plating
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-71764 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Headers 71764 Board-to-Board, Wire-to-Board C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 10 10 Black 50 94V-0 No None Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Right Angle 0.110 In 2.79 mm No None Tube 0.100 In 2.54 mm 15 0.375 75 1.875 No No Yes -40C to +105C Through Hole
Search Parts in this Series 71764Series
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Lead-free Process Capability Process Temperature max. C
SMC & Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-71764 SD-71764-001
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
71764
ITEM NO: 71764-0004/0030, 9003
DIM. C (6.10)/.240 DIM. E (REF.) (2.79)/.110 FINISH TIN CONNECTOR END PLATING TIN P.C. BOARD END PLATING TIN PACKAGING SEE NOTE 4 SHEET 1 CKTS ITEM NUMBER VOIDS 04 71764-0004 06 71764-0006 08 71764-0008 10 71764-0010 12 71764-0012 14 71764-0014 16 71764-0016 18 71764-0018 20 71764-0020 22 71764-0022 24 71764-0024 26 71764-0026 28 71764-0028 30 71764-0030 06 71764-9003 3
ITEM NO: 71764-0104/0130, 9001, 9004
DIM. C (6.10)/.240 DIM. E (REF.) (2.79)/.110 FINISH 15 GOLD CONNECTOR END PLATING GOLD P.C. BOARD END PLATING TIN PACKAGING SEE NOTE 4 SHEET 1 CKTS ITEM NUMBER VOIDS 04 71764-0104 06 71764-0106 08 71764-0108 10 71764-0110 12 71764-0112 14 71764-0114 16 71764-0116 18 71764-0118 20 71764-0120 22 71764-0122 24 71764-0124 26 71764-0126 28 71764-0128 30 71764-0130 06 08 71764-9001 71764-9004 3, 4 5, 6
ITEM NO: 71764-0204/0230, 9000, 9002
DIM. C (6.10)/.240 DIM. E (REF.) (2.79)/.110 PLATING FINISH 30 GOLD CONNECTOR END PLATING GOLD P.C. BOARD END PLATING TIN PACKAGING SEE NOTE 4 SHEET 1 CKTS ITEM NUMBER VOIDS 04 71764-0204 06 71764-0206 08 71764-0208 10 71764-0210 12 71764-0212 14 71764-0214 16 71764-0216 18 71764-0218 20 71764-0220 22 71764-0222 24 71764-0224 26 71764-0226 28 71764-0228 30 71764-0230 06 10 71764-9002 71764-9000 3, 4 8
REV:
ECR/ECN INFORMATION EC No: DATE:
TITLE:
A
UCP2007-0449 2006-08-18 PRIDDER
DUAL ROW WAFER ASS'Y W/ BREAK-OFF OPTION RT. ANG. (0.64)/.025 SQ PINS
CREATED / REVISED BY: CHECKED BY:
SHEET No.
-2APPROVED BY:
DOCUMENT NUMBER:
SD-71764-001
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
71764
ITEM NO: 71764-0304/0330
DIM. C (8.13)/.320 DIM. E (REF.) (2.79)/.110 PLATING FINISH TIN CONNECTOR END PLATING TIN P.C. BOARD END PLATING TIN PACKAGING SEE NOTE 4 SHEET 1 CKTS ITEM NUMBER VOIDS 04 71764-0304 06 71764-0306 08 71764-0308 10 71764-0310 12 71764-0312 14 71764-0314 16 71764-0316 18 71764-0318 20 71764-0320 22 71764-0322 24 71764-0324 26 71764-0326 28 71764-0328 30 71764-0330
ITEM NO: 71764-0404/0430
DIM. C (8.13)/.320 DIM. E (REF.) (2.79)/.110 PLATING FINISH 15 GOLD CONNECTOR END PLATING GOLD P.C. BOARD END PLATING TIN PACKAGING SEE NOTE 4 SHEET 1 CKTS ITEM NUMBER VOIDS 04 71764-0404 06 71764-0406 08 71764-0408 10 71764-0410 12 71764-0412 14 71764-0414 16 71764-0416 18 71764-0418 20 71764-0420 22 71764-0422 24 71764-0424 26 71764-0426 28 71764-0428 30 71764-0430
ITEM NO: 71764-0504/0530
DIM. C (8.13)/.320 DIM. E (REF.) (2.79)/.110 PLATING FINISH 30 GOLD CONNECTOR END PLATING GOLD P.C. BOARD END PLATING TIN PACKAGING SEE NOTE 4 SHEET 1 CKTS ITEM NUMBER VOIDS 04 71764-0504 06 71764-0506 08 71764-0508 10 71764-0510 12 71764-0512 14 71764-0514 16 71764-0516 18 71764-0518 20 71764-0520 22 71764-0522 24 71764-0524 26 71764-0526 28 71764-0528 30 71764-0530
REV:
ECR/ECN INFORMATION EC No: DATE:
TITLE:
A
UCP2007-0449 2006-08-18 PRIDDER
DUAL ROW WAFER ASS'Y W/ BREAK-OFF OPTION RT. ANG. (0.64)/.025 SQ PINS
CREATED / REVISED BY: CHECKED BY:
SHEET No.
-3APPROVED BY:
DOCUMENT NUMBER:
SD-71764-001
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC


▲Up To Search▲   

 
Price & Availability of 71764-0110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X