Part Number Hot Search : 
B080000 D1704 LTC340 PTB20191 TQQ1231 SQFP80 M39432NC SLA70
Product Description
Full Text Search
 

To Download 31387-4009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0313874009 Active
mx123_sealed_connection_systems 2.54mm (.100") Pitch, MX123TM Female Header, 80 Circuits Shrouded Assembly, 0.64mm (.025") Square Pins, Harness Side Key Code G, Blue
Documents: Drawing (PDF) Product Specification PS-34566-0000 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 31387 Wire-to-Board mx123_sealed_connection_systems MX123
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Termination Interface: Style No 80 80 Gray No No No None Yes Copper Alloy Tin Nickel Nylon Alloy 4 Vertical 0.255 In 6.50 mm No None Carton 0.100 In 2.50 mm 0.100 In 2.50 mm Yes No Yes No No Through Hole
Search Parts in this Series 31387Series Mates With MX123TM Female Receptacle Housing 34566 , 34576 Use With 33467 MX64 Female Terminals
Electrical
Current - Maximum per Contact Voltage - Maximum 11A 500V
Material Info Reference - Drawing Numbers
Packaging Specification PK-31300-840
Product Specification Sales Drawing
PS-34566-0000 SD-31387-080
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 31387-4009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X