Part Number Hot Search : 
MAX197BC A5800 HD64F3 LVC1G0 C5571 80N30W S1T8501 SM6802
Product Description
Full Text Search
 

To Download 310-024103-022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filtered Low Noise Ampli er
SPECTRUM MICROWAVE
P/N: 310-024103-022
For GPS Applications
1575 MHz
This series of Low Noise Amplifiers provides a filtered, low-noise gain solution ideal for applications where higher reliability is critical. These filtered low noise amplifiers are designed to reduce out-of-band interference while achieving high dynamic range. A 3-pole ceramic filter selects only the desired GPS positioning signal while the low-noise gain stage maintains the receiving system's sensitivity. The LNA rejects undesired signals by at least 40 dB at 1050, 1410, and 1710 MHz. See the graphs on Page 2 for return loss, rejections, and gain of a typical unit. The preamplifier is powered by DC voltage applied to the center conductor of the output connector. Optionally, the unit can be powered through an external DC bias connector.
P/N: 310-024103-022
Typical Performance Speci cations
Frequency. . . . . . . . . . . . . 1575.42 MHz (L1) Bandwidth . . . . . . . . . . . . 30 MHz min. Noise gure . . . . . . . . . . . 2.0 dB max. VSWR . . . . . . . . . . . . . . . 1.5:1 max. Gain . . . . . . . . . . . . . . . . 14 dB min. Gain Flatness . . . . . . . . . . +/-0.5 dB Rejection . . . . . . . . . . . . . 40 dB @ 1050, 1410, 1710 MHz Bias . . . . . . . . . . . . . . . . . Ext Bias, MR01 DC Power . . . . . . . . . . . . 16-32 VDC Temperature Range. . . . . . -40C to +71C
All specifications above measured at 25
Features and Bene ts
Noise figure 1.6 dB typical Filtered preamp filters Lightweight aluminum housing Single band (L1) performance Coaxial and external bias options Environmental sealing available Application specific packages available L5 configurations available upon request
Dimensions and Connections
Antenna port J1 Receiver port J2 External bias J3 SMA type female connectors 2.20"o x 0.080"H excluding connectors Optional Bias cable is available to simplify testing
and evaluation (P/N: A020-0560)
Chassis is machined aluminum with a nickel plate finish.
Block Diagram
Noise Figures
GPS Band Freq (MHz) 1565 1575 1585 NF (dB) 1.60 1.60 1.60
L1
S-Parameters for this model are available on our website. LNA parameters include noise data.
CERTIFIED
SPECTRUM MICROWAVE * 38166 Old Stage Road * Delmar, Delaware 19940 * Phone: 302-846-2750 * Fax: 302-846-3888 SPECTRUM MICROWAVE * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * Phone: 215-464-4000 * Fax: 215-464-4001
www.SpectrumMicrowave.com
Filtered Low Noise Ampli er
1575 MHz
Ampli er Gain
40 30 20 10 0 -10 -20 1400
DB(|S[2,1]|)*
Return Loss
0
DB(|S[1,1]|)*
Gain in dB
Loss in dB
-10
-20
DB(|S[2,2]|)
1500
1600 Frequency (MHz)
1700
1750
-30 1051
1251
1451 Frequency (MHz)
1651
1751
Dimensions
(inches)
1.00 o2.72 4X o .17 thru
2X SMA Female Connector 1.79 .51 J1 2.15 J1 J2 J3 MR01 Series Connector 2.20
1.36 J2 J3
1.79
.51 .23
.80
www.SpectrumMicrowave.com SPECTRUM MICROWAVE * 38166 Old Stage Road * Delmar, Delaware 19940 * Phone: 302-846-2750 * Fax: 302-846-3888 SPECTRUM MICROWAVE * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * Phone: 215-464-4000 * Fax: 215-464-4001


▲Up To Search▲   

 
Price & Availability of 310-024103-022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X