Part Number Hot Search : 
87C51FB XTA3N120 M51981ML D1616 1N4734A NTD92B 74T1AEF 1N4734A
Product Description
Full Text Search
 

To Download 142H-532-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMERCIAL LASERS
Continuous Wave (CW) Single Frequency Green Laser NPRO(R) 142 Series
Key Features
* 532 nm output * Proven nonplanar ring oscillator (NPRO) design * Superior power stability * Narrow linewidth * Ease of use
Applications
* * * * *
Interferometry Holography Printing Detection Inspection
The JDSU NPRO 142 series is a compact, low-noise, 532 nm, CW laser for use in applications including interferometry, holography, printing, detection, and inspection. Each NPRO 142 features superior power and pointing stability, with a round, nearly diffraction-limited beam all in a compact package. All control electronics are contained within a small laser head in this OEM design. Only a basic DC power source is required to drive the laser. At the heart of each NPRO 142 laser is JDS Uniphase's unique, monolithic NPRO laser cavity delivering true single-frequency laser output. Since its initial development in 1985, NPRO technology has demonstrated a record of reliability and top-level performance. NPRO lasers are built in a compact, OEM-friendly package. All necessary control electronics are onboard the laser head allowing for easy integration with existing systems or new product platforms.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
CW SINGLE FREQUENCY GREEN LASER
2
NPRO 142 Laser Head (Specifications in inches [mm] unless otherwise noted.)
8.00 [203.7] 7.75 [197.0] 0.56 [14.26]
TOP VIEW
2.00 [50.8]
7.61 [193.29]
FRONT
1.29 [32.7]
1.55 [39.3]
CLOSE
SIDE VIEW
1.00 [25.4]
NPRO
(R)
2.26 [57.4]
142 SERIES
CW SINGLE FREQUENCY GREEN LASER
3
NPRO 142 Specifications
Parameter Wavelength CW power options Spatial mode Longitudinal mode Linewidth (high-stability option only) Coherence length, calculated (high-stability option only) Frequency drift (high-stability option only) 1 Amplitude noise, 10 Hz to 2 MHz Power drift over 8 hours 2 Polarization, linear 3 Times diffraction limit Beam pointing stability 4 Waist diameter, at window, 1/e2 Beam divergence, full angle Beam roundness, far field Alignment tolerance Beam position Beam angle Warm-up time, from cold start (AC off) Dimension Laser head size (W x H x D) Weight
1. Base temperature constant to within <2 C, total range, after 30 minute warm-up. 2. Base temperature constant to within <5 C, total range. 3. Ratio of maximum transmission to minimum transmission, nominally horizontal.
142H-532-xxx 532 nm >100, 200, 300, 400, 500 mW TEM00 Single frequency <10 kHz/ms >1000 m <10 MHz/minute <0.2% rms <5% peak-to-peak >100:1, horizontal M2<1.1 <0.01 mrad 0.42 mm nominal 1.6 mrad nominal <10% elliptical <1 mm <15 mrad 10 minutes 6 x 8 x 20 cm 1.2 kg (2.65 lbs)
4. Deviation from centroid, measured over 1 hour, after 30 minute warm-up and with base temperature constant to within <2 C, total range.
NPRO 142 Integration Requirements
Parameter Input and Ambient DC voltage/current, maximum Operating base temperature Storage temperature Relative humidity, non-condensing
Specification
5 V/4 A, 12 V/4 A, -12 V/0.5 A 15 to 35 C -20 to 50 C 10 to 90%
CW SINGLE FREQUENCY GREEN LASER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: 142H-532-100 (532 nm, 100 mW laser head) and 142-OPN-PS-A (standard power supply) Laser Head
Product Code 142H-532-100 142H-532-200 142H-532-300 142H-532-400 142H-532-500 142H-532-100 SF 142H-532-200 SF 142H-532-300 SF 142H-532-400 SF 142H-532-500 SF Description NPRO 142 frequency-doubled, 532 nm, 100 mW laser head NPRO 142 frequency-doubled, 532 nm, 200 mW laser head NPRO 142 frequency-doubled, 532 nm, 300 mW laser head NPRO 142 frequency-doubled, 532 nm, 400 mW laser head NPRO 142 frequency-doubled, 532 nm, 500 mW laser head NPRO 142 frequency-doubled, 532 nm, 100 mW, SF option includes linewidth spec of <10 kHz/msec laser head NPRO 142 frequency-doubled, 532 nm, 200 mW, SF option includes linewidth spec of <10 kHz/msec laser head NPRO 142 frequency-doubled, 532 nm, 300 mW, SF option includes linewidth spec of <10 kHz/msec laser head NPRO 142 frequency-doubled, 532 nm, 400 mW, SF option includes linewidth spec of <10 kHz/msec laser head NPRO 142 frequency-doubled, 532 nm, 500 mW, SF option includes linewidth spec of <10 kHz/msec laser head
Power Supply
Product Code 142-OPN-PS-A Description Standard power supply
Safety Label
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10143150 Rev. 001 01/06 NRPRO142.DS.CL.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of 142H-532-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X