Part Number Hot Search : 
BAT54W URF1620 SLE4406 300AC6 C8108 SDR625G E5FSC R80188B
Product Description
Full Text Search
 

To Download 0643241149 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0643241149 Active
cmc_connectors 2.80mm (.110"), CMC CP Female Terminal, Tin plated, Selective 1.27m Gold in Contact Area, for Tab Dimensions 2.8mm x 0.8mm , Wire Size 0.50mm to 1mm
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Comments Crimp Terminals 64324 * Current tested on a fully loaded connector, current for temperature increase of 40C. Curent max = 21.0A for 2.8mm Terminal (5.0mm wire) Yes cmc_connectors CP Terminal
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Crimp Quality Equipment Overview Product Name
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 20 Female High Copper Gold Gold Reel 50.8 1.27 Crimp or Compression 1.40mm-2.15mm N/A 0.5 - 1.0
Search Parts in this Series 64324Series Mates With CMC Connector 64318 , 64321. CMC Wire Seal 64325 Use With CMC Connector 64318 , 64321. CMC Wire Seal 64325 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool for 0638193400 CP 2.8 Receptacle 18-20 AWG Type TXL Wire and 0.50-0.75mm2 Type
Electrical
Current - Maximum per Contact Voltage - Maximum 21A 250V AC
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-98910-001 SD-64324-001
ID & ID Wire with 2.80mm (.110"), CMC Wire Seal Receptacle Hand Crimp Tool for 0638193500 CP 2.8 Receptacle 1.00mm Type ID & ID Wire with 2.80mm2 (.110"), CMC Wire Seal Receptacle Mini-MacTM 0638951200 Applicator for CP2.8 Terminals, 0.50-1.00mm ID & IR Wire Extraction Tool 0638132500
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0643241149

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X