Part Number Hot Search : 
STRT71X TIC206A BZX55B39 LV5806 MO8651 BYV15 W1T1G CTLZ6V8
Product Description
Full Text Search
 

To Download 0643241019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0643241019 Active
cmc_connectors 2.80mm (.110"), CMC CP Female Terminal, Tin plated, for Tab Dimensions 2.8mm x 0.8mm , Wire Size > 3mm - 5mm
Documents: 3D Model Drawing (PDF) Product Specification PS-64318-001 (PDF)
Product Specification PS-64321-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Comments Crimp Terminals 64324 * Current tested on a fully loaded connector, current for temperature increase of 40C. Curent max = 21.0A for 2.8mm Terminal (5.0mm wire)* Yes cmc_connectors CP Terminal EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Crimp Quality Equipment Overview Product Name
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 20 Female High Copper Tin Tin Reel 40.00 1.000 Crimp or Compression 3.40mm-4.00mm N/A > 3.0 - 5.0
Search Parts in this Series 64324Series Mates With CMC Connector 64318 , 64321. CMC Wire Seal 64325 Use With CMC Connector 64318 , 64321. CMC Wire Seal 64325 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool for 0638119900 CP 2.8 Receptacle 12-10 AWG Type TXL Wire and >3.00-5.00mm2
Electrical
Current - Maximum per Contact Voltage - Maximum 21A 250V AC
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-64321-001 PK-98910-001 PS-64318-001, PS-64321-001 SD-64324-001
Type ID & ID Wire with 2.80mm (.110"), CMC Wire Seal Receptacle Mini-MacTM 0638950900 Applicator for CP2.8 Crimp Terminals 3.00 - 5.0mm2 type ID & IR Wire Extraction Tool 0638132500
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0643241019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X