Part Number Hot Search : 
HT82M398 CXA192 32024 BG3045C 25X25 SGSF324 AD8598 64000
Product Description
Full Text Search
 

To Download 0481410003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 02/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0481410003 Active
2.50mm (.098") Pitch, SDIO Memory Card Connector without Card Lock Pin, Reverse Mount, Stand Off Height 1.20mm (.047"), supports SD/MMC Cards, Lead-Free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Comments Component Type Product Name Type Memory Card Sockets 48141 Push-Push Supports SD/MMC Cards . With reinforced housing guide Header & Ejector (Host) SDIO N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Ports Surface Mount Compatible (SMC) Temperature Range - Operating Yes 9 9 10,000 No Ejector Button Present 90 Angle (Side Entry) Yes Copper Alloy Gold Gold High Temperature Thermoplastic Yes Reverse Yes Embossed Tape on Reel 0.098 In 2.50 mm 0.066 In, 0.098 In 1.70 mm, 2.50 mm 1 Yes -25C to +90C
Search Parts in this Series 48141Series Mates With Standard SD, MMC Cards
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 250V DC
Material Info Reference - Drawing Numbers
Sales Drawing SD-48141-002
This document was generated on 02/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0481410003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X