Part Number Hot Search : 
SMBJ100 2A224K 5367B C2050 P6KE33 VC00P 20PFI BL9328
Product Description
Full Text Search
 

To Download 0475860001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0475860001 Active
Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
Product Specification PS-47586-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Component Type Product Name Other Sockets 47586 Socket Camera Socket image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 24 24 Contact Molex Vertical (Top Entry) Yes Copper Alloy Gold Gold High Temperature Thermoplastic No N/A Embossed Tape on Reel 0.035 In 0.90 mm 0.035 In 0.90 mm 12 0.3 1 0.025 N/A Surface Mount
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 47586Series Mates With Camera Module Use With 47586-0004 Cap
Electrical
Current - Maximum per Contact Voltage - Maximum Contact Molex N/A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47586-001 SD-47586-001
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0475860001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X