Part Number Hot Search : 
OM7915SR BAS17 EVKIT BGY588C 233FUZ N4119 CY3670 CCF6068R
Product Description
Full Text Search
 

To Download 0472820001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0472820001 Active
pogo_pins 2.00mm (.079") Pitch Po-Go Pin Connector, Surface Mount, Right Angle, 4 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47282-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 47282 Board-to-Board Action Height: 5.60mm (.220") pogo_pins PoGo Pin EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 4 4 Black 20,000 No No No None None 0.220 In 5.60 mm Gold Gold High Temperature Thermoplastic 1 Right Angle No Yes Embossed Tape on Reel 0.079 In 2.00 mm 40 1.00 No No No No -40C to +85C Surface Mount
Search Parts in this Series 47282Series
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 12V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) 30
Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
Reflow Capable (SMT only) 2 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47282-001 PS-47282-001 SD-47282-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0472820001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X