Part Number Hot Search : 
2SK1313 100A1 ULCE20A HD74LV BS62L XBNXXX 16211 ADP1853
Product Description
Full Text Search
 

To Download 0196001308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: Drawing (PDF)
0196001308 Active
AvikrimpTM Fully Insulated Female Quick Disconnect
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR18689 E79133 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 19600 Yes AvikrimpTM Quick Disconnect
Physical
Barrel Type Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Orientation Packaging Type Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Closed 94V-2 Female No Nylon (PA) None Brass Straight Adhesive Tape on Reel No 0.81mm (.032") 4.75mm (.187") -65C to +105C 6.89x4.32mm (.270x.170") max. 16+16, 18+18, 20+20, 22+22
Search Parts in this Series 19600Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # ATP Perishable 0190270001 Tool Kit used in ATP Presses that Process Product on Tape, for 2 Wires 18-22 AWG ATP Perishable 0190270011 Tool Kit used in ATP Presses that Process Product on Tape, for 2 Wires with 16 AWG
Electrical
Voltage - Maximum 300V
Material Info Reference - Drawing Numbers
Sales Drawing SD-19600-1300
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0196001308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X