Part Number Hot Search : 
TA8186 0T024 0T024 UR18650Y MJE1102 OV7141 152M50 BR8D5
Product Description
Full Text Search
 

To Download 0039305049 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039305049 Active
Mini-Fit Jr.TM 4.20mm (.165") Pitch Mini-Fit Jr.TM Header, Single Row, Vertical, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, with Drain Holes
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments PCB Headers 5566 Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information.. High Temperature, Square Pin, Solder Type Mini-Fit Jr.TM Mini-Fit Jr.TM
Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) No 4 4 Natural 30 No 94V-2 No No None Yes Brass Tin Tin Nylon 1 Vertical 0.138 In 3.50 mm Yes Yes 0.062 In 1.60 mm Tray 0.165 In 4.20 mm Search Parts in this Series 5566Series Mates With 5557 Mini-Fit Jr.TM Receptacle Housing
Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
0.165 In 4.20 mm 101.6 2.54 101.6 2.54 Yes Yes Fully No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 13A 600V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info
Old Part Number 5566-04B3S
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-5566-002 PS-5556-001 SDA-5566-NL* TS-5556-002
This document was generated on 05/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039305049

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X