Part Number Hot Search : 
VND7N VCH162 AOU417 D27512 54AC153 MS4024F OPI110 NTS0104
Product Description
Full Text Search
 

To Download ZMM5267B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
ZMM5221B - ZMM5267B
VZ : 2.4 to 75 V PD : 500 mW
FEATURES :
* Silicon planar zener diodes * Standard Zener voltage tolerance is 5% * Other tolerances are available upon request. * These diodes are also available in the DO-35 case with the type designation 1N5221B ... 1N5267B, * Pb / RoHS Free
ZENER DIODES
MiniMELF (SOD-80C)
Cathode Mark
0.063 (1.64)
0.055 (1.40) 0.142(3.6) 0.134(3.4) 0.019(0.48) 0.011(0.28)
Mounting Pad Layout
0.098 (2.50) Max. 0.049 (1.25)Min.
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C) * Weight : 0.05 gram (approximately)
0.197 (5.00) REF 0.079 (2.00)Min.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specifie.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. Power Dissipation at Ta = 75 C Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range VF PD RJA TJ TSTG 1.1 500 300
(1) (1)
Symbol
Value
Unit
V mW C/W C C
175 -65 to + 150
Note: (1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 03 : July 17, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Nominal Zener Test (3) Current Voltage Type VZ @ I ZT (V)
ZMM5221B ZMM5222B ZMM5223B ZMM5224B ZMM5225B ZMM5226B ZMM5227B ZMM5228B ZMM5229B ZMM5230B ZMM5231B ZMM5232B ZMM5233B ZMM5234B ZMM5235B ZMM5236B ZMM5237B ZMM5238B ZMM5239B ZMM5240B ZMM5241B ZMM5242B ZMM5243B ZMM5244B ZMM5245B ZMM5246B ZMM5247B ZMM5248B ZMM5249B ZMM5250B ZMM5251B ZMM5252B ZMM5253B ZMM5254B ZMM5255B ZMM5256B ZMM5257B ZMM5258B ZMM5259B ZMM5260B ZMM5261B ZMM5262B ZMM5263B ZMM5264B ZMM5265B ZMM5266B ZMM5267B Notes : 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
IZT (mA)
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7
Maximum Zener Impedance (1) ZZK @ ZZT @ I ZT IZK = 0.25mA () ()
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700
Maximum Reverse Leakage Current IR (A)
100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
@ VR (V)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
Typical Temperature Coefficient VZ(%/ C)
-0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098
Maximum Regulator (2) Current IZM (mA)
190 182 168 162 152 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.6 10.6 9.7 8.9 -
(1) The Zener impedance is derived from the 1kHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on I ZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units (2) Valid provided that electrodes are kept at ambient temperature (3) Standard Zener voltage tolerance is 5% tolerance.
Page 2 of 2
Rev. 03 : July 17, 2006


▲Up To Search▲   

 
Price & Availability of ZMM5267B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X