Part Number Hot Search : 
P3500 107M0 XXB44 BD8105FV X25650AE D4538 7WU04 CPH3115
Product Description
Full Text Search
 

To Download TEM71-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thermoelectric Module
The thermoelectric Module (TEM) is a solid semiconductor thermoelectric device. Its operation is based on the Peltier effect. For containers of limited dimensions TEM provides and maintains volume temperature below ambient temperature. Construction N-andP-typesemiconductorelementsareconnectedinaspecificsequenceandsolderedbetween two ceramic plates. Direct voltage, applied to the TEM's leads, provides heat absorption on the surface of one of the ceramic plates and heat emanation at the opposite plate. Thus, the effect of heat pump is achieved. The temperature difference between the opposite sides of TEM may reach up to 70 C. Type Paramertres Umax, Qmax, W Dmax, One stage TEMs 4 13 9 29 16 53 16 53 8x2 27,0x2 25 84 16 148 14,2 34 13,5 25 13,2 20 12,2 16 14,5 67 15,0 33 26,0 48 18,0 50 22,5 100 14,5 100 3,5 85 26,0 89 27,5 120 Two stage TEMs 16 34 16 35 20 36 70 70 70 70 70 70 69 70 70 70 70 70 70 70 70 70 70 50 70 70 70 70 70 Thickness, mm 3,4 3,4 3,4 4,0 3,4 3,4 3,1 3,1 3,5 3,9 4,4 3,6 4,9 3,5 3,4 3,1 3,4 4,15 3,5 3,1 7,3 7,1 7,8
Imax, 6 6 6 6 6 6 16 3,6 2,6 2,1 1,6 7,1 3,6 2,6 4,1 7,1 11,1 11,6 5,6 7,1 5 6 7,5
R, 0,5 1,2 2,2 2,2 1,1 3,5 0,8 3,2 4,3 5,4 6,7 1,7 3,4 8,2 3,6 2,6 1,1 0,24 3,93 3,1 2,6 2,4 2,0
TEM31-1,4-1,620,020,0 TEM71-1,4-1,630,030,0 TEM127-1,4-1,638,038,0 TEM127-1,4-1,640,040,0 TEM2x63-1,4-1,6*40,040,0 TEM199-1,4-1,650,050,0 TEM127-2,0-1,251,051,0 TM127-1,0-1,230,0x30,0 TM127-1,0-1,630,0x30,0 TM127-1,0-2,030,0x30,0 TM127-1,0-2,530,0x30,0 TM127-1,4-1,240,0x40,0 TM127-1,4-2,540,0x40,0 TM241-1,0-1,640,0x40,0 TM161-1,2-1,540,0x40,0 TM199-1,4-1,250,0x50,0 TM127-2,0-1,651,0x51,0 TM72-3,0-1,451,0x51,0 TM219-1,4-1,654,0x54,0 TM241-1,4-1,254,4x54,4 2TEM72/127-240,040,0 2TEM128/127-140,040,0 2TEM72/127-340,040,0
RIF Corporation manufactures according to your request a TEM having heat transfer surfaces from 20x20mm2 up to 51x51mm2 with the current maximum from 2 up to 100A and a maximum T of about 70 K.
http://www.rifcorp.ru/ e-mail: corporation@rifcorp.ru Microelectronics * Thick-Film 5 Heating * Thermoelectric Cooling


▲Up To Search▲   

 
Price & Availability of TEM71-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X