Part Number Hot Search : 
SB1630C 1H330 CGL3K 1344A MCSO1V HA16103 180N75 CGL3K
Product Description
Full Text Search
 

To Download SUR6030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR6030 thru SUR6060
Ultra Fast Recovery Epitaxial Diodes
Dimensions TO-247AC A C(TAB) C A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode VRSM V 300 400 600 VRRM V 300 400 600
SUR6030 SUR6040 SUR6060
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=70oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 60 800 550 600 480 520 1510 1490 1150 1120 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
166 0.8...1.2 6
W Nm g
SUR6030 thru SUR6060
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=70A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 200 100 14 1.5 1.8 1.13 4.7 0.75 0.25 35
Unit uA uA mA V V m K/W
IR
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=350V; IF=60A; -diF/dt=480A/us; L<0.05uH; TVJ=100 C
o
35 19
50 21
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR6030 thru SUR6060
Ultra Fast Recovery Epitaxial Diodes
Fig. 1 Forward current versus voltage drop.
Fig. 2 Recovery charge versus -diF/dt.
Fig. 3 Peak reverse current versus -diF/dt.
Fig. 4 Dynamic parameters versus junction temperature.
Fig. 5 Recovery time versus -diF/dt.
Fig. 6 Peak forward voltage versus diF/dt.
Fig. 7 Transient thermal impedance junction to case.


▲Up To Search▲   

 
Price & Availability of SUR6030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X