Part Number Hot Search : 
M013TR CAT31 DA733 RCP105 F94A5 CA3033 NM60FD 3LN01S
Product Description
Full Text Search
 

To Download SUR60100PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR6080PT thru SUR60120PT
Ultra Fast Recovery Epitaxial Diodes
A C(TAB) A C A
C
A
Dimensions TO-247AD
Dim. A B C D E F G H
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode
SUR6080PT SUR60100PT SUR60120PT
VRSM V 800 1000 1200
VRRM V 800 1000 1200
J K L M N
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=85oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 70 30 375 200 210 185 195 200 180 170 160 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
138 0.8...1.2 6
W Nm g
SUR6080PT thru SUR60120PT
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=30A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 750 250 7 2.2 2.55 1.65 18.2 0.9 0.25 35
Unit uA uA mA V V m K/W
IR
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=100A/us; VR=30V; TVJ=25oC _ VR=350V; IF=30A; -diF/dt=240A/us; L<0.05uH; TVJ=100 C
o
40 16
60 18
ns A
FEATURES
* International standard package JEDEC TO-247AD * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR6080PT thru SUR60120PT
Ultra Fast Recovery Epitaxial Diodes
70 A 60 50 IF 40 30 20 10 0 0 1 VF 2 3 V 4 1 0 1 10 -diF/dt 100 A/s 1000 4 TVJ=25C TVJ=100C TVJ=150C Qr 3 2 max. typ. 6 T =100C C VVJ= 540V R 5 IF=30A IF=60A IF=30A IF=15A
50 A 40
IRM
TVJ=100C VR= 540V IF=30A IF=60A IF=30A IF=15A max.
30
20 typ. 10
0 0 200
-diF/dt
400 A/s 600
F ig. 1 F orward current vers us voltage drop.
1.4 1.2 1.0 Kf 0.8 0.6
F ig. 2 R ecovery charge vers us -diF /dt.
F ig. 3 P eak revers e current vers us -diF /dt.
60 1200 ns 1000 VFR 800 tfr 30 20 600 400 tfr
1.0 s 0.8 TVJ=100C VR=540V
V 50 40 VFR
IRM
trr
max. 0.6
IF=30A IF=60A IF=30A IF=15A
QR
0.4
0.4
0.2 0.2 0.0 0 40 TJ 80 120 C 160 0.0 0 200 -diF/dt 400 A/s 600 typ.
10 0 0 200 diF/dt
TVJ=125C IF=30A 400 A/s 600
200 0
F ig. 4 Dynamic parameters vers us junction temperature.
1.0 K/W 0.8 ZthJC 0.6
F ig. 5 R ecovery time vers us -diF /dt.
F ig. 6 P eak forward voltage vers us diF /dt.
0.4
0.2
0.0 0.001
0.01
0.1 t
1
s
10
F ig. 7 T rans ient thermal impedance junction to cas e.


▲Up To Search▲   

 
Price & Availability of SUR60100PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X