Part Number Hot Search : 
80010 B1016 OP37EP TT330N1 UF308G LTC29 SES5V TEA6846
Product Description
Full Text Search
 

To Download SM1415-50LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM1415-50LD
1400-1500 MHz 100 Watt Power Amplifier
The SM1415-50LD is a 1400-1500 MHz LDMOS amplifier designed for various military and commercial applicatons.
Features * * * Mis-Match Protected Single Power Supply Temperature Compensation
Parameter Frequency Range RF Power @ 1dB compression point Linear Gain Gain Flatness over Full Band Input VSWR Output VSWR (Built-in Isolator) DC Input Voltage DC Current Operating
Specification 1400 - 1500 MHz 50 dBm 54 dB 1 dB .75 dB -18 dB (min) -17 dB (min) + 28 Volts 15 Amperes @ +50dBm (max.) 8.0 x 4.0 x .8 inches SMA Female -30o C to +85o C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * * Forward/Reverse Power Detection Temperature Monitor Logic On/Off Control Heatsink
Configurations * * * Module 19" Rack Bench-top Lab Unit
Mechanical Dimensions Without Heatsink RF Connectors Operating Temperature Operating Humidity Operating Altitude
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM1415-50LD
1400-1500 MHz 100 Watt Power Amplifier
DIMENSIONS IN INCHES
RF OUT
R F IN
+ 1
J2
2 3
4
J1
DC Connector: 4 Pin Lock Header (J2) Pins 1,2 Purple Pins 3,4 Black Alarm/Control Connector: 10 Pin Box Header (J1) Pin 1 Orange/White Pin 2 Black Pin 3 Gray Pin 4 Yellow/White Pin 5 Green Pin 6 Blue Pin 7 White Pin 8 Pin 9 Pin 10 Brown/White Brown Black
Function Supply Voltage (+28V) GND (-) Function Alarm Summary GND Forward Power Detection (5V @ P1dB) Vendor ID Logic On/Off (0V = Off, 5V = On) Temperature Monitor (5V @ 80 degC) Reflected Power Detection (5V @ P1dB output into an open load) N/C N/C GND
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM1415-50LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X