Part Number Hot Search : 
DSB1A40 1929F L7805T R1000 C2525A A5800285 XXXGP RE46C101
Product Description
Full Text Search
 

To Download SKY13322-375LF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SKY13322-375LF: 0.1-6.0 GHz GaAs SP4T Switch
Applications
Multiband telecommunications up to 6 GHz
Description
The SKY13322-375LF is a GaAs FET I/C single-pole, four-throw (SP4T) switch. This general purpose switch is an ideal choice for a variety of multiband telecommunication applications up to 6 GHz. The switch is manufactured in a compact, 2 x 3 mm, 10-pin exposed pad plastic Micro Leadframe Package Dual (MLPD) package. A functional block diagram is shown in Figure 1. The pin configuration and package are shown in Figure 2. Signal pin assignments and functional pin descriptions are provided in Table 1.
Features
Broadband frequency range: 0.1-6.0 GHz Low insertion loss: 0.45 dB @ 1 GHz Very high isolation: 28 dB @ 1 GHz Excellent linearity peformance: P1dB = +30 dBm @ 3.3 V Operating voltage range from 1.8 to 5.0 V Small, MLPD (10-pin, 2 x 3 mm) package (MSL1, 260 C per JEDEC J-STD-020)
J2
J4
J2 V2
1
10
J4 V4 RFC V3 J3
2
9
RFC
N/C V1
3
8
4
7
J1
J3
J1
5
6
S1537
S1538
Figure 1. SKY13322-375LF Block Diagram
Figure 2. SKY13322-375LF Pinout - 10-Pin MLPD (Top View)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201098C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * August 4, 2010 1
DATA SHEET * SKY13322-375LF SP4T SWITCH
Table 1. SKY13322-375LF Signal Descriptions
Pin # 1 2 3 4 5 J2 V2 N/C V1 J1 Name Description RF output (Note 1) DC control voltage No connection DC control voltage RF output (Note 1) Pin # 6 7 8 9 10 J3 V3 RFC V4 J4 Name Description RF output (Note 1) DC control voltage RF common input (Note 1) DC control voltage RF output (Note 1)
Note 1: A 47 pF blocking capacitor is required for >1 GHz operation. Use larger value capacitors for lower frequency operation.
Table 2. SKY13322-375LF Absolute Maximum Ratings
Parameter Input power Voltage range Storage temperature Operating temperature
Note:
Symbol PIN VCTL TSTG TOP
Minimum
Typical +33 6
Maximum
Units dBm V C C
-65 -40
+150 +85
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY13322-375LF Recommended Operating Conditions
Parameter Frequency Control voltage: Low High f VCTL_L VCTL_H Symbol Minimum 0.1 0 1.8 Typical Maximum 6.0 0.2 5.0 Units GHz V V
3.3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13322-375LF are provided in Table 2. The recommended operating conditions are specified in Table 3 and electrical specifications are provided in Table 4.
Typical performance characteristics of the SKY13322-375LF are illustrated in Figures 3 through 8. The state of the SKY13322-375LF is determined by the logic provided in Table 5.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
2 August 4, 2010 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * 201098C
DATA SHEET * SKY13322-375LF SP4T SWITCH
Table 4. SKY13322-375LF Electrical Specifications (Note 1) (VCTL = 0 V and +3.3 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50 , Unless Otherwise Noted)
Parameter Insertion loss IL Symbol Test Condition 0.1-1.0 GHz 1.0-2.5 GHz 2.5-3.0 GHz 3.0-4.0 GHz 4.0-6.0 GHz 0.1-1.0 GHz 1.0-2.5 GHz 2.5-3.0 GHz 3.0-4.0 GHz 4.0-6.0 GHz 0.1-1.0 GHz 1.0-2.5 GHz 2.5-3.0 GHz 3.0-4.0 GHz 4.0-6.0 GHz 10/90% or 90/10% RF 50% VCTL to 90/10% RF 26 23 23 23 15 15 15 10 Min Typical 0.45 0.60 0.75 1.00 2.00 28 26 27 27 18 22 22 22 13 7.5 60 60 40 IP1dB f = 0.9 GHz/2.45 GHz VCTL = 0 V/1.8 V, VCTL = 0 V/2.7 V VCTL = 0 V/3.3 V f = 48 MHz, VCTL = 0 V/2.7 V 0.1 dB Input Compression Point IP0.1dB f = 0.9 GHz/2.45 GHz VCTL = 0 V/1.8 V, VCTL = 0 V/2.7 V VCTL = 0 V/3.3 V f = 48 MHz, VCTL = 0 V/2.7 V Input IP3 IIP3 PIN = +15 dBm/tone, tone spacing = 1 MHz f = 0.9 GHz, f = 2.45 GHz 2nd harmonic 2fo PIN = +17 dBm f = 0.9 GHz f = 2.45 GHz 3rd harmonic 3fo PIN = +17 dBm f = 0.9 GHz f = 2.45 GHz Supply current ICC VCTL = 1.8 V to 5.0 V 70 65 5 dBc dBc A 76 70 dBc dBc +54 +51 dBm dBm +17.5 +24.5 +27.0 +19.5 dBm dBm dBm dBm +21.0 +27.5 +30.0 +23.5 dBm dBm dBm dBm Max 0.60 0.75 0.95 1.25 Units dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB ns ns mV
Isolation
Iso
Return loss (insertion loss state)
Switching characteristics: Rise/fall time On/off time Video feedthrough 1 dB Input Compression Point
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201098C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * August 4, 2010 3
DATA SHEET * SKY13322-375LF SP4T SWITCH
Typical Performance Characteristics
(VCTL = 0 V and +3.3 V, TOP = +25 C, PIN = 0 dBm, Characteristic Impedance [ZO] = 50 , Blocking Capacitors = 47 pF, Unless Otherwise Noted)
0
0
-10
-0.5
-20
Insertion Loss (dB)
Isolation (dB)
-1.0
-30
-1.5
RFC to J1 RFC to J2 RFC to J3 RFC to J4
-40
-50 -60
-2.0
RFC to J2 RFC to J3 RFC to J4
-2.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
-70 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
Frequency (GHz)
Figure 3. Insertion Loss vs Frequency
Figure 4. Isolation vs Frequency (RFC to J1 Insertion Loss State)
0
0
-10
-10
-20
-20
Isolation (dB)
Isolation (dB)
-30
-30
-40
-40
-50 -60
RFC to J1 RFC to J3 RFC to J4
-50 -60
RFC to J1 RFC to J2 RFC to J4
-70 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
-70 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Frequency (GHz)
Frequency (GHz)
Figure 5. Isolation vs Frequency (RFC to J2 Insertion Loss State)
Figure 6. Isolation vs Frequency (RFC to J3 Insertion Loss State)
0
0 -5
-10
-10 -15
-20
Return Loss (dB)
Isolation (dB)
-20 -25 -30 -35 -40 -45 -50
-30
-40
-50 -60
RFC to J1 RFC to J2 RFC to J3
RFC to J1 RFC to J2 RFC to J3 RFC to J4
-70 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Frequency (GHz)
Figure 7. Isolation vs Frequency (RFC to J4 Insertion Loss State)
Figure 8. RFC Return Loss vs Frequency
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
4 August 4, 2010 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * 201098C
DATA SHEET * SKY13322-375LF SP4T SWITCH
Table 5. SKY13322-375LF Truth Table
V1 (Pin 4) 1 0 0 0
Note:
V2 (Pin 2) 0 1 0 0
V3 (Pin 7) 0 0 1 0
V4 (Pin 9) 0 0 0 1
RFC to J1 Insertion loss Isolation Isolation Isolation
RFC to J2 Isolation Insertion loss Isolation Isolation
RFC to J3 Isolation Isolation Insertion loss Isolation
RFC to J4 Isolation Isolation Isolation Insertion loss
"1" = +1.8 V to +5 V. "0" = 0 V to +0.2 V. Any state other than described in this Table places the switch into an undefined state. An undefined state will not damage the device.
Evaluation Board Description
The SKY13322-375LF Evaluation Board is used to test the performance of the SKY13322-375LF SPDT Switch. An Evaluation Board schematic diagram is provided in Figure 9. An assembly drawing for the Evaluation Board is shown in Figure 10.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is baked and vacuum packed before shipping. Instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. Otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. THE SKY13322-375LF is rated to Moisture Sensitivity Level 1 (MSL1) at 260 C. It can be used for lead or lead-free soldering. Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. Production quantities of this product are shipped in a standard tape and reel format.
Package Dimensions
The PCB layout footprint for the SKY13322-375LF is provided in Figure 11. Typical case markings are shown in Figure 12. Package dimensions for the 10-pin MLPD are shown in Figure 13, and tape and reel dimensions are provided in Figure 14.
CBL
1
10
CBL
RF Output DC Control Voltage (1.8-5.0 V)
x
2
J2 V2
3
J4
9
RF Output DC Control Voltage (1.8-5.0 V) RF Common Input DC Control Voltage (1.8-5.0 V) RF Output
V4
8
CBL
N/C
4
RFC
7
DC Control Voltage (1.8-5.0 V)
CBL
V1
5
V3
6
CBL
RF Output
J1
J3
CBL = 47 pF for >1 GHz operation. Exposed ground paddle should be grounded for best performance.
Use 10 nF blocking capacitors (CBL) for <50 MHz operation.
S1551
Figure 9. SKY13322-375LF Evaluation Board Schematic
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201098C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * August 4, 2010 5
DATA SHEET * SKY13322-375LF SP4T SWITCH
J2
C BL C BL
V4 V2 V1 V3 GND
J4
RFC
C BL C BL
J1
J3
S1539
Figure 10. SKY13322-375LF Evaluation Board Assembly Diagram
Component Outline
10X 0.60
Exposed Soldering Area, Typ.
10X 0.55
10X 0.25 0.50 Pitch 2X 1.20
Pin 10
Pin 1 R0.20 2X 0.38
S1540
Figure 11. SKY13322-375LF PCB Layout Footprint (Top View)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
6 August 4, 2010 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * 201098C
DATA SHEET * SKY13322-375LF SP4T SWITCH
Pin 1 Indicator
Skyworks Part #
Lot # Date Code: (Y = Calendar Year WW = Week)
Figure 12. Typical Case Markings (Top View)
C
Seating Plane 10X 0.20 Min. 0.02 +0.03/-0.02 Detail C Detail B 2 Places 1.20 +0.05/-0.07 2.40 +0.10/-0.15 -B-
0.10 C 2X 0.10 C 2X
3.0
Pin 1 Indicator
B 0.41/0.50 A 2.0
0.10 C
4X
3 0.08 C
R0.20 Pin 1 Ind. Exposed Pad 0.38 +0.05/-0.07 0.75 +0.10/-0.15
Top View
Side View
Bottom View
0.40 0.10
-A- 0.5 Pitch
C L
0.25 +0.05/-0.07 5
0.10 M C A B
R0.12 Typ.
Detail C
10 Places
All measurements are in millimeters. Dimensioning and tolerancing according to ASME Y14.5M-1994. Coplanarity applies to the exposed heat sink slug as well as the terminals.. Plating requirement per source control drawing (SCD) 2504. Dimension applies to metalized terminal and is measured between 0.15 mm and 0.30 mm from terminal tip.
Detail B
S1541
Figure 13. SKY13322-375LF 6-Pin QFN Package Dimensions
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201098C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * August 4, 2010 7
DATA SHEET * SKY13322-375LF SP4T SWITCH
4.00 2.00 0.05 (See Note 3) 4.00 (See Note 1) 0.30 0.05
1.50 +0.1/-0 0.50 Min.
1.75 0.10
A
R 0.20 Max
Bo
Ko
Section A
Ao
R 0.3 Typ.
A
Notes: 1. 10 sprocket hole pitch cumulative tolerance 0.2. 2. Chambre in compliance with EIA 481. 3. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole. 4. Carrier tape: black conductive polycarbonate or polystyrene. 5. Cover tape material: transparent conductive PSA. 6. Cover tape size: 9.3mm width. 7. All measurements are in millimeters.
Ao = 2.30 Bo = 3.30 Ko = 0.75
S1552
Figure 14. SKY13322-375LF Tape and Reel Dimensions
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
8 August 4, 2010 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * 201098C
12.0 +0.3
5.50 0.05 (See Note 3)
DATA SHEET * SKY13322-375LF SP4T SWITCH
Ordering Information
Model Name SKY13322-375LF SP4T Switch Manufacturing Part Number SKY13322-375LF Evaluation Kit Part Number SKY13322-375LF-EVB
Copyright (c) 2009, 2010 Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
201098C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice * August 4, 2010 9


▲Up To Search▲   

 
Price & Availability of SKY13322-375LF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X