Part Number Hot Search : 
UHBM45 HI3304 2SA1380 AN214 3S400 N8259A MC120 ST72561
Product Description
Full Text Search
 

To Download SFP50N06R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFP50N06R
Silicon N-Channel MOSFET
Features
RDS(on)(Max0.023)@VGS=10V Gate Charge(Typical 25nC) Maximum Junction Temperature Range(175)
General Description
This Power MOSFET is produced using Winsemi's trench layout-based process. This technology improves the performances compared with standard parts from various sources . All of these power are designed for applications in switching regulators , MOSFET switching
convertors , motor and relay drivers , and drivers for high power bipolar switching transistors demanding high speed and low gate drive power.
Absolute Maximum Ratings
Symbol
VDSS ID Continuous Drain Current(@TC=100) IDM VGS EAS EAR dv/dt PD Derating Factor above25 TSTG TJ Operating Junction Temperature Storage Temperature 0.8 -55~175 150 W/ Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation(@TC=25) 35 200 20 493 12.0 7.0 120 A A V mJ mJ V/ns W
Parameter
Drain to Source Voltage Continuous Drain Current(@TC=25)
Value
60 50
Units
V A
Thermal Characteristics
Symbol
RQJC RQJA RQJA
parameter Min.
Thermal Resistance, Junction-to-case Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient -
Value Typ. Max.
0.5 1.24 62.5
units
/W /W /W
Rev.A Aug.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
SFP50N06R
Electrical Characteristics TC=25
Characteristics
Drain-Source Breakdown Voltage Breakdown Voltage Temperature coefficient Drain-source Leakage Current BVDSS/ TJ IDSS
Symbol
BVDSS
Test Conditions
VGS=0V, ID=250uA ID=250uA,
Min
60
Typ
-
Max
-
Units
V
referenced to 25 VDS=60V,VGS=0V VDS=48V,TC=125 2.0 ID=250uA
0.07 -
10 100 100 -100 4.0
V/ uA uA nA nA V
Gate-Source Leakage, Forward Gate-source Leakage, Reverse Gate Threshold Voltage
IGSS
VGS=20V,VDS=0V VGS=-20V,VDS=0V
VGS(th)
VDS=VGS,
Static Drain-Source On-state Resis-tance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-source Charge Gate-Drain Charge(Miller Charge)
RDS(ON)
VGS=10V, ID=25.0A 0.018 1050 460 70 20 100 80 85 32 8 12 0.022 1365 600 90 50 210 ns 170 180 42 nC pF
Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
VGS=0V,VDS=25V, f=1MHz
-
VDD=30V, ID=25.0A,RG=25 Pulse Width300us, Q>50 VDS=48V, VGS=10V, ID=50A
-
Source-Drain Ratings and Characteristics
Characteristics
Maximum Continuous SourceDiode Forward Current Maximum Pulsed Source-Diode Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VSD trr Qrr IS=50A,VGS=0V IS=50A,VGS=0V, dIF/dt=100A/us 50 70 1.5 V ns uC ISM 200
Symbol
IS
Test Conditions
-
Min
-
Typ
-
Max
50
Units
A
Note 1.Repeativity rating :pulse width limited by junction temperature 2.L=230uH,IAS=50A,VDD=50V,RG=25,Starting TJ=25 3.ISD50A,di/dt300A/us, VDD2/7
Steady, all for your advance
SFP50N06R
Fig1.On-State Characteristics
Fig2.Transfer Characteristics
Fig3.On Resistance Variation vs. Drain Current and Gate Voltage
Fig4.On State Current vs. Allowable Case Temperature
Fig5.Capacitance Characteristics
Fig6.Gate charge Characteristics
3/7
Steady, all for your advance
SFP50N06R
Fig7.Breakdown Voltage Variation vs.Junction temperature
Fig8.On-Resistance Variation vs.Junction Temperature
Fig9.Maximum safe Operating Area
Fig10.Maximum Drain Current vs.Case Temperature
Fig11.Transient thermal Response Curve
4/7
Steady, all for your advance
SFP50N06R
Fig12.Gate Charge Test Circuit&Waveforms
Fig12.Gate Charge Test Circuit& Waveforms
Fig13.Switching Time Test Circuit&Waveforms
Fig14.Unclamped Inductive Switching Test Circuit & Waveform
5/7
Steady, all for your advance
SFP50N06R
Fig15. Peak Diode Recovery dv/dt Test Circuit & Waveform
6/7
Steady, all for your advance
SFP50N06R
To-220 Package Dimension
Unit:mm
7/7
Steady, all for your advance


▲Up To Search▲   

 
Price & Availability of SFP50N06R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X