Part Number Hot Search : 
89C450 AD7856KR DG528DN 1109342 SD213 DCR15 6KE40 DCR15
Product Description
Full Text Search
 

To Download SD-98194-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0981941211 Active
mox_crimp_terminals 2.54mm (.100") Pitch MOX FFC/FPC Crimp Terminal, Female, 0.635mm (.025"), Reel, Tin (Sn), Crimp
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 98194 Terminal has Stainless Steel Sleeve Yes mox_crimp_terminals MOX image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Copper-Nickel-Silicon, Stainless Steel Tin Tin Reel 40.00 1.000 40.00 1.00 Crimp or Compression see sales drawing N/A N/A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-98194-002 PK-98194-001 RPS-98194-001, RPS-98194-002 SD-98194-002, SD-98194-005
Search Parts in this Series 98194Series Mates With USCAR 0.635mm (.025") blade terminals Use With 98197 , 98198 , 98199 (MOX FFC Connectors), various other connectors Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Secondary Lock 0638139400 Removal Tool for 35 Circuit Hybrid Receptacle Housing
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-98194-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X