Part Number Hot Search : 
CM542 BU8317KV D1672 AN78M12 PTZ18B MZP4744 2SK301 T100A
Product Description
Full Text Search
 

To Download SD-502244-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5022441530 Active
0.50mm (.020") Pitch Easy-OnTM Type FFC/FPC Connector, For LVDS, 2.33mm (.092") Height, Right Angle, SMT, ZIF, Bottom Contact Style, 15 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-502244-001 (PDF) RoHS Certificate of Compliance (PDF) Series FFC/FPC Connectors 502244 Easy-OnTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 15 Black, Natural Bottom 20 90 Angle 0.092 In 2.33 mm Phosphor Bronze Gold Gold 1 Right Angle No Yes Embossed Tape on Reel 0.020 In 0.50 mm Yes No -25C to +85C Surface Mount FFC only
Search Parts in this Series 502244Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.4A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-502244-001, RPS-502244-001, RPS-502244-002, RPS-502244-003 SD-502244-001, SD-502244-002
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-502244-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X