Part Number Hot Search : 
BT222 ATP037SM 091ML P2103U LA6358 RE127M 04470 S175N
Product Description
Full Text Search
 

To Download PDC-190S-TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDC-190
NEW
19" Medical Display with IP65 Front Panel Features
19" MVA type LCD display with wide viewing angle (170/170) HD Ready-Compatible to High Defintion Video (1280 x 720, 50/60Hz Progressive) DICOM preset function IPX1 water resistant enclosure with additional IP65 dust-tight front panel High brightness and contrast ratio USB 2.0 hub function UL60601-1/EN60601-1, CE & FCC Class B certified
Specifications
Display type Max. Resolution Max. Colors Dot size (mm) Viewing angle Luminance Contrast ratio LCD MTBF Backlight lifetime 19" MVA type TFT LCD 1280 x 1024 16.7M 0.294 x 0.294 170/170 600 cd/m2 (DICOM preset at 400 cd/m2) 1000 : 1 50,000 hours 50,000 hours PDC-190S
Display
I/O Ports
Speakers Power Supply
Optional Touchscreen
Environment Physical Characteristics
PDC-190 Video Input Port Composite BNC x1 S-Video mini DIN-4 x1 YPbPr/RGB BNC x3 Ext SYNC BNC x1 HD/SD-SDI BNC x1 DVI DVI-I x1 DVI-D x1 VGA* Through DVI-I to HD15 adapter HD-15 x1 Video output port (Loop through) Composite BNC x1 S-Video mini DIN-4 x1 HD/SD-SDI BNC x1 Audio/ USB hub/Power Line-in phone jack x1 phone jack x1 USB downstream type A x2 type A x2 USB upstream type B x1 type B x1 DC power connector DIN-4 x1 DIN-4 x1 RS-232C communication Port OSD remote control DB9 x1 1 W speakers x 2 Universal AC/DC adapter (SINPRO model no. MPU100-105) Input voltage 100 ~ 240 VAC, 47 ~ 63 Hz Output voltage +12 VDC, 8A max. (100 watts) Type Analog Resistive Light transmission 75% Controller USB interface Durability 30 million touches Temperature 0 ~ 40 C (Operating) Humidity 10 ~ 95% @ 40 C (non-condensing) Vibration /Shock Resistance 5 ~ 500 Hz, 1G acceleration/30G half sine, 11 msec duration Water/Dust Resistance IPX1 for whole system Dimensions (W x H x D) 472 x 416 x 104 mm (18.56" x 16.38" x 4.13") Weight 6.5 kg (14.32 lb)
60
All products specifications are subject to change without notice.
PDC-190 Dimensions
Unit: mm
Mounting
100 75
Unit: mm
472
104
416
100
75
VESA: 75 x 75 mm ; 100 x 100 mm
PDC-190
Power switch button
Ordering Information
Part Number PDC-190E PDC-190-TE PDC-190SE PDC-190S-TE Touch Panel RES.TS RES.TS AR Glass Yes Yes SD/HD Video input Yes Yes
Button to decrease value of the adjustment items
Button to select the adjustment items from OSD menu
Accessories
Part Number Description PDC-190-STAND Stand for PDC-190 Medical Display * Trim Knob for PDC-190 via USB * This accessory goes with the T Part Number. Please contact Advantech sales for more details.
Button to increase value of the adjustment items Menu/Escape Button
PDC-190S
Packing List
Description AC 100W SPS MPU100-105 W/PFC 100-240 Audio Cable, 1.5M DVI-D Cable, 2M USB Cable, 1.8M D-Sub VGA cable, 1.8M Advantech 2-year warranty card CD-ROM for PDC-190 series Driver & Utility Start up manual China RoHs report User manual for PDC-190, 1st Ed * Please note power cord is NOT included in the packing list. Quantity 1 1 1 1 1 1 1 1 1 1
Power Indicator
Decrement Increment Multiple Display Menu Source MENU Down Power Button MENU Up
Online Download www.advantech.com/products
61


▲Up To Search▲   

 
Price & Availability of PDC-190S-TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X