Part Number Hot Search : 
2SD2454 QX6700 SC8725 R5505 S110F N6804 N5245B SC8725
Product Description
Full Text Search
 

To Download MR2500L05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MR2500L - MR2512L
PRV : 50 - 1200 Volts Io : 25 Amperes
FEATURES :
* * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop
AUTOMOTIVE RECTIFIER DIODES
D6
0.360 (9.1) 0.340 (8.6) 1.00 (25.4) MIN.
0.360 (9.1) 0.340 (8.6)
* Pb / RoHS Free
MECHANICAL DATA :
* Case : molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 2.049 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Rectified Forward Current Tc = 150C Maximum Peak Forward Surge Current Single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 25 A Maximum DC Reverse Current at rated DC Blocking Voltage Thermal Resistance (Note 1) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL VRRM VRMS VDC IF(AV)
MR MR MR MR MR MR MR MR 2500L 2501L 2502L 2504L 2506L 2508L 2510L 2512L
UNIT V V V A
50 35 50
100 70 100
200 140 200
400 280 400 25
600 420 600
800 560 800
1000 1200 700 840
1000 1200
IFSM VF IR IR(H) RJC TJ TSTG
400 1.0 5.0 1.0 0.8 - 65 to + 175 - 65 to + 175
A V A mA C/W C C
Note : (1) Thermal resistance from junction to case. Single side cooled.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( MR2500L - MR2512L )
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
25
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
500
Ta = 25 C
400
20
15
300
10
200
5
100
0
120
130
140
150
160
170
180
190
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES FORWARD CURRENT, AMPERES
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
100
10
Ta = 100 C
10
1.0
Pulse Width = 300 s 2% Duty Cycle
1
TJ = 25 C
0.1
Ta = 25 C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of MR2500L05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X