Part Number Hot Search : 
SL54B 48SH1R25 B0515 SK32A FMTD20E5 74HC2400 T041637 5438Q
Product Description
Full Text Search
 

To Download M-1136-032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190160099 Active
KrimptiteTM Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Box, Tab 4.75mm (.187") x 0.81mm (.032")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Comments Crimp Quality Equipment Product Name Type Quick Disconnects 19016 Butted Seam Yes KrimptiteTM Quick Disconnect image - Reference only
Series
Physical
Barrel Type Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm Closed Female No None None Brass Tin Tin Straight Bag 100 2.5 100 2.5 No 0.81mm (.032") 4.75mm (.187") Per Wire Specification Crimp or Compression 24, 26 0.12 - 0.20
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 19016Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640030400 Crimp Head for the 0640070400 AT-200TM Pneumatic Hand Tool
Electrical
Voltage - Maximum Per Wire Specification
Material Info
Old Part Number M-1136-032
Reference - Drawing Numbers
Sales Drawing SD-19016-004
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of M-1136-032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X