Part Number Hot Search : 
RA78K0 DBL103G IR383 AXA2R 333ML MBR201 BT136 SM3P2
Product Description
Full Text Search
 

To Download LVG9253-1M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
AXIAL TYPE LED LAMPS
Pb
Lead-Free Parts
LVG9253-1M
DATA SHEET
DOC. NO : REV. DATE
QW0905-LVG9253-1M
:B : 02 - Jul. - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG9253-1M Page 1/6
Package Dimensions
9.25 8.5 1.65 1.95
0.6 TYP
4.0MIN
0.25 TYP
7.62
1 +
2
0.90.15
-
1 +
2 -
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
Directivity Radiation
0 -30 30
-60
60
100% 75% 50%
25%
0
25% 50% 75% 100%
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG9253-1M Page 2/6
Absolute Maximum Ratings at Ta=25
Absolute Maximum Ratings Parameter Symbol VG Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD Ir Topr Tstg 30 120 100 10 -40 ~ +85 -40 ~ +100 mA mA mW UNIT
A
Typical Electrical & Optical Characteristics (Ta=25 )
PART NO
MATERIAL
COLOR
Emitted Lens
Water Clear
Peak wave length
Spectral halfwidth
nm
Pnm
Forward voltage @20mA(V)
Luminous intensity
@20mA(mcd)
Viewing angle 2 1/2 (deg)
Min. Max. Min. Typ. 565 30 3.4 5.2 20 50 100
LVG9253-1M
GaP
Green
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG9253-1M Page 3/6
Typical Electro-Optical Characteristics Curve
VG CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.5
Forward Current(mA)
100
Relative Intensity Normalize @20mA
1.0
3.0 2.5 2.0 1.5 1.0 0.5 0.0
10 1.0
0.1 2.0 3.0 4.0 5.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
-40 -20 0 20 40 60 80 100
1.2
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1 1.0
0.9 0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0.5
0.0 500 550 600 650
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG9253-1M Recommended Soldering Conditions 1. Hand Solder
Basic spec is 280 3 sec one time only.
Page 4/6
2. Wave Solder
Soldering heat Max. 260 2455 within 5 sec 120 ~ 150 Preheat
120 ~ 180 sec
3. LEAD Reflow Solder
Temp. () 240
Rising +5/sec Cooling -5/sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
4. PB-Free Reflow Solder
1~5 C/sec 260 C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Note: 1.Wave solder and reflow soldering should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG9253-1M Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 ~35,RH<60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 ~ 35,RH<60%, they should be treated at 60 5 fo r 15hrs.
Page 5/6
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LVG9253-1M Reliability Test: Page 6/6
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.IR-Reflow In-Board, 2 Times 2.Ta=65 5 3.RH=90 %~95% 4.t=1000hrs 2hrs 1.IR-Reflow In-Board,2 times 2.Ta=105 5& -40 5 (10min) (10min) 3.total 10 cycles
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell Time= 10 1sec. 1.T.Sol=235 5 2.Immersion time 2 0.5sec 3.Immersion rate 25 2.5mm/sec 4.Immersion rate 25 2.5mm/sec 5.Coverage 95% of the dipped surface 1.105 ~ 25 ~ 55 ~ 25 30mins 5mins 30mins 5mins 2.10 Cyeles
MIL-STD-202F: 210A MIL-STD-750D: 2031 JIS C 7021: A-1 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test Environmental Test Temperature Cycling
Solderability Test
Ramp-up rate(183 to Peak) +3 second max Temp. maintain at 125( 25) 120 seconds max Temp. maintain above 183 60-150 seconds Peak temperature range 235 +5-0 Time within 5 of actual Peak Temperature(tp) 10-30 seconds Ramp-down rate +6 /second max
MIL-STD-750D:2031.2 J-STD-020


▲Up To Search▲   

 
Price & Availability of LVG9253-1M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X