Part Number Hot Search : 
FAN4800 15ETL06S 8016A 2SK122 CEH2311 SZ5A13 2DD1766P R47M1
Product Description
Full Text Search
 

To Download IRF9333PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 97523
IRF9333PBF
HEXFET(R) Power MOSFET VDS RDS(on) max
(@VGS = -10V)
-30 19.4 32.5 14 -9.2
V m: m: nC A
6 6 6 * ' ' ' '
RDS(on) max
(@VGS = -4.5V)
Qg (typical) ID
(@TA = 25C)
SO-8
Applications
* Charge and Discharge Switch for Notebook PC Battery Application
Features and Benefits
Features Resulting Benefits
Industry-Standard SO8 Package
Multi-Vendor Compatibility Environmentally Friendlier
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Orderable part number IRF9333PBF IRF9333TRPbF
Package Type SO8 SO8
Standard Pack Form Quantity Tube/Bulk 95 4000 Tape and Reel
Note
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max.
-30 20 -9.2 -7.3 -75 2.5 1.6 0.02 -55 to + 150
Units
V
f Power Dissipation f
Power Dissipation
c
A
W W/C C
Linear Derating Factor Operating Junction and Storage Temperature Range
Notes through are on page 2
www.irf.com
1
6/21/10
IRF9333PBF
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th) IDSS IGSS gfs Qg Qg Qgs Qgd RG td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance
Min. Typ. Max. Units
-30 --- --- --- -1.3 --- --- --- --- --- 13 --- --- --- --- --- --- --- --- --- --- --- --- --- 0.019 15.6 25.6 -1.8 -5.7 --- --- --- --- --- 14 25 3.5 6.4 15 16 44 55 49 1110 230 160 --- --- 19.4 32.5 -2.4 --- -1.0 -150 -100 100 --- --- 38 --- --- --- --- --- --- --- --- --- --- Typ. --- --- pF ns nC V
Conditions
VGS = 0V, ID = -250A
V/C Reference to 25C, ID = -1mA VGS = -10V, ID = -9.2A m VGS = -4.5V, ID = -7.5A
e e
V mV/C A nA S nC
VDS = VGS, ID = -25A VDS = -24V, VGS = 0V VDS = -24V, VGS = 0V, TJ = 125C VGS = -20V VGS = 20V VDS = -10V, ID = -7.5A VDS = -15V, VGS = -4.5V, ID = - 7.5A VGS = -10V VDS = -15V ID = -7.5A VDD = -15V, VGS = -4.5V ID = -1.0A RG = 6.8 See Figs. 20a &20b VGS = 0V VDS = -25V = 1.0MHz Max. 100 -7.5 Units mJ A
h Total Gate Charge h
Total Gate Charge
h Gate-to-Drain Charge h Gate Resistance h
Gate-to-Source Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Parameter
e
Avalanche Characteristics
EAS IAR Single Pulse Avalanche Energy Avalanche Current
Diode Characteristics
Parameter
IS ISM VSD trr Qrr
d
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 24 15 -2.5 A -75 -1.2 36 23 Typ. --- --- V ns nC showing the
Conditions
MOSFET symbol integral reverse p-n junction diode. TJ = 25C, IS = -2.5A, VGS = 0V di/dt = 100A/s Max. 20 50
G S D
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
e
TJ = 25C, IF = -2.5A, VDD = -24V
Thermal Resistance
Parameter
RJL RJA Junction-to-Drain Lead Junction-to-Ambient
e
f
g
Units
C/W
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 3.5mH, RG = 25, IAS = -7.5A. Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board. R is measured at TJ of approximately 90C. For DESIGN AID ONLY, not subject to production testing.
2
www.irf.com
IRF9333PBF
100
TOP VGS -10V -5.0V -4.5V -4.0V -3.5V -3.0V -2.8V -2.5V
100
TOP VGS -10V -5.0V -4.5V -4.0V -3.5V -3.0V -2.8V -2.5V
-ID, Drain-to-Source Current (A)
10
BOTTOM
-ID, Drain-to-Source Current (A)
10
BOTTOM
1
1
-2.5V
0.1
-2.5V 60s PULSE WIDTH Tj = 25C
60s PULSE WIDTH Tj = 150C 0.1 100 0.1 1 10 100
0.01 0.1 1 10 -VDS, Drain-to-Source Voltage (V)
-VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
100
Fig 2. Typical Output Characteristics
1.6
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -9.2A 1.4
-ID, Drain-to-Source Current (A)
VGS = -10V
10
TJ = 150C
1
1.2
TJ = 25C
1.0
0.1
VDS = -15V
0.01 1.0 2.0 3.0
0.8
60s PULSE WIDTH
4.0 5.0
0.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 TJ , Junction Temperature (C)
-VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
10000
VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd
Fig 4. Normalized On-Resistance vs. Temperature
14
-VGS, Gate-to-Source Voltage (V)
12 10 8 6 4 2 0
ID= -7.5A
VDS= -24V VDS= -15V VDS= -6.0V
C, Capacitance(pF)
1000
Ciss Coss Crss
100 1 10 -VDS, Drain-to-Source Voltage (V) 100
0
8
16
24
32
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
www.irf.com
3
IRF9333PBF
100 TJ = 150C 1000
-ID, Drain-to-Source Current (A) -ISD, Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
100 1msec 10 10msec
10
1
TJ = 25C
1
VGS = 0V 0.1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 -VSD, Source-to-Drain Voltage (V) 0.1
TA = 25C Tj = 150C Single Pulse 0.1 1
DC 10 100
-VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
10
-VGS(th), Gate threshold Voltage (V)
Fig 8. Maximum Safe Operating Area
2.5
8
-ID, Drain Current (A)
2.0
6
ID = -25A
4
1.5
2
0 25 50 75 100 125 150 TA , Ambient Temperature (C)
1.0 -75 -50 -25 0 25 50 75 100 125 150 TJ , Temperature ( C )
Fig 9. Maximum Drain Current vs. Ambient Temperature
100
Thermal Response ( ZthJA ) C/W
Fig 10. Threshold Voltage vs. Temperature
10
1
D = 0.50 0.20 0.10 0.05 0.02 0.01
0.1
0.01
SINGLE PULSE ( THERMAL RESPONSE )
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + T A 0.01 0.1 1 10 100
0.001 1E-006
1E-005
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
4
www.irf.com
IRF9333PBF
) RDS(on), Drain-to -Source On Resistance (m
ID = -9.4A 50
( RDS(on), Drain-to -Source On Resistance m)
60
80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 -ID, Drain Current (A) VGS = -10V VGS = -4.5V
40
30 TJ = 125C TJ = 25C 10 2 4 6 8 10 12 14 16 18 20
20
-VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance vs. Gate Voltage
420
EAS , Single Pulse Avalanche Energy (mJ)
Fig 13. Typical On-Resistance vs. Drain Current
1000
360 300 240 180 120 60 0 25 50 75
Single Pulse Power (W)
ID TOP -2.1A -3.0A BOTTOM -7.5A
800
600
400
200
0
100
125
150
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
Starting TJ , Junction Temperature (C)
Time (sec)
Fig 14. Maximum Avalanche Energy vs. Drain Current
Fig 16. Typical Power vs. Time
D.U.T *
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * di/dt controlled by RG Driver same type as D.U.T. I SD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage
Body Diode
Forward Drop
Inductor Curent Inductor Current
Ripple 5% ISD
*
Reverse Polarity of D.U.T for P-Channel
* VGS = 5V for Logic Level Devices
www.irf.com
Fig 17. Diode Reverse Recovery Test Circuit for P-Channel HEXFET(R) Power MOSFETs
5
IRF9333PBF
Id Vds Vgs
L
0
DUT
20K 1K
S S
VCC
Vgs(th)
Qgodr
Qgd
Qgs2 Qgs1
Fig 18a. Gate Charge Test Circuit
Fig 18b. Gate Charge Waveform
VDS
L
I AS
RG
-V GS -20V
D.U.T
IAS
DRIVER
0.01
VDD A
tp
tp V(BR)DSS
15V
Fig 19a. Unclamped Inductive Test Circuit
Fig 19b. Unclamped Inductive Waveforms
VDS VGS RG
RD
td(on) tr t d(off) tf
D.U.T.
VGS 10%
+
-VGS
Pulse Width 1 s Duty Factor 0.1 %
Fig 20a. Switching Time Test Circuit
6
-
V DD
90% VDS
Fig 20b. Switching Time Waveforms
www.irf.com
IRF9333PBF
SO-8 Package Outline(Mosfet & Fetky)
Dimensions are shown in milimeters (inches)
9 6 ' & ! % " $
7
9DH 6 6 i p 9 @ r r C F G
% @
$ #
C !$Ab dA
6
%Y r
DI8C@T HDI H6Y $"! %'' # (' " ! &$ (' '( (%' #(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( (% % $ A A'
HDGGDH@U@ST HDI H6Y &$ "$ !$ $ "" ( !$ $ #' # "' !&AA76TD8 %"$AA76TD8 %! $' $ !$ !& # A A'
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
APPUQSDIU
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking Information
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U 96U@A8P9@AXX QA2A9DTBI6U@TAG@69AAAS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
www.irf.com
7
IRF9333PBF
SO-8 Tape and Reel (Dimensions are shown in milimeters (inches))
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Qualification Information
Qualification level
Consumer (per JEDEC JESD47F guidelines) SO-8 Yes MSL1 (per JEDEC J-STD-020D)
Moisture Sensitivity Level RoHS Compliant

Qualification standards can be found at International Rectifier's web site http://www.irf.com/product-info/reliability Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/ Applicable version of JEDEC standard at the time of product release.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.6/2010
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF9333PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X