Part Number Hot Search : 
M48T128Y D74HC W5500 74AHC1G PP1DD 22041 GS431BI TDA7298
Product Description
Full Text Search
 

To Download ICS300-CSV3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAMERA SYSTEMS
PRODUCT SPECIFICATION
(R)
CAMCLOSURE ICS300 SERIES WALL/CEILING
300 Series CamclosureTM Camera System
INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
Product Features
* * * * * * * * * * * * * * * * * Fully-Integrated Enclosure With Camera and Lens Package Rugged, Impact- and Vandal-Resistant Easy to Install Versatile, Aesthetically Pleasing "Track Light" Design, Mounts to Wall or Ceiling Tamper-Resistant Hardware Concealed Cabling 12 VDC or 24 VAC Operation Low-Temperature Operation to -50F (-46C); de-ices to -10F (-23C) Clear Window NTSC/PAL or EIA/CCIR Camera Formats All Color Cameras Feature Digital Signal Processing Fixed Focal Length Lens of 2.9 mm, 6 mm, 8 mm, or 12 mm Varifocal Lens of 3 mm to 6 mm with Auto Iris, Available with High Resolution Color Camera AC Line Lock with All Color Cameras in 24 VAC Operation All Lenses, Except Varifocals, are Pre-focused at the Factory Meets NEMA 4X and IP66 Standards (when installed) Optional Conduit Adapter Available
IP66
300 SERIES
The 300 Series CamclosureTM Integrated Camera System incorporates a camera and lens package into a small, unobtrusive, medium-security enclosure. The system is quick and easy to install in a variety of indoor or outdoor applications. It is ideal for residential, office, mall, hospital, school, parking garage, correction and detention, and other mediumsecurity installations subject to vandalism. The 300 Series System ships with a sun shroud and 4S adapter plate to mount the unit to a standard 4-square electrical box. The sun shroud is designed for outdoor installations and reduces internal temperature by 10 degrees F (6 degrees C). An optional conduit adapter (ICS300-COND) allows the unit to be used in applications requiring conduit.
All models are designed for either 12 VDC or 24 VAC operation. Each unit is provided with two quickconnect mating connectors with leads; one for 12 VDC and one for 24 VAC. Just select the appropriate connector for your application, wire the leads to your power source with wing nuts, and snap the connectors together -- it's that simple! Camera options include 1/3-inch format CCD color imager (standard or high resolution) and monochrome imager (standard resolution) with fixed focal length lenses of 2.9 mm, 6 mm, 8 mm, and 12 mm. Cameras with a varifocal lens have a 1/4-inch format high resolution CCD color imager.
International Standards Organization Registered Firm ISO 9001 Quality System
DataFAX Documents
SPEC: 22408
MANUAL: 224086 (ICS300), 22966 (ICS300-COND)
C2408/REVISED 10-00
(Product specifications and manuals also available through Pelco Online at www.pelco.com)
25
CAMERA SYSTEMS
TECHNICAL SPECIFICATIONS
ELECTRICAL
Input Voltage Camera Heaters Video Connector 12 VDC or 24 VAC (10%) <3 watts 10 watts when active; thermostatically controlled BNC
5.18 (13.20) 7.40 (18.79) 2.21 (5.61)
ICS300 SERIES WALL/CEILING
3.00 (7.62)
GENERAL
Pan/Tilt Adjustment Construction Manual 180 pan; 180 tilt Aluminum base and cover, steel camera mounting bracket
2.00 (5.08)
3.48 (8.84)
Environmental
Environment Operating Temperature Thermostat Operation Low temperature, indoor/outdoor -50 to 122F (-46 to 50C); de-ices at -10F (-23C) Heater is thermostatically controlled to activate ON at 50F (10C) and OFF at 80F (27C)
1.31 (3.32)
PHYSICAL
Finish Dimensions Camclosure Sun Shroud Gray polyester powder coat 2.71 (diameter) x 7.79 (L) inches (6.88 x 19.79 cm) 2.60 (H) x 6.13 (L) inches (5.23 x 15.57 cm) Snap fit design mounts sun shroud to enclosure 1.45 lb (0.66 kg) 2.0 lb (0.90 kg)
1.30 (3.30) WINDOW VIEW
2.76 (7.01) BASE VIEW
NOTE: VALUES IN PARENTHESES ARE CENTIMETERS; ALL OTHERS ARE INCHES.
Unit Weight Shipping Weight
CERTIFICATIONS/RATINGS
x CE and FCC, Class A (models with monochrome cameras only, excluding auto iris models) x CE and FCC, Class B (models with color cameras only, excluding auto iris models) x UL listed to Standard 2044 x cUL to CSA C22.2 No.1 x Meets IP66 when installed properly x Meets NEMA 4X when installed properly, includes: - Corrosion protection test; NEMA 250, Section 6.9 (exceeds IEC 68-2-11) - Rust resistance test; NEMA 250, Section 6.8 - Hose down test; NEMA 250, Section 6.7 - Exceeds SAE J1211 dust test x Tested in accordance with MIL-STD 810E as follows: - Shock test; Section 516.4 (exceeds IEC 68-2-27) - Humidity test; Sections 520.1 and 507.3 (exceeds IEC 68-2-30) - Vibration test, Section 514.4 (exceeds IEC 68-2-6) x ASTM Shipping Standard x ISTA Shipping Standard All tests are performed in accordance with ISO Guide 25 and ANSI/NCSL Z540-1
26
CAMERA SYSTEMS
TECHNICAL SPECIFICATIONS
CAMCLOSURE ICS300 SERIES WALL/CEILING
CAMERA SPECIFICATIONS
Black & White Standard Resolution (Models ICSxxx-MAx/ ICSxxx-MCx) Signal System Imaging Device Scanning System Sync System Horizontal Resolution Signal-to-Noise Ratio Min. Illumination Sensitivity Video Out Gain Control Exposure White Balance Backlight Compensation Power Source* EIA or CCIR 1/3-inch CCD 2:1 Interlace Internal EIA: 420 TV lines CCIR: 420 TV lines 50 dB 0.1 lux (f2.0) 1 Vp-p Composite (75 ohm) Auto Electronic Shutter (1/60 - 1/100,000) (not applicable) Color Standard Resolution (Models ICSxxx-CAx/ ICSxxx-CCx) NTSC or PAL 1/3-inch Interline Color CCD 2:1 Interlace 12 VDC: Internal 24 VAC: External (VD Lock) NTSC: 350 TV lines PAL: 350 TV lines 48 dB 1 lux (f2.0) 1 Vp-p Composite (75 ohm) Auto Electronic Shutter (1/60 - 1/100,000) Auto Color Color High Resolution, Fixed Focal Lens High Resolution, Varifocal Lens (Models ICSxxx-CRx/ (Models ICSxxx-CRVx/ ICSxxx-CSx) ICSxxx-CSVx) NTSC or PAL 1/3-inch Interline Color CCD (Super HAD) 2:1 Interlace 12 VDC: Internal 24 VAC: External (VD Lock) NTSC: 470 TV lines PAL: 460 TV lines 48 dB 1 lux (f2.0) 1 Vp-p Composite (75 ohm) NTSC: Auto PAL: Manual Electronic Shutter (1/60 - 1/100,000) NTSC: Auto PAL: Manual NTSC: Auto PAL: Manual On/Off 12 VDC, 24 VAC NTSC or PAL 1/4-inch Interline Color CCD 2:1 Interlace 12 VDC: Internal 24 VAC: External (VD Lock) NTSC: 480 TV lines PAL: 480 TV lines 48 dB (AGC Off) Less than 1.2 lux (f1.2) 1 Vp-p Composite (75 ohm) On/Off by DIP switch (0-20dB) Electronic Shutter (1/60 - 1/100,000) Auto
Auto 12 VDC, 24 VAC
ON, OFF (switchable) 12 VDC, 24 VAC
Auto; adjusts AGC and AES 12 VDC, 24 VAC
*24 VAC power is recommended when installing any CamclosureTM Integrated Camera System under flourescent lighting conditions.
LENS SPECIFICATIONS
Fixed Focal Length Lenses
Color Focal Length Format Size Relative Aperture (F) Operation Iris Focus Zoom Angle of View** Horizontal Diagonal Vertical 90 -- 69 2.9 mm 2.0 Fixed N/A N/A 87 -- 67 42 -- 33 B/W 3.0 mm Color B/W Color B/W Color B/W 3.0 to 6.0 mm 1/4-inch 1.2 to 1.5 Auto (f1.2 to f300) Manual (minimum 50 cm) Manual 72 to 36 -- 17 96 to 46 52 to 26 6.0 mm 1/3-inch 1.8 Fixed N/A N/A 38 -- 30 32 -- 25 8.0 mm 1/3-inch 2.5 Fixed N/A N/A 29 -- 23 -- 1.8 12.0 mm 1/3-inch 2.5 Fixed N/A N/A 21 2.0
Varifocal Lens
1/3-inch
**Focal length specifications presume a 10% Horizontal and 4% Vertical monitor overscan.
27
CAMERA SYSTEMS
MODEL NUMBERS
(R)
CAMCLOSURE ICS300 SERIES WALL/CEILING
300 SERIES SYSTEM MODELS
Camera Type Color, High Resolution Lens/Iris 2.9 mm 6 mm 8 mm 12 mm 3-6 mm with Auto Iris 2.9 mm 6 mm 8 mm 12 mm 3.0 mm 6 mm 8 mm 12 mm NTSC ICS300-CR3 ICS300-CR6 ICS300-CR8 ICS300-CR12 ICS300-CRV3A ICS300-CA3 ICS300-CA6 ICS300-CA8 ICS300-CA12 -- -- -- -- PAL ICS300-CS3 ICS300-CS6 ICS300-CS8 ICS300-CS12 ICS300-CSV3A ICS300-CC3 ICS300-CC6 ICS300-CC8 ICS300-CC12 -- -- -- -- EIA -- -- -- -- -- -- -- -- -- ICS300-MA3 ICS300-MA6 ICS300-MA8 ICS300-MA12 CCIR -- -- -- -- -- -- -- -- -- ICS300-MC3 ICS300-MC6 ICS300-MC8 ICS300-MC12
Color, Standard Resolution
B&W, Standard Resolution
OPTIONS
ICS300-COND Conduit adapter. Can be adapted to any vertical or horizontal mounting surface.
RECOMMENDED POWER SUPPLIES
(For use with 24 VAC models only)
TF2000 MCS Series Power supply for 24 VAC cameras, 20 vA. (For single camera application.) Multiple 24 VAC camera power supply, indoor. (For multiple camera application.) (See C653 spec) Multiple 24 VAC camera power supply, indoor. (For multiple camera application.) (See C655 spec) Multiple 24 VAC camera power supply, outdoor. (For multiple camera application.) (See C654 spec)
MCS*E Series
WCS Series
1.73 (4.39)
4.36 (11.07)
4.20 (10.67)
5.00 12.7
NOTE: VALUES IN PARENTHESES ARE CENTIMETERS; ALL OTHERS ARE INCHES.
Indicates change or addition since last revision. Pelco * 3500 Pelco Way * Clovis, CA 93612-5699 * Pelco Online @ www. pelco.com In the US and Canada: Tel (800) 289-9100 * FAX (800) 289-9150 * DataFAX (800) 289-9108 International Customers: Tel +1(559) 292-1981 * FAX +1(559) 348-1120 * DataFAX +1(559) 292-0435
CamclosureTM is a trademark of Pelco. Specifications subject to change without notice. (c)Copyright 2000, Pelco. All rights reserved.
28


▲Up To Search▲   

 
Price & Availability of ICS300-CSV3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X