Part Number Hot Search : 
4423GM LC90A 88W8500 MAX1035 PA0801NL 88W8500 IRGPC40S EL5103
Product Description
Full Text Search
 

To Download HW331A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Specification HW331A
SSC
Drawn Approval
CUSTOMER
Approval
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
CONTENTS
1. 2. 3. 4. 5. 6. 7. 8. 9. Full code of HIGH FLUX LED series Feature & Application Absolute Maximum Ratings Electro Characteristics Outline Dimension Optical characteristics Color & Binning Rank of HW331A Packing
10. Soldering 11. Precaution for use 12. Reliability Test Item and Condition
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
1. Full Code of HIGH FLUX LED Series
Full code form : X1 X2 X3 X4 X5 X6 X7X8 - X10X11 1. Part Number - X1 : Model - X2 : Number of Die *1 - X3 : Color - X4 : Lens Shape - X5 : Directivity - X6 : Revision Symbol - X7 : High Reliability *2 - X8 : Surface coloring & Diffusion *3 *1, 2, 3 are added to the Product Type only in necessary cases. 2. Internal Number - X10 - X11 3. Sticker Diagram on Box & Plastic Tube
HXXXX
RANK : XXXX QTY : 1200pcs LOT : 20XX.XX.XX
SEOUL SEMICONDUCTOR CO., LTD
DEVICE
HW331A
Hc14
LOT NO. 20XX.XX.XX
CAT Hc14 QTY 60
D/C 07XX
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
HW331A
Description
HW331A
Features
* High flux output and high luminance * Designed for high current operation * Uniform color * Low profile and low thermal resistance * Packaged in tubes for use with automatic insertion equipment
This revolutionary package design allows the lighting designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This package LEDs are designed for high current operation and high flux output application. But the package's design features better thermal management characteristics than other LED solutions. Because of these advantages, this product have many applications. Such as automotive tail, stop and turn signal lamps, and electronic signs etc.
Applications
* Automotive exterior lighting * Electronic signs and signals * Channel letter / lighting * Decorative lighting * Specialty Lighting
Rev. 00 October 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
3. Absolute maximum ratings
Parameter DC Forward Current Forward Peak Pulse Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Solder Temperature
[1] t 0.1ms, D = 1/10 [2] No closer than stopper.
Symbol IF IFP [1] VR PD Topr Tstg TS
Value 30 100 5 120 -40 ~ 100 -40 ~ 100 260C for 5second [2]
Unit mA mA V mW C C C
4. Electric & Optical characteristics
Parameter Luminous Flux [3] Chromaticity Coordinate[4] Forward Voltage[5] View Angle Thermal Resistance Reverse Current Symbol V
X, y
Condition
IF=30mA IF=30mA IF=30mA IF=30mA IF=30mA Vr=5V
Min
4.4
Typ
6
Max
-
Unit
lm -
x=0.31, y=0.31 3.4
110 130 5
VF 2 1/2 RJ-P IR
4.0
V Deg.
C /W
A
[3] SSC maintains a tolerance of 10% on flux and power measurements. [4] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color Coordinates Measurement allowance is 0.01 [5] A tolerance of 0.05V on forward voltage measurements. [Note] All measurements were made under the standardized environment of SSC.
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
3 0.2
ANODE
7.62 0.5
1.1
7.62 0.5
4.4 2.5 0.5 1.4 MAX 0.4 0.2 1.50.2 0.5 0.76 0.1 5.08 0.2
5.08 0.3
Notes : Protruded epoxy is 1.0mm maximum.
7.5 0.5
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
5.Outline Dimension
Unit : mm
CHAMFER 1.25 X 1.25
CATHODE
5.0
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Forward Current(mA)
Relative Luminous Flux
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Forward Current vs. Forward Voltage
(Ta=25 OC )
100
10
1
2.4
2.8
3.2
3.6
4.0
4.4
Forward Voltage [V]
Relative Luminous Intensity vs Forward Current
(Ta=25 OC )
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
20
40
60
80
100
Forward Current [mA]
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Forward Current IF [mA]
Relative Luminous Intensity
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Ambient Temperature vs. Allowable Forward Current
40
30
20
RthJ-A = 300 C /W
10
O
0
-40
-20
0
20
40
60
O
80
100
Ambient Temperature TA [ C]
Radiation Diagram
(Ta=25 OC )
1.0
0.8
0.6
0.4
0.2
0.0 -90
-60
-30
0
30
60
90
Off Axis Angle [deg.]
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Relative Emission Intensity
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
6. Optical characteristics
Spectrum
(Ta=25 OC )
1.0
0.5
0.0 400
500
600
700
Wavelength [nm]
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
CIE(y)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
x y x y x y
7. Color & Binning
0.40 0.38 0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.22 0.24
4600K 5600K
e lin an ki an Pl
7000K 9000K
d
b2 c2
b1 c1
15000K
a
0.26
0.28
0.30
0.32
0.34
0.36
0.38
CIE(x)
Rank a
0.264 0.267 0.280 0.248 0.296 0.276 0.283 0.305 x y 0.287 0.295
Rank b1
0.283 0.305 0.304 0.330 0.307 0.315
Rank b2
0.307 0.315 0.304 0.330 0.330 0.360 0.330 0.339 x y 0.296 0.276
Rank c1
0.287 0.295 0.307 0.315 0.311 0.294
Rank c2
0.311 0.294 0.307 0.315 0.330 0.339 0.330 0.318 x y 0.330 0.360
Rank d
0.330 0.318 0.356 0.351 0.361 0.385
Note : Color Coordinates Measurement allowance is 0.01
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
J K
8. Rank of HW941A
Bin Code Luminous Flux H CIE c1 Forward Voltage 4
Luminous Flux (lm) @ IF = 30mA Bin Code G H Min. 3.4 4.4 5.8 7.6 Max. 4.4 5.8 7.6 10.0
Color Rank @ IF = 30mA a b1 b2 c1 c2 d
Forward Voltage (V) @ IF = 30mA Bin Code 1 2 3 4 5 6 7 Min. 2.8 3.0 3.2 3.4 3.6 3.8 4.0 Max. 3.0 3.2 3.4 3.6 3.8 4.0 4.2
Available ranks
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
0.6
2.5
2.6
5.8
12
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
9. Packing
9.7 5.1
Unit : mm
DEVICE
HW331A
Hc14
LOT NO. 20XX.XX.XX
CAT Hc14 QTY 60
D/C 07XX
Cathode
Anode
made in Korea
SEOUL SEMICONDUCTOR CO., LTD.
Top view
4851
Side view
* Plastic tube 60pcs max/tube
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
9. Packing
Unit : mm
* Aluminum Sealing pack (in silica gel) 1200pcs max/pack (20tubes max/pack)
HXXXX
RANK : XXXX QTY : 1200pcs LOT : 20XX.XX.XX
SEOUL SEMICONDUCTOR CO., LTD
* Cardboard box (500x220x280) (21600pcs max/box) (18packs max/box)
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Temperature [ C]
O
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
10. Soldering
1) Recommended Wave Soldering Conditions / Profile * Preliminary heating to be at 85C(120 C max) for 20 seconds(60 seconds max). * Soldering heat to be at 255 C (260C max) for 4 seconds (5 seconds max.) * Soak time above 200 C is 5 seconds
300
250
PEAK 4s (5s max) 255 C (260 C max)
200
150
PREHEAT 20s (60s Max) 85 C(120 C max)
100
50
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
T im e [s ]
2) Hand Soldering conditions * Not more than 3 seconds at max. 350C, under Soldering iron.
3) Caution * Leadframes are silver plated copper alloy. This substance has a low thermal coefficient (easily conducts heat) * No closer than 1.5mm from the base of the stopper. * The LEDs must not be repositioned after soldering. * Do not apply any stress to the lead particularly when heat.
Note : In case the soldered products are reused in soldering process, we don't guarantee the products.
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
11. Precaution for use 1) Storage
* Before opening the package Avoid the absorption of moisture, we recommended to store High Flux LEDs in a dry box(or desiccator) with a desiccant . Otherwise, store them in the following environment: Temperature : 5~30 Humidity : 50% max. * After opening the package a. Soldering should be done right after opening the package(within 24Hrs). b. Keeping of a fraction - Sealing - Temperature : 5 ~ 40, Humidity : less than 30% c. If the package has been opened more than 1week or the color of desiccant changes, Components should be dried for 10-12hr at 605 * Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. * Avoid quick cooling * Lead frames are silver plated copper alloy. The silver plate surface may be affected by environments which contains corrosive substances. Please avoid conditions which may cause the LEDs to corrode, tarnish or discolor. 2) Static Electricity * Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be properly grounded. It is recommended precautions be taken against surge voltage to the equipment that mounts the LEDs. 3) Heat Generation * Thermal is one of the important parameter to design the end product. Please consider the heat generation of the LEDs. * The operating current should be decided after considering the ambient maximum temperature of LEDs.
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
4) Others * The color of the LEDs is changed slightly an operating current and thermal. * Anti radioactive ray design is not considered for the products listed here. * Gallium arsenide is used in some of the products listed in this publication. These products are dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the liquid or inhale the gas generated by such products when chemically disposed. * This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA(Isopropyl Alcohol) should be used. * When the LEDs are illuminating, operating current should be decided after considering the junction temperature. Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5 * The appearance and specifications of the product may be modified for improvement without notice.
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
12. Reliability Test Item and Condition
Item Life Test
Condition Ta = RT, IF = 30mA Ta = 85C, IF = 10mA Ta = -30C, IF = 30mA Ta = -40C (15min) ~ 100 (15min) (Transfer time : 10sec, 1Cycle = 30min) Ts = 255 5C, t = 4 1sec 1kV, 1.5k ; 100pF Ta = 100C Ta = -40C Ta = 85C, RH = 85% Ta = 85C, RH = 85%, IF = 10mA
Note 1000hrs 1000hrs 1000hrs 100 cycles 1 time 1 time 1000hrs 1000hrs 1000hrs 500hrs
Failures 0/22 0/22 0/22 0/40 0/22 0/22 0/22 0/22 0/22 0/22
High Temperature Operating Low Temperature Operating Thermal Shock
Resistance to soldering Heat ESD (Human Body Model) High Temperature Storage Low Temperature Storage Temperature Humidity Storage Temperature Humidity Operating
< Judging Criteria For Reliability Tests >
VF IR V
Notes : [1] USL : Upper Standard Level [2] LSL : Lower Standard Level.
USL[1] X 1.2 USL X 2.0 LSL [2] X 0.7
Rev. 03 November 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)


▲Up To Search▲   

 
Price & Availability of HW331A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X