Part Number Hot Search : 
70HF20 IRFD11 NTE725 AO4704 LV5609LP D74LVC5 74LV4067 32U02
Product Description
Full Text Search
 

To Download GMBT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISSUED DATE :2003/12/12 REVISED DATE :2005/06/15B
GM BT3904
Description Features
*Pb-free package are available *Collector-emitter voltage 40V *Complementary to GMBT3906
NP N EP ITAX IAL PL ANAR T RANS ISTO R
The GMBT3904 is designed for general purpose switching and amplifier applications.
Package Dimensions
REF. A B C D E F
Millimeter Min. Max. 2.70 3.10 2.40 2.80 1.40 1.60 0.35 0.50 0 0.10 0.45 0.55
REF. G H K J L M
Millimeter Min. Max. 1.90 REF. 1.00 1.30 0.10 0.20 0.40 0.85 1.15 0C 10 C
Absolute Maximum Ratings at Ta = 25 :
Parameter Junction Temperature Storage Temperature Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Symbol Tj Tstg VCBO VCEO VEBO IC PD Ratings +150 -65 ~ +150 60 40 6 200 350 Unit
V V V mA mW
Characteristics
Symbol BVCBO BVCEO BVEBO ICEX IEBO VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 hFE1 hFE2 hFE3 hFE4 hFE5 fT Cob Cib td tr tstg tf
at Ta = 25 :
Min. 60 40 6 650 40 70 100 60 30 300 Typ. Max. 50 50 200 300 850 950 300 4 8 35 35 200 50 Unit V V V nA nA mV mV mV mV Test Conditions IC=10uA , IE=0 IC=1mA , IB=0 IE=10uA, IC=0 VCE=30V, VEB=3V VEB=3V IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA VCE=1V, IC=0.1mA VCE=1V, IC=1mA VCE=1V, IC=10mA VCE=1V, IC=50mA VCE=1V, IC=100mA VCE=20V, IE=-10mA, f=100MHz VCB=10V, f=100KHz VEB=0.5V, f=100KHz VCC=3V, VBE(OFF)=0.5V, IC=10mA, IB1=1mA VCC=3V, VBE(OFF)=0.5V, IC=10mA, IB1=1mA VCC=3V, IC=10mA, IB1=-IB2=1mA VCC=3V, IC=10mA, IB1=-IB2=1mA
MHz pF pF ns ns ns ns
1/2
ISSUED DATE :2003/12/12 REVISED DATE :2005/06/15B
Characteristics Curve
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
2/2


▲Up To Search▲   

 
Price & Availability of GMBT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X