Part Number Hot Search : 
CY7C14 KE300 CX24171 MP8719 A87VSYZB 90C841 CS005L DGGWQ
Product Description
Full Text Search
 

To Download EPF8268S-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100Base-TX Interface PCMCIA Module
ELECTRONICS INC.
EPF8268S & EPF8268S-LF
* Complies with or exceeds IEEE 802.3 & ANSI X3.263 Standards * Add "-LF" after part number for Lead-Free * Storage Temperature : -40C to +125C * Operating Temperature : 0C to +70C
Electrical Parameters @ 25 C
OCL (H Min.) 100 KHz, 0.1 Vrms 8 mA DC Bias @1 MHz Xmit/Rcv 350 -1/-1 * Insertion Loss (dB Max.) @ 100 MHz Xmit/Rcv -1.2/-1.2 @ 125 MHz Xmit/Rcv -2/-2 @1 MHz Xmit/Rcv -16/-16 Return Loss (dB Min.) @ 40 MHz Xmit/Rcv -16/-16 @ 100 MHz Xmit/Rcv -8/-8 @ 30 MHz Xmit/Rcv -40/-40 Common Mode Rejection (dB Min.) @ 50 MHz Xmit/Rcv -40/-40 @ 100 MHz Xmit/Rcv -30/-30 @ 150 MHz Xmit/Rcv -20/-20
Isolation : 1650 Vrms (Pri. to Sec.) *
Crosstalk : -35 dB Min. @ 1-100 MHz *
Package
.490 (12.45) .070 (1.78) PCA EPF8268S(-LF) Date Code Pin 1 I.D. .350 (8.89) .084 .004 (2.13 .102) .003/.008 (.076/.203) .030 (.762) .050 (1.27) Suggested Solder Pad Layout .055 (1.40) 1
Schematic
1CT:1CT 16
.270 (6.86)
.440 (11.18)
2 3
15 14
6 7 .008/.012 (.203/.305) 1CT:1CT
11 10
0-8
8
9
.035 (.889) .018/.022 (.457/.559) .050 .002 (1.27 .050) .360 (9.14)
Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (Tube) (Tape & Reel)
EPF8268S SnPb 225C
(168 Hours, 30C/60%RH)
EPF8268S-LF Hot Tin Dip (Sn) 245C
(72 Hours, 30C/60%RH)
MSL = 3
MSL = 4
TBD grams TBD pieces/tube 1500 pieces/13" reel
TBD grams TBD pieces/tube 1500 pieces/13" reel
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSF8268S & -LF Rev. 1 8/23/07 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPF8268S-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X