Part Number Hot Search : 
C1008 CPH6402 FP812 K1767 K1767 8C443 MIC2551 TL494CPW
Product Description
Full Text Search
 

To Download BUL52B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
BUL52B
DESCRIPTION *With TO-220C package *High voltage *Fast switching *High energy rating APPLICATIONS *Designed for use in electronic ballast applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB Ptot Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current Total power dissipation Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 800 400 10 8 12 4 100 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-base breakdown voltage Emitter-base breakdwon voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=10mA ;IB=0 IC=1mA ;IE=0 IE=1mA ;IC=0 IC=0.1A ;IB=20mA IC=1A; IB=0.2A IC=2A; IB=0.4A IC=3A; IB=0.6A IC=1A; IB=0.2A IC=2A ;IB=0.4A IC=3A ;IB=0.6A VCB=800V; IE=0 TC=125 VCE=400V; IB=0 VEB=9V; IC=0 TC=125 IC=0.1A ; VCE=5V IC=1A ; VCE=5V IC=3A ; VCE=1V TC=125 IC=0.2A ; VCE=4V VCB=20V ;f=1MHz 20 15 10 5 MIN 400 800 10
BUL52B
SYMBOL VCEO(SUS) V(BR)CBO V(BR)EBO VCEsat-1 VCEsat-2 VCEsat-3 VCEsat-4 VBEsat-1 VBEsat-2 VBEsat-3 ICBO ICEO IEBO hFE-1 hFE-2 hFE-3 fT Cob
TYP.
MAX
UNIT V V V
0.1 0.2 0.3 0.5 1.0 1.1 1.2 10 100 100 10 100
V V V V V V V A A A
45
20 40
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon Power Transistors
PACKAGE OUTLINE
BUL52B
Fig.2 Outline dimensions (unindicated tolerance: 0.1mm)
3


▲Up To Search▲   

 
Price & Availability of BUL52B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X