Part Number Hot Search : 
7493P CHF5KP15 D013T 3040P XR76203 MC14507 KUS2503 CSC2313F
Product Description
Full Text Search
 

To Download BC32707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC327 / BC328
BC327 / BC328 PNP
Version 2006-05-30 Power dissipation Verlustleistung
CBE
General Purpose Si-Epitaxial Planar Transistors Si-Epitaxial Planar-Transistoren fur universellen Einsatz
PNP
625 mW TO-92 (10D3) 0.18 g
16
Plastic case Kunststoffgehause
18
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
2 x 2.54
Dimensions - Mae [mm]
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Emitter-volt. - Kollektor-Emitter-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Base current - Basisstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur E-B short B open C open - VCES - VCEO - VEBO Ptot - IC - ICM - IB Tj TS
9
Grenzwerte (TA = 25C) BC327 50 V 45 V 5V 625 mW 1) 800 mA 1A 100 mA -55...+150C -55...+150C BC328 30 V 25 V
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis 2) - VCE = 1 V, - IC = 100 mA Group -16 Group -25 Group -40 Group -16 Group -25 Group -40 hFE hFE hFE hFE hFE hFE - VCEsat 100 160 250 60 100 170 -
Kennwerte (Tj = 25C) Typ. 160 250 400 130 200 320 - Max. 250 400 630 - - - 0.7 V
- VCE = 1 V, - IC = 300 mA
Collector-Emitter saturation voltage - Kollektor-Emitter-Sattigungsspg. 2) - IC = 500 mA, - IB = 50 mA
1 2
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig wenn die Anschlussdrahte in 2 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BC327 / BC328 Characteristics (Tj = 25C) Min. Base-Emitter-voltage - Basis-Emitter-Spannung 2) - VCE = 1 V, - IC = 300 mA, Collector-Emitter cutoff current - Kollektor-Emitter-Reststrom - VCE = 45 V, (B-E short) - VCE = 25 V, (B-E short) - VCE = 45 V, Tj = 125C, (B-E short) - VCE = 25 V, Tj = 125C, (B-E short) Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 50 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat - VCB = 10 V, IE =ie = 0, f = 1 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren Available current gain groups per type Lieferbare Stromverstarkungsgruppen pro Typ CCBO RthA - 12 pF < 200 K/W 1) BC337 / BC338 BC327-16 BC327-25 BC327-40 BC328-16 BC328-25 BC328-40 - fT - 100 MHz - BC327 BC328 BC327 BC328 - ICES - ICES - ICES - ICES - - - - 2 nA 2 nA - - 100 nA 100 nA 10 A 10 A - VBE - - 1.2 V Kennwerte (Tj = 25C) Typ. Max.
120 [%] 100
80
60
40
20 Ptot 0 0 TA 50 100 150 [C]
Power dissipation versus ambient temperature 1) Verlustleistung in Abh. von d. Umgebungstemp.1)
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig wenn die Anschlussdrahte in 2 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BC32707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X