Part Number Hot Search : 
13003 TSC128D HM304 LM555CN F39W60CP CH493DPT 11110 CH493DPT
Product Description
Full Text Search
 

To Download BAS-3024-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS-3018 BAS-3024
NEW
8-ch UI Expansion Module 4-ch UI, 4-ch AO, 4-ch DO Expansion Module Features
Unique IO design for local & remote IO Universal input supports 0 ~ 10 V, 0 ~ 20 mA, 4 ~ 20 mA, RTD, Thermistor (3K, 10K), and digital input (Dry contact) Analog output supports 0 ~ 10 V, 0 ~ 20 mA, and 4 ~ 20 mA (BAS-3024 only) Supports PWM output (BAS-3024 only)
BAS-3018
BAS-3024
RoHS
2002/95/EC
COMPLIANT
Introduction
BAS-3018/BAS-3024 expansion I/O modules can be stacked on the DDC controller, or can serve as remote standalone I/O modules through an RS-485 network. These expansion I/O modules add both scalability and flexibility to Advantech BAS-3000 solutions. Like the DDC, I/O expansion modules can be programmed using the BASPro programming tool.
Specifications
General
Power Input Power Consumption 24 VDC/24 VAC 3 W @ 24 VDC (BAS-3018)/4 W @ 24 VDC (BAS-3024)
Analog Output (BAS-3024 only)
Channels Resolution Accuracy Range 4 12-bit 0.1% of FSR 0 ~ 10 V, 0 ~ 20 mA, 4 ~ 20 mA
Universal Input
8 (BAS-3018)/4 (BAS-3024) 16-bit 10 Hz (Total) 0.1% of FSR (Voltage, Current) Analog Input: 0 ~ 10 V, 0 ~ 20 mA, 4 ~ 20 mA, Pt-100/1000, RTD, Thermistor (3 k, 10 k) Digital Input Logic High: Close (Dry Contact) Logic Low: Open Over Voltage Protection 35 V Channels Resolution Sample Rate Accuracy Type and Range
Digital Output (BAS-3024 only)
Channels 4 (Source Type) Vcc 10 ~ 35 VDC, Current: 1 A (per channel) PWM output (2 channels) Minimum Period 1 second (for PWM output) Minimum Pulse Width 0.1 second (for PWM output)
Protection
Isolation Voltage 3,000 VDC
Ordering Information
BAS-3018-AE BAS-3024-AE 8-ch UI Expansion Module 4-ch UI, 4-ch AO, 4-ch DO Expansion Module
Common Specifications
General
Dimension (W x H x D) Enclosure Watchdog Timer Operating Mode 120 x 120 x 44 mm ABS + PC Yes 1. Connect to BAS-3520/3512 (Powered by BAS-3520/3512) 2. Standalone as remote I/O devices (Need external power 24 VDC) Local Bus (Connect to BAS-3520/3512) RS-485 (Standalone as remote I/O devices)
Environment
Operating Temperature Storage Temperature Operating Humidity Storage Humidity -10 ~ 60 C -20 ~ 80 C 20 ~ 95% (Non-condensing) 0 ~ 95% (Non-condensing)
Communication
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of BAS-3024-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X