Part Number Hot Search : 
RUSBF160 2SD2438 ADREF02H 1N4736 1H106 7001804 ADREF02H 716M6
Product Description
Full Text Search
 

To Download B88069X9380C203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surge Arrester 3-Electrode-Arrester
T80-A230X Ordering code: B88069X9380C203
DC spark-over voltage 1) 2) 4) Impulse spark-over voltage 4) at 100 V/s - for 99 % of measured values - typical values of distribution at 1 kV/s - for 99 % of measured values - typical values of distribution
230 20 < 450 < 400 < 650 < 600 10 15 10 40 > 10 < 1.5 < 0.2 ~ 35 ~1 ~ 200 ~2 -40 ... +90 40/ 90/ 21 230 YY O
230 YY O - Nominal voltage - Year of production - Non radioactive
V % V V V V kA kA A A G pF s V A V g C
Nominal impulse discharge current (wave 8/20 s) 5) Single impulse discharge current (wave 8/20 s) 5) Nominal alternating discharge current (50 Hz, 1 s) 5) Alternating discharge current (50 Hz, 9 cycles) 5) Insulation resistance at 100 Vdc 4) Capacitance at 1 MHz
4)
Transverse delay time 3) Arc voltage at 1 A Glow to arc transition current Glow voltage Weight Operation and storage temperature Climatic category (IEC 60068-1) Marking, red
1) 2)
At delivery AQL 0.65 level II, DIN ISO 2859 In ionized mode 3) Test according to ITU-T Rec. K.12 4) Tip or ring electrode to center electrode 5) Total current through center electrode, half value through tip respectively ring electrode. Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
AB E / AB PM Page 1 of 2
Issue 03, 23.05.2002
Surge Arrester 3-Electrode-Arrester
T80-A230X Ordering code: B88069X9380C203
Not to scale Dimensions in mm Non controlled document
(c) EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. AB E / AB PM Page 2 of 2 Issue 03, 23.05.2002


▲Up To Search▲   

 
Price & Availability of B88069X9380C203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X