Part Number Hot Search : 
NTE30100 0512S DS3930 A1225 5Q1265 M100S A1225 TDE17980
Product Description
Full Text Search
 

To Download APP-ESR-PCU-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1120000003 Active
applicom(R) PCU2000ETH Combo Ethernet 10/100 Mbps + Serial RS485/422 card, PCI 3.3/ 5V bus, RoHS compliant
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Approvals Communication Speed Mounting Style Product Name Protocol Type Network Interface 112000 CE Ethernet: 10/100 Mbps, Serial up to 38,400 bps N/A applicom(R) N/A PC Card
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 2 Ethernet - Serial Ethernet: RJ45, Serial: D-Sub Male (9 pin) Carton AMD SC520 0C to +65C Search Parts in this Series 112000Series
Electrical
Current - Maximum Input EMC Supply Voltage 5.5W EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN 61000-6-2 N/A
Material Info
Old Part Number APP-ESR-PCU-C
Reference - Drawing Numbers
Sales Drawing E-112000-0001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Connect your applications to industrial networks through Ethernet messaging.
20 Aug. 09 DW2005101
applicom(R) Ethernet PCU2000ETH
Best choice for SCADA/HMI applications
Features
* * * *
RoHS compliant All protocols included in the package Free full technical support during 2 years of hardware warranty On-board processor eliminates data bottle necks, ensuring delivery of time critical information Certified with over 50 major SCADA/HMI packages Fast Ethernet 10/100, RJ-45 Port COMBO Offer = Ethernet + Profibus 1.5Mbps or Ethernet + Serial 38.4Kbps Simultaneously run all TCP/IP protocols in Client/Server modes Redundancy feature via OPC Server Win32 NDIS driver (using applicom interface as a standard Ethernet card) Onboard internal data base (32 Kwords + 32 Kbits)
(R)
* * *
applicom Universal PCI 3.3V / 5V Card
(R)
Overview
applicom is a range of intelligent communication solutions, complete and ready to use covering more than 40 protocols among a wide choice of industrial networks and fieldbuses: Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links. These solutions connect your PC-based applications (HMI, SCADA, MES, custom applications) to industrial equipment (programmable controller, I/O modules, devices...). Thanks to applicom smart built-in processor technology - each interface card is able to execute all management and the processing (polling, frame management, etc.) of communications protocols, resulting in extremely fast, efficient application performance. The applicom software package includes: Graphical configuration software. Test and network diagnostic tools. Data servers OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code) Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink) Development libraries DLL Library MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi National Instruments (LabWindows CVI, LabVIEW/VI)
(R) (R) (R)
* * *
*
Supported OS
Standard package
*
Windows 32-bit (Vista / XP / 2003 Server)
Free Download
*
Windows XP Embedded, VenturCom RTX, VxWorks, QNX, Linux, DOS
Compatible with
* * * * * * *
Altus GE Fanuc Mitsubishi Electric Automation Omron Rockwell Automation Schneider Electric Siemens - Configuration Software - OPC Server -
applicom(R) PCU2000ETH
Communication Ports
1 Ethernet port
Port Type Connector LED Indicators Speed 1 Ethernet port - IEEE 802.3 for industrial and office (NDIS driver for XP/2000/NT) 10/100baseT (RJ45) 4 LEDs - TX, RX, Link, 100 Mbps 10/100 Mbps (Auto-negotiation)
Hardware Specifications
Unit Processor Memory Flash Memory Interruption DPRAM Address Digital I/O PCI rev 2.2, 32-bit, 33 MHz, PCI Universal 3.3V/5V keying, PCI-X compatible AMD SC520 - 133 MHz 16 Mbytes SDRAM 4 Mbytes Hardware Plug&Play Hardware Plug&Play (32 Kbytes used per board) Opto-coupled discrete input Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz) "Watchdog" output dry contact (24V DC, 0.25 A) 168mm x 107mm (6.61" x 4.21") 5.5 W Operating: 0 C (32 F) up to +65 C (149 F) Storage: -40 C (-40 F) up to +85 C (185 F) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 Yes
+
1 Profibus port
Port Type Connector LED Indicators Electrical Interface Speed 1 Profibus port (EN 50 170) D-Sub, 9 pin, female 2 LEDs - TX / RX RS485 with galvanic insulation (500 V) 9.6 Kbps to 1.5 Mbps
Dimensions (L x W) Consumption Temperature EMC Compliance RoHS Compliant
Protocols (all included in the package)
Ethernet TCP/IP
* Allen-Bradley - EtherNet/IP (ControlLogix, PLC-5 & SLC 500 Series) * Alstom - SRTP (Alspa C80-35 and C80-75) * Altus - Alnet II (AL2000 and WebGate Series) * GE Fanuc - SRTP (90-30 and 90-70 Series) * Mitsubishi - Melsec (A and Q Series) * Omron - FINS (C, CV and CS Series) * Schneider - Open Modbus TCP (TSX Premium, TSX Micro, etc) * Schneider - Uni-TE (TSX Premium, TSX Micro, etc) * Send/Receive on UDP (dev. free messaging on UDP) * Siemens - Industrial Ethernet (S5, S7 and TI-505 Series) * Development toolkit for TCP and UDP protocols in client/server modes * Schneider - Ethway (TSX Premium, TSX Micro, etc) * Siemens - Industrial Ethernet ISO (S5, S7, TF and TI Series) * Profibus-DP V0 Master Class-1 & Class-2 - All DP slaves devices * FDL for S5 Master - Siemens S5 * S7 / MPI Master - Siemens S7-300, S7-400 * Send/Rec on FDL - Develop your free messaging on Profibus-FDL 3964/3964R, AS511, DataLink, DF1, Modbus, PPI/PPI+, Saia-BUS, SNP-X, SucomA, Sysmac-Way, TI-Direct, Uni-Telway, and development toolkit for Serial protocols.
or 1 Serial port
Port Type Connector LED Indicators Electrical Interface Speed 1 asynchronous serial port D-Sub, 9 pin, male 2 LEDs - TX / RX RS485/RS422 with galvanic insulation (500 V) 50 bps to 38.400 Kbps
Ethernet Profibus
Serial
Ordering Information
Part Number SAP Product description
applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, Universal PCI bus (3.3V / 5V), RoHS compliant applicom PCU2000ETH Combo Ethernet 10/100 Mbps + Profibus 1.5 MB card, Universal PCI bus (3.3V / 5V), RoHS compliant
(R) (R) (R)
APP-ETH-PCU-C 1120000005
APP-EPB-PCU-C 1120000001
- Network Diagnostic Tools -
applicom PCU2000ETH Combo Ethernet 10/100 Mbps + Serial RS485/422 card, Universal PCI bus (3.3V / 5V), RoHS compliant Other related products: IP67/IP20 Ethernet switches, Software solution based on standard Ethernet card, Ethernet I/O for control/command, Ethernet connectivity. APP-ESR-PCU-C 1120000003
To contact us: www.woodhead.com North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United: Kingdom +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 Brad and applicom are registered trademarks and BradCommunications is a trademark of Molex (c) 2008 Molex Incorporated.


▲Up To Search▲   

 
Price & Availability of APP-ESR-PCU-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X