Part Number Hot Search : 
2N684 30KPA84A PI5V331 ISL6126 MB3776A MX7820BQ TB6516 MJ160
Product Description
Full Text Search
 

To Download AAT114508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT DATASHEET
AAT1145
SwitchRegTM
General Description
The AAT1145 SwitchRegTM is a 1.2MHz constant frequency current mode PWM step-down converter. It is ideal for portable equipment requiring very high current up to 1.5A from single-cell Lithium-ion batteries while still achieving over 90% efficiency during peak load conditions. The AAT1145 also can run at 100% duty cycle for low dropout operation, extending battery life in portable systems while light load operation provides very low output ripple for noise sensitive applications. The AAT1145 can supply up to 1.5A output load current from a 2.5V to 5.5V input voltage and the output voltage can be regulated as low as 0.6V. The high switching frequency minimizes the size of external components while keeping switching losses low. The internal slope compensation setting allows the device to operate with smaller inductor values to optimize size and provide efficient operation. The AAT1145 is available in adjustable (0.6V to VIN) and fixed (1.8V) output voltage versions. The device is available in a Pb-free, 3x3mm 10-lead TDFN package and is rated over the -40C to +85C temperature range.
1.5A Step-Down Converter
Features
* * * * * * * * * * * * * * Input Voltage Range: 2.5V to 5.5V Output Voltages from 0.6V to VIN 1.5A Output Current High Efficiency: Up to 95% 1.2MHz Constant Switching Frequency Low RDS(ON) Internal Switches: 135m, 95m Allows Use of Ceramic Capacitors Current Mode Operation for Excellent Line and Load Transient Response Short-Circuit and Thermal Fault Protection Soft Start Low Dropout Operation: 100% Duty Cycle Low Shutdown Current: ISHUTDOWN < 1A TDFN33-10 Package -40C to +85C Temperature Range
Applications
* * * * * * Cellular Phones Digital Cameras DSP Core Supplies PDAs Portable Instruments Smart Phones
Typical Application
L1 2.2H
1 2 3
VIN 2.5V-5.5V
VOUT 1.8V,1.5A
EN IN AIN
LX LX
8 7 5 10 9
C1 10F
AAT1145-1.8 OUT
PGND PGND
C2 22F
6 4
AGND AGND
1145.2008.01.1.2
www.analogictech.com
1
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Pin Descriptions
Pin #
1 2 3 4, 6 5 7, 8 9, 10
1.5A Step-Down Converter
Symbol
EN IN AIN AGND FB/OUT LX PGND EP
Function
Enable pin. Active high. In shutdown, all functions are disabled drawing <1A supply current. Do not leave EN floating. Power supply input pin. Must be closely decoupled to AGND with a 2.2F or greater ceramic capacitor. Analog supply input pin. Provides bias for internal circuitry. Analog ground pin FB pin (AAT1145IDE-0.6): Adjustable version feedback input. Connect FB to the center point of the external resistor divider. The feedback threshold voltage is 0.6V. OUT pin (AAT1145IDE-1.8): Fixed version feedback input. Connect OUT to the output voltage, VOUT. Switching node pin. Connect the output inductor to this pin. Power ground pin Power ground exposed pad. Must be connected to bare copper ground plane.
Pin Configuration
TDFN-10 (Top View)
EN IN AIN AGND FB/OUT1
1 2 3 4 5
10 9 8 7 6
PGND PGND LX LX AGND
1. FB pin for the adjustable voltage version (AAT1145IDE-0.6), OUT pin for the fixed voltage version (AAT1145IDE-1.8).
2
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Absolute Maximum Ratings1
Symbol
IN, AIN VFB, VLX VEN PGND, AGND TA TSTORAGE TLEAD
1.5A Step-Down Converter
Description
Input Supply Voltages FB, LX Voltages EN Voltage Ground Voltages Operating Temperature Range Storage Temperature Lead Temperature (Soldering, 10s)
Value
-0.3 to 6.0 -0.3 to VIN + 0.3 -0.3 to VIN + 0.3 -0.3 to 6.0 -40 to +85 -65 to 150 300
Units
V V V V C C C
Thermal Information3
Symbol
JA PD
Description
Thermal Resistance2 Maximum Thermal Dissipation at TA = 25C
Value
45 2.2
Units
C/W W
1. Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. 2. TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: TJ = TA + PD * JA. 3. Thermal Resistance is specified with approximately 1 square inch of 1 oz. copper.
1145.2008.01.1.2
www.analogictech.com
3
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Electrical Characteristics1
VIN = 3.6V, TA = -40C to +85C unless otherwise noted; typical values are TA = 25C. Symbol
VIN VOUT IQ IFB VFB VLINEREG/ VIN VLOADREG/ IOUT VFB VOUT FOSC TS TSD THYS ILIM RDS(ON) VEN(L) VEN(H) IEN
1.5A Step-Down Converter
Description
Input Voltage Range Output Voltage Range Input DC Supply Active Mode Current Shutdown Mode Feedback Input Bias Current
2
Conditions
Min
2.5 0.6
Typ
Max
5.5 VIN 500 1 30 0.6120 0.6135 0.6150 0.20
Units
V V A A nA V %/V %/A
Regulated Feedback Voltage3 Line Regulation Load Regulation Output Voltage Accuracy Oscillator Frequency Startup Time Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Peak Switch Current P-CH MOSFET N-CH MOSFET Enable Threshold Low Enable Threshold High Input Low Current
VFB = 0.5V VEN = 0V, VAIN = 5.5V VFB = 0.65V TA = 25C TA = 0C TA 85C TA = -40C TA 85C VIN = 2.5V to 5.5V, IOUT = 10mA IOUT = 10mA to 1500mA VIN = 2.5 to 4.2V, IOUT = 10 to 1500mA VFB = 0.6V From Enable to Output Regulation
300 0.1 0.5880 0.5865 0.5850 0.6000 0.6000 0.6000 0.10 0.20 -3 0.96 1.2 1.3 170 10
+3 1.44
% MHz ms C C A
VIN = 3.6V VIN = 3.6V 1.5 -1.0
2.5 135 95
200 150 0.3 1.0
m V V A
VIN = VEN = 5.5V
1. The AAT1145 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. VIN should be not less than VOUT + VDROPOUT, where VDROPOUT = IOUT * (RDS(ON)PMOS + ESRINDUCTOR), typically VDROPOUT = 0.3V. 3. The regulated feedback voltage is tested in an internal test mode that connects VFB to the output of the error amplifier.
4
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Typical Characteristics
Efficiency vs. Output Current
(VOUT = 3.3V; TA = 25C; L = 2.2H)
100 90 80 100 90 80
1.5A Step-Down Converter
Efficiency vs. Output Current
(VOUT = 1.8V; TA = 25C; L = 2.2H)
Efficiency (%)
70 60 50 40 30 20 10 0 0.1 1 10 100
Efficiency (%)
70 60 50 40 30 20 10 0 0.1 1 10 100
VIN = 3.7V VIN = 4.2V VIN = 5V VIN = 5.5V
1000 10000
VIN = 2.5V VIN = 3.6V VIN = 4.2V VIN = 5V VIN = 5.5V
1000 10000
Output Current (mA)
Output Current (mA)
Efficiency vs. Output Current
(VOUT = 1.5V; TA = 25C; L = 2.2H)
100 90 80 100 90 80
Efficiency vs. Output Current
(VOUT = 1.2V; TA = 25C; L = 2.2H)
Efficiency (%)
70 60 50 40 30 20 10 0 0.1 1 10 100
Efficiency (%)
70 60 50 40 30 20 10 0 0.1 1 10 100
VIN = 2.7V VIN = 3.6V VIN = 4.2V VIN = 5V VIN = 5.5V
1000 10000
VIN = 2.5V VIN = 3.6V VIN = 4.2V VIN = 5V
1000 10000
Output Current (mA)
Output Current (mA)
DC Regulation
(VOUT = 3.3V; TA = 25C; L = 2.2H; COUT = 22F)
3.399 1.854
DC Regulation
(VOUT = 1.8V; TA = 25C; L = 2.2H; COUT = 22F)
VIN = 5.5V VIN = 5V VIN = 4.2V VIN = 3.6V VIN = 2.5V VIN = 5.5V VIN = 5V VIN = 4.2V VIN = 3.7V
Output Voltage (V)
Output Voltage (V)
3.366 3.333 3.300 3.267 3.234 3.201
1.836 1.818 1.800 1.782 1.764 1.746
0
300
600
900
1200
1500
0
300
600
900
1200
1500
Output Current (mA)
Output Current (mA)
1145.2008.01.1.2
www.analogictech.com
5
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Typical Characteristics
DC Regulation
(VOUT = 1.5V; TA = 25C; L = 2.2H; COUT = 22F)
1.545 1.236
1.5A Step-Down Converter
DC Regulation
(VOUT = 1.2V; TA = 25C; L = 2.2H; COUT = 22F)
VIN = 5.5V VIN = 5V VIN = 4.2V VIN = 3.6V VIN = 2.5V
Output Voltage (V)
Output Voltage (V)
1.530 1.515 1.500 1.485 1.470 1.455
1.224 1.212 1.200 1.188 1.176 1.164
VIN = 5V VIN = 4.2V VIN = 3.6V VIN = 2.5V
0 300 600 900 1200 1500
0
300
600
900
1200
1500
Output Current (mA)
Output Current (mA)
Input Current vs. Input Voltage
(VOUT = 3.3V; L = 2.2H)
0.50 0.40 0.30 0.20 0.10 0.00 2.2 2.0 1.8 1.6
Load Transient Response
(VIN = 3.6V; VOUT = 1.8V; COUT = 22F; CFF = 22pF) Output Current (bottom) (A) Output Voltage (top) (V)
Input Current (mA)
1.5A
0.2A
3.6
4.0
4.4
4.8
5.2
2.2 1.8 1.4 1.0 0.6 0.2 -0.2
Input Voltage (V)
Time (200s/div)
Start-Up Response
(VOUT = 1.8V; VIN = 3.6V; No Load; CIN = 10F; COUT = 22F; L = 2.2H) Enable Voltage (top) (V) Output Voltage (middle) (V)
6 4
Soft Start
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1.5A; CFF = 100pF)
Inductor Current (bottom) (A)
2 0 -2 1.8 1.3 0.8 0.3 -0.2
VENABLE (2V/div)
VOUT (1V/div)
Time (1ms/div)
Time (400s/div)
6
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Typical Characteristics
Line Transient Response
(VOUT = 1.8V; IOUT = 1.5A; L = 2.2H; CIN = 10F; COUT = 22F) Output Voltage (bottom) (VAC)
6.00 1.82
1.5A Step-Down Converter
Output Ripple
(VOUT = 1.8V; VIN = 3.6V; IOUT = 0A; L = 2.2H) Inductor Current (bottom) (A) Output Voltage (top) (V)
1.81 1.80 1.79 0.300 0.200 0.100 0.000 -0.100
Line Transient (top) (V)
4.2V
5.00 4.00
3.6V
3.00 2.00
0.40 0.20 0.00
1.00 0.00 -1.00
Time (40s/div)
Time (10s/div)
Output Ripple
(VOUT = 1.8V; VIN = 3.6V; IOUT = 1.5A; L = 2.2H) Inductor Current (bottom) (A)
1.82
Output Voltage (top) (V)
1.81 1.80 1.79 2.0 1.8 1.6 1.4 1.2 1.0
Time (400ns/div)
1145.2008.01.1.2
www.analogictech.com
7
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Functional Block Diagram
OSC SLOPE COMP ISENSE AMP 0.6V Softstart
SET
1.5A Step-Down Converter
IN VIN 2.5V to 5.5V
RESET
ICOMP OUT R1* OVDET 0.65V Over-Temperature and Short-Circuit Protection R2* VIN
PWM LOGIC
NON-OVERLAP CONTROL
LX L1
VOUT
R1* COUT R2*
IZERO COMP 0.6V
SHUTDOWN
PGND
EN
REF
AIN AGND *The resistor divider R1 + R2 is internally set for the fixed output versions, and is externally set for the adjustable output versions.
Functional Description
The AAT1145 is a high output current monolithic switchmode step-down DC-DC converter. The device operates at a fixed 1.2MHz switching frequency, and uses a slope compensated current mode architecture. This step-down DC-DC converter can supply up to 1500mA output current at VIN = 3.6V and has an input voltage range from 2.5V to 5.5V. It minimizes external component size and optimizes efficiency at the heavy load range. The slope compensation allows the device to remain stable over a wider range of inductor values so that smaller values (1H to 4.7H) with lower DCR can be used to achieve higher efficiency. Apart from the small bypass input capacitor, only a small L-C filter is required at the output. The fixed output version requires only three external power components (CIN, COUT, and L). The adjustable version can be programmed with external feedback to any voltage, ranging from 0.6V to near the input voltage. It uses internal MOSFETs to achieve high efficiency and can generate very low output voltages by using an internal reference of 0.6V. At dropout, the converter duty cycle
increases to100% and the output voltage tracks the input voltage minus the low RDS(ON) drop of the P-channel high-side MOSFET and the inductor DCR. The internal error amplifier and compensation provides excellent transient response, load and line regulation. Internal soft start eliminates any output voltage overshoot when the enable or the input voltage is applied.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for excellent load and line response with protection of the internal main switch (P-channel MOSFET) and synchronous rectifier (N-channel MOSFET). During normal operation, the internal P-channel MOSFET is turned on for a specified time to ramp the inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor current is above the error voltage. The current comparator, ICOMP, limits the peak inductor current. When the main switch is off, the synchronous rectifier turns on immediately and stays on
8
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
until either the inductor current starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the next clock cycle.
1.5A Step-Down Converter
Thermal protection completely disables switching when internal dissipation becomes excessive. The junction over-temperature threshold is 170C with 10C of hysteresis. Once an over-temperature or over-current fault conditions is removed, the output voltage automatically recovers.
Control Loop
The AAT1145 is a peak current mode step-down converter. The current through the P-channel MOSFET (high side) is sensed for current loop control, as well as short circuit and overload protection. A slope compensation signal is added to the sensed current to maintain stability for duty cycles greater than 50%. The peak current mode loop appears as a voltage-programmed current source in parallel with the output capacitor. The output of the voltage error amplifier programs the current mode loop for the necessary peak switch current to force a constant output voltage for all load and line conditions. Internal loop compensation terminates the transconductance voltage error amplifier output. For fixed voltage versions, the error amplifier reference voltage is internally set to program the converter output voltage. For the adjustable output, the error amplifier reference is fixed at 0.6V.
Dropout Operation
When the battery input voltage decreases near the value of the output voltage, the AAT1145 allows the main switch to remain on for more than one switching cycle and increases the duty cycle until it reaches 100%. The duty cycle D of a step-down converter is defined as:
D = TON * FOSC * 100%
VOUT * 100% VIN
Soft Start / Enable
Soft start limits the current surge seen at the input and eliminates output voltage overshoot. The enable pin is active high. When pulled low, the enable input (EN) forces the AAT1145 into a low-power, non-switching state. The total input current during shutdown is less than 1A.
Where TON is the main switch on time and FOSC is the oscillator frequency. The output voltage then is the input voltage minus the voltage drop across the main switch and the inductor. At low input supply voltage, the RDS(ON) of the P-channel MOSFET increases, and the efficiency of the converter decreases. Caution must be exercised to ensure the heat dissipated does not exceed the maximum junction temperature of the IC.
Maximum Load Current
The AAT1145 will operate with an input supply voltage as low as 2.5V, however, the maximum load current decreases at lower input voltages due to a large IR drop on the main switch and synchronous rectifier. The slope compensation signal reduces the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles greater than 50%. Conversely the current limit increases as the duty cycle decreases.
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited to 2.5A. To minimize power dissipation and stresses under current limit and short-circuit conditions, switching is terminated after entering current limit for a series of pulses. The termination lasts for seven consecutive clock cycles after a current limit has been sensed during a series of four consecutive clock cycles.
1145.2008.01.1.2
www.analogictech.com
9
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Applications Information
VIN 2.5V-5.5V 1 2 C1 10F 3 EN IN AIN LX LX 8 7 5 10 9 L1 2.2H C3 22pF VOUT 1.8V,1.5A R1 634k R2 316k
1.5A Step-Down Converter
delivers enhanced transient response for extreme pulsed load applications. The addition of the feed forward capacitor typically requires a larger output capacitor C2 for stability. The external resistor sets the output voltage according to the following equation:
AAT1145-0.6
FB
C2 22F
6 AGND 4 AGND
PGND PGND
R1 VOUT = 0.6V * 1 + R2
Figure 1: Basic Application Circuit for the Adjustable Output Version.
L1 2.2H VOUT 1.8V,1.5A
R1 =
VOUT - 1 * R2 0.6V
Table 1 shows the resistor selection for different output voltage settings. R2 = 59k R1 (k)
19.6 29.4 39.2 49.9 59.0 68.1 78.7 88.7 118 124 137 187 267
VIN 2.5V-5.5V
1 2 3
EN IN AIN
LX LX
8 7 5 10 9
C1 10F
AAT1145-1.8 OUT
PGND PGND
C2 22F
VOUT (V)
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 1.85 2.0 2.5 3.3
R2 = 316k R1 (k)
105 158 210 261 316 365 422 475 634 655 732 1000 1430
6 AGND 4 AGND
Figure 2: Basic Application Circuit for the Fixed Output Versions.
Setting the Output Voltage
Figure 1 shows the basic application circuit with the AAT1145 adjustable output version while Figure 2 shows the application circuit with the AAT1145 fixed output version. For applications requiring an adjustable output voltage, the AAT1145-0.6 adjustable version can be externally programmed. Resistors R1 and R2 in Figure 1 program the output to regulate at a voltage higher than 0.6V. To limit the bias current required for the external feedback resistor string while maintaining good noise immunity, the minimum suggested value for R2 is 59k. Although a larger value will further reduce quiescent current, it will also increase the impedance of the feedback node, making it more sensitive to external noise and interference. Table 1 summarizes the resistor values for various output voltages with R2 set to either 59k for good noise immunity or 316k for reduced no load input current. The adjustable version of the AAT1145, combined with an external feed forward capacitor (C3 in Figure 1),
Table 1: Resistor Selections for Different Output Voltage Settings (Standard 1% Resistors Substituted For Calculated Values).
Inductor Selection
For most designs, the AAT1145 operates with inductor values of 1H to 4.7H. Low inductance values are physically smaller but require faster switching, which results in some efficiency loss. The inductor value can be derived from the following equation:
L=
VOUT * (VIN - VOUT) VIN * IL * fOSC
10
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Where IL is inductor ripple current. Large value inductors lower ripple current and small value inductors result in high ripple currents. Choose inductor ripple current approximately 30% of the maximum load current 1500mA, or
1.5A Step-Down Converter
The worst case external current slope (m) using the 2.2H inductor is when VOUT = 3.3V and is:
m=
VOUT 3.3 = = 1.5A/s L 2.2
IL = 450mA
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor is 2.2H. Manufacturer's specifications list both the inductor DC current rating, which is a thermal limitation, and the peak current rating, which is determined by the saturation characteristics. The inductor should not show any appreciable saturation under normal load conditions. Some inductors may meet the peak and average current ratings yet result in excessive losses due to a high DCR. Always consider the losses associated with the DCR and its effect on the total converter efficiency when selecting an inductor. For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 20m to 100m range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (but some transient overshoot), the resistance should be kept below 100m. The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation (1500mA + 225mA). Table 2 lists some typical surface mount inductors that meet target applications for the AAT1145. For example, the 2.2H SD3118-2R2-R inductor selected from Coiltronics has a 74m DCR and a 2.00ADC current rating. At full load, the inductor DC loss is 106mW which gives a 5% loss in efficiency for a 1200mA, 1.8V output.
To keep the power supply stable when the duty cycle is above 50%, the internal slope compensation (mA) should be:
ma
1 * m = 0.75A/s 2
Therefore, to guarantee current loop stability, the slope of the compensation ramp must be greater than one-half of the down slope of the current waveform. So the internal slope compensated value of 1A/s will guarantee stability using a 2.2H inductor value for all output voltages from 0.6V to 3.3V.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input capacitor impedance at the switching frequency should be less than the input source impedance to prevent high frequency switching current passing to the input. The calculated value varies with input voltage and is a maximum when VIN is double the output voltage.
CIN =
V VO * 1- O VIN VIN
VPP - ESR * fS IO
CIN(MIN) =
1
VPP - ESR * 4 * fS IO
Slope Compensation
The AAT1145 step-down converter uses peak current mode control with slope compensation for stability when duty cycles are greater than 50%. The slope compensation is set to maintain stability with lower value inductors which provide better overall efficiency. The output inductor value must be selected so the inductor current down slope meets the internal slope compensation requirements. As an example, the value of the slope compensation is set to 1A/s which is large enough to guarantee stability when using a 2.2H inductor for all output voltage levels from 0.6V to 3.3V.
A low ESR input capacitor sized for maximum RMS current must be used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small temperature coefficients. A 10F ceramic capacitor for most applications is sufficient. A large value may be used for improved input voltage filtering. The maximum input capacitor RMS current is:
IRMS = IO *
VO V * 1- O VIN VIN
1145.2008.01.1.2
www.analogictech.com
11
PRODUCT DATASHEET
AAT1145
SwitchRegTM
The input capacitor RMS ripple current varies with the input and output voltage and will always be less than or equal to half of the total DC load current.
1.5A Step-Down Converter
ripple) are equivalent series resistance (ESR), equivalent series inductance (ESL), and capacitance (C). The output voltage droop due to a load transient is dominated by the capacitance of the ceramic output capacitor. During a step increase in load current, the ceramic output capacitor alone supplies the load current until the loop responds. Within two switching cycles, the loop responds and the inductor current increases to match the load current demand. The relationship of the output voltage droop during the two switching cycles to the output capacitance can be estimated by:
IRMS(MAX) =
1 * IO 2
To minimize stray inductance, the capacitor should be placed as closely as possible to the IC. This keeps the high frequency content of the input current localized, minimizing EMI and input voltage ripple. The proper placement of the input capacitor (C1) can be seen in the evaluation board layout in Figures 3 and 4. A laboratory test set-up typically consists of two long wires running from the bench power supply to the evaluation board input voltage pins. The inductance of these wires, along with the low-ESR ceramic input capacitor, can create a high Q network that may affect converter performance. This problem often becomes apparent in the form of excessive ringing in the output voltage during load transients. Errors in the loop phase and gain measurements can also result. Since the inductance of a short PCB trace feeding the input voltage is significantly lower than the power leads from the bench power supply, most applications do not exhibit this problem. In applications where the input power source lead inductance cannot be reduced to a level that does not affect the converter performance, a high ESR tantalum or aluminum electrolytic should be placed in parallel with the low ESR, ESL bypass ceramic. This dampens the high Q network and stabilizes the system.
COUT =
2 * ILOAD VDROOP * fS
In many practical designs, to get the required ESR, a capacitor with much more capacitance than is needed must be selected. For both continuous or discontinuous inductor current mode operation, the ESR of the COUT needed to limit the ripple to VO, V peak-to-peak is:
ESR
VO IL
Output Capacitor Selection
The function of output capacitance is to store energy to attempt to maintain a constant voltage. The energy is stored in the capacitor's electric field due to the voltage applied. The value of output capacitance is generally selected to limit output voltage ripple to the level required by the specification. Since the ripple current in the output inductor is usually determined by L, VOUT and VIN, the series impedance of the capacitor primarily determines the output voltage ripple. The three elements of the capacitor that contribute to its impedance (and output voltage
Ripple current flowing through a capacitor's ESR causes power dissipation in the capacitor. This power dissipation causes a temperature increase internal to the capacitor. Excessive temperature can seriously shorten the expected life of a capacitor. Capacitors have ripple current ratings that are dependent on ambient temperature and should not be exceeded. The output capacitor ripple current is the inductor current, IL, minus the output current, IO. The RMS value of the ripple current flowing in the output capacitance (continuous inductor current mode operation) is given by:
IRMS = IL *
3 = IL * 0.289 6
ESL can be a problem by causing ringing in the low megahertz region but can be controlled by choosing low ESL capacitors, limiting lead length (PCB and capacitor), and replacing one large device with several smaller ones connected in parallel.
12
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
In conclusion, in order to meet the requirement of output voltage ripple small and regulation loop stability, ceramic capacitors with X5R or X7R dielectrics are recommended due to their low ESR and high ripple current ratings. The output ripple VOUT is determined by:
1.5A Step-Down Converter
Layout Guidance
When laying out the PC board, the following layout guideline should be followed to ensure proper operation of the AAT1145: 1. The exposed pad (EP) must be reliably soldered to the GND plane. A PGND pad below EP is strongly recommended. The power traces, including the GND trace, the LX trace and the IN trace should be kept short, direct and wide to allow large current flow. The L1 connection to the LX pins should be as short as possible. Use several VIA pads when routing between layers. The input capacitor (C1) should connect as closely as possible to IN (Pin 2) and AGND (Pins 4 and 6) to get good power filtering. Keep the switching node, LX (Pins 7 and 8), away from the sensitive FB/OUT node. The feedback trace or OUT pin (Pin 2) should be separate from any power trace and connect as closely as possible to the load point. Sensing along a high-current load trace will degrade DC load regulation. If external feedback resistors are used, they should be placed as closely as possible to the FB pin (Pin 5) to minimize the length of the high impedance feedback trace. The output capacitor C2 and L1 should be connected as closely as possible. The connection of L1 to the LX pin should be as short as possible and there should not be any signal lines under the inductor. The resistance of the trace from the load return to PGND should be kept to a minimum. This will help to minimize any error in DC regulation due to differences in the potential of the internal signal ground and the power ground.
1 VOUT * (VIN - VOUT) VOUT * ESR + 8 * fOSC * COUT VIN * fOSC * L
A 22F ceramic capacitor can satisfy most applications.
2.
Thermal Calculations
There are three types of losses associated with the AAT1145 step-down converter: switching losses, conduction losses, and quiescent current losses. Conduction losses are associated with the RDS(ON) characteristics of the power output switching devices. Switching losses are dominated by the gate charge of the power output switching devices. At full load, assuming continuous conduction mode (CCM), a simplified form of the losses is given by: 3.
4. 5.
PTOTAL =
IO2 * (RDSON(HS) * VO + RDSON(LS) * [VIN - VO]) VIN
6.
+ (tsw * F * IO + IQ) * VIN
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses. For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to: 7.
Figures 4 and 5 show an example of a layout with 2 layers.
PTOTAL = IO2 * RDSON(HS) + IQ * VIN
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input voltage range. Given the total losses, the maximum junction temperature can be derived from the JA for the DFN-10 package which is 45C/W.
TJ(MAX) = PTOTAL * JA + TAMB
1145.2008.01.1.2
www.analogictech.com
13
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Manufacturer
Sumida Sumida Sumida Coiltronics Coiltronics
1.5A Step-Down Converter
Part Number
CDRH3D16 CDRH4D15 CDRH5D16 SD3118-2R2-R SD3114-2R2-R
Inductance (H)
2.2 3.3 4.7 2.2 2.2
Max DC Current (A)
1.75 1.6 2.15 2.00 1.74
DCR (m)
47 71 51.3 74 110
Size (mm) LxWxH
4.0x4.0x1.8 4.7x4.7x1.7 5.8x5.8x1.8 3.1x3.1x1.8 3.1x3.1x1.4
Type
Shielded Shielded Shielded Shielded Shielded
Manufacturer
Murata Murata Murata
Part Number
GRM219R60J106KE19 GRM21BR60J226ME39 GRM1551X1E220JZ01B
Value
10F 22F 22pF
Voltage (V)
6.3 6.3 25
Temp. Co.
X5R X5R JIS
Case
0805 0805 0402
Table 2. Suggested Component Selection Information
VIN 2.5V-5.5V EN C1 10F IN AIN AGND AGND EP
L1 2.2H LX LX C3 22pF
VOUT 1.8V,1.5A R1 634k R2 316k
AAT1145
FB PGND PGND
C2 22F
U1: AAT1145 TDFN33-10 L1: SD3118-2R2-R C1: 10F 6.3V 0805 X5R C2: 22F 6.3V 0805 X5R
Figure 3: AAT1145 Adjustable Voltage Version Recommended Evaluation Board Schematic.
Figure 4: AAT1145 Evaluation Board Top Layer.
Figure 5: Exploded View of AAT1145 Evaluation Board Top Layer.
14
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Step-Down Converter Design Example
Specifications
VO = 1.8V @1.5A VIN = 2.7V to 4.2V (3.6V nominal) fS = 1.2MHz Transient droop = 100mV VO = 50mV
1.5A Step-Down Converter
1.8V Output Inductor
IL = 30% IO = 0.3 * 1.5 = 450mA L= VOUT * (VIN(MAX) - VOUT) 1.8 * (4.2 - 1.8) = =1.90H VIN(MAX) IL fOSC 4.2 0.45 * 1.2 * 106
For Cooper 2.2H inductor (SD3118-2R2-R) with DCR 74m, the IL should be
IL =
VO VO 1* T = 341mA L VIN 0.341 IL = 1.5 + = 1.67A 2 2
IPKL = IO +
PL = IO2 DCR = 1.52 0.074 = 166.5mW
1.8V Output Capacitor
COUT = 2 * ILOAD 2 * 1.2 = = 20F; use 22F VDROOP * fS 0.1 * 1.2 * 106
ESR
VO 0.05 = = 0.15 IL 0.341
Select a 22F, 10m ESR ceramic capacitor to meet the ripple 50mV requirement.
VOUT
1 VOUT * (VIN - VOUT) * ESR + 8 * fOSC * COUT VIN * fOSC * L 1.8 * (4.2 - 1.8) 1 * 0.01 + = 6mV 6 -6 6 -6 4.2 * 1.2 * 10 * 2.2 * 10 8 * 1.2 * 10 * 22 * 10
=
IRMS = IL *0.289 = 0.341 * 0.289 = 98.5mArms PCOUT = ESR * IRMS2 = 0.01 * 0.09852 = 97W
1145.2008.01.1.2
www.analogictech.com
15
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Input Capacitor
Input ripple VPP = 50mV
1.5A Step-Down Converter
CIN(MIN) =
1
VPP - ESR * 4 * fS IO
=
1
0.05 - 0.01 * 4 * 1.2 * 106 1.5
= 8.9F; use 10F
IRMS =
IO 1.5 = = 750mArms 2 2
PCIN = ESR * IRMS2 = 0.01 * 0.752 = 5.6mW
AAT1145 Losses
PTOTAL = IO2 * RDS(ON)P * D + IO2 * RDS(ON)N * (1 - D) + (tSW * fS * IO) * VIN 1.8 1.8 + 1.52 * 0.095 * 1 + (5 * 10-9 * 1.2 * 106 * 1.5) * 4.2 = 290mW 4.2 4.2
= 1.52 * 0.135 *
16
www.analogictech.com
1145.2008.01.1.2
PRODUCT DATASHEET
AAT1145
SwitchRegTM
Ordering Information
Output Voltage
Adj. 0.6V to VIN Fixed 1.8V
1.5A Step-Down Converter
Package
TDFN33-10 TDFN33-10
Marking1
QNXYY WUXYY
Part Number (Tape and Reel)2
AAT1145IDE-0.6-T1 AAT1145IDE-1.8-T1
Package Information3
TDFN33-10
0.23 0.05 0.500 BSC
3.00 0.05
1.70 0.05
Pin 1 identification R0.200
Pin 1 dot by marking
0.40 0.05 3.00 0.05 2.40 0.05
Top View
Bottom View
0.75 0.05
0.05 0.05
Side View
All dimensions in millimeters.
1. XYY = assembly and date code. 2. Sample stock is generally held on all part numbers listed in BOLD. 3. The leadless package family, which includes QFN, TQFN, DFN, TDFN and STDFN, has exposed copper (unplated) at the end of the lead terminals due to the manufacturing process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required to ensure a proper bottom solder connection.
Advanced Analogic Technologies, Inc. 3230 Scott Boulevard, Santa Clara, CA 95054 Phone (408) 737-4600 Fax (408) 737-4611
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Except as provided in AnalogicTech's terms and conditions of sale, AnalogicTech assumes no liability whatsoever, and AnalogicTech disclaims any express or implied warranty relating to the sale and/or use of AnalogicTech products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
1145.2008.01.1.2
www.analogictech.com
0.203 REF
17


▲Up To Search▲   

 
Price & Availability of AAT114508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X