Part Number Hot Search : 
G9915 M32C84 395DPA D12N06L 305000 001BDSA5 BLY93C 24D15
Product Description
Full Text Search
 

To Download 90814-3608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0908143608 Active
picoflex 1.27mm (.050") Pitch Picoflex(R) PF-50 SMT Header, Vertical, Low Profile, Surface Mount, Gold, 8 Circuits, Glow Wire Compatible
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Application Tooling Part Link Comments Overview Product Name PCB Headers 90814 Wire-to-Board 690081070 Low Profile SMT picoflex Picoflex(R)
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) No 8 Natural 100 No 94V-0 Yes No None Yes Brass Gold High Temperature Thermoplastic 1 Vertical No Yes 0.063 In 1.60 mm Tube 0.050 In 1.27 mm 0.050 In 1.27 mm 30.4 0.76 4 0.1 Yes No Open Ends No Yes
Search Parts in this Series 90814Series Mates With 90327 IDT Connector Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0690081070 (Plastic) for 90327 Connector, 4-26 Circuit
Temperature Range - Operating Termination Interface: Style
-40C to +105C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 2.4A 250V AC/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-90814-001 PS-99020-0011 SDA-90814
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 90814-3608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X