Part Number Hot Search : 
P6KE91PT 470MF 10N12 P504A T940004 CSOB4518 CSOB4518 10013
Product Description
Full Text Search
 

To Download 90325-3012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0903253012 Active
1.27mm (.050") Pitch Picoflex(R) PF-50 Header, Vertical, Low Profile, with PCB Pegs, 12 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Comments Product Name PCB Headers 90325 Wire-to-Board Low Profile Picoflex(R)
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 12 Black 100 No 94V-0 No No None Yes Brass Gold Polyester 1 Vertical Yes 0.062 In 1.60 mm Bag 0.050 In 1.27 mm 30.4 0.76 120 3 Yes Yes No No No -40C to +105C Through Hole
Search Parts in this Series 90325Series Mates With 90327 IDT Connector
Electrical
Current - Maximum per Contact 1.2A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 230
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0011 SDA-90325
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 90325-3012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X