Part Number Hot Search : 
101M35 DMA88 150LR5AM FTG256 P4SMAJ TPSMB33 MSM6242B 2DC4R2
Product Description
Full Text Search
 

To Download 82DA08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 82DA
Vishay Sprague
Aluminum Capacitors + 85 C, Snap-In, General Purpose
FEATURES
* Maximum CV
Pb-free
* General purpose design * Wide voltage range
Available
* Molded cover available in 2 or 3 terminal design with standoffs * Replaces type 82D
Fig.1 Component Outlines
QUICK REFERENCE DATA
DESCRIPTION Nominal case size O D x L in inches (mm) Operating temperature Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Termination Life validation test at 85 C VALUE 0.87 x 1.00 (22.0 x 25.0) to 1.57 x 3.18 (40.0 x 80.0) - 40 C to + 85 C 33 F to 270 000 F 20 % 6.3 WVDC to 500 WVDC Snap-in 2000 h: CAP 15 % from initial measurement. ESR 1.5 x initial specified limit. DCL initial specified limit 500 h: CAP 15 % from initial measurement. ESR 1.3 x initial specified limit. DCL 2 x initial specified limit I = K CV K = 4.0 at + 25 C I in A, C in F, V in Volts
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE AMBIENT TEMPERATURE + 55 C + 65 C + 75 C + 85 C FREQUENCY (Hz) WVDC 16 to 49 50 to 199 200 to 400 50 TO 60 0.85 0.83 0.80 300 TO 1000 1.10 1.15 1.30 1000 AND UP 1.15 1.20 1.40 MULTIPLIERS 2.0 1.7 1.4 1.0
Shelf life at 85 C
DC leakage current 5 min charge time
DIMENSIONS in inches (millimeters)
DIAMETER CASE CODE HA HB HD JA JB JC JD JE KA KB KC KD KE D + 0.04 - 0 (+ 1.0 - 0) 0.87 (22.0) 0.87 (22.0) 0.87 (22.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.00 (25.0) 1.18 (30.0) 1.18 (30.0) 1.18 (30.0) 1.18 (30.0) 1.18 (30.0) LENGTH L 0.08 (2.0) 1.00 (25.0) 1.18 (30.0) 1.57 (40.0) 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) STYLE 2 TYPICAL WEIGHT (g) 16.0 19.0 24.0 20.0 24.0 27.0 31.0 38.0 30.0 35.0 39.0 44.0 53.0 DIAMETER CASE CODE MB MC MD ME MF MG NA NB NC ND NE NF NG D + 0.04 - 0 (+ 1.0 - 0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.38 (35.0) 1.58 (40.0) 1.58 (40.0) 1.58 (40.0) 1.58 (40.0) 1.58 (40.0) 1.58 (40.0) 1.58 (40.0) LENGTH L 0.08 (2.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 2.50 (63.0) 3.18 (80.0) 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) 1.57 (40.0) 2.00 (50.0) 2.50 (63.0) 3.18 (80.0) STYLE 2 TYPICAL WEIGHT (g) 48.0 54.0 61.0 74.0 91.0 113.0 48.0 58.0 66.0 81.0 103.0 128.0 183.0 www.vishay.com 227
Document Number: 42064 Revision: 29-Aug-08
For technical questions, contact: aluminumcaps4@vishay.com
82DA
Vishay Sprague
Aluminum Capacitors + 85 C, Snap-In, General Purpose
DIMENSIONS in inches (millimeters)
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS (1) DIAMETER D 1.00 (25.0) 1.18 (30.0) 1.38 (35.0) CASE CODE J K M B 0.093 (2.4) 0.125 (3.2) 0.125 (3.2) STYLE A R 0.301 (7.6) 0.363 (9.2) 0.458 (11.6) C 140 120 120 STYLE B R N/A 0.391 (9.9) 0.458 (11.6)
Note (1) Style A and B not available in 0.87" (22.0 mm) diameter units
DIMENSIONS AND AVAILABLE FORMS
Style A Style B
Style D
www.vishay.com 228
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42064 Revision: 29-Aug-08
82DA
Aluminum Capacitors + 85 C, Snap-In, General Purpose
TERMINAL CONFIGURATION (numbers in brackets indicate millimeters)
LEAD CODE DESCRIPTION OUTLINE DRAWINGS MOUNTING TERMINAL CONFIGURATION CONFIGURATION AVAILABLE DIAMETERS 0.87 (22.0) - H 0.98 (25.0) - J 1.18 (30.0) - K 1.38 (35.0) - M 0.98 (25.0) - J 1.18 (30.0) - K 1.38 (35.0) - M AVAILABLE VOLTAGES AND TYPES All voltages 81D, 81DA 82D, 82DA All voltages 82D, 82DA V 250 VDC 81D, 81DA All voltages 82D, 82DA V 250 VDC 81D, 81DA
Vishay Sprague
D
Standard 2 pin snap-in
A
2 straight wire lead molded cover with standoffs
+
B
3 straight wire lead molded cover with standoffs
+
1.18 (30.0) - K 1.38 (35.0) - M
ORDERING EXAMPLE
Electrolytic capacitor 82DA series: 82DA 222 M 050 HA 2 D E3
EXPLANATION Product type Capacitance value (2200 F) Tolerance (M = 20 %) Voltage rating at 85 C (50 V) Can size (see dimensions table) PVC insulating sleeve Terminal style (D = 2 pin snap-in) RoHS compliant
DESCRIPTION
CODE 82DA 222 M 050 HA 2 D E3
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) 15 000.0 6800.0 6800.0 10 000.0 2700.0 4700.0 6800.0 10 000.0 2200.0 3300.0 6800.0 330.0 820.0 1000.0 1200.0 220.0 PART NUMBER 82DA153M016KA2D 82DA682M025HB2D 82DA682M025JA2D 82DA103M025KA2D 82DA272M035HA2D 82DA472M035JA2D 82DA682M035KA2D 82DA103M035KB2D 82DA222M050HA2D 82DA332M050HB2D 82DA682M050JD2D 82DA331M200JB2D 82DA821M200KD2D 82DA102M200KE2D 82DA122M200MD2D 82DA221M250HD2D MAX. ESR at 25 C (m) NOMINAL CASE SIZE DxL 20 to 40 kHZ 120 HZ 16 WVDC at + 85 C, SURGE = 20 V 1.181 x 0.984 (30.0 x 25.0) 67.7 54.0 25 WVDC at + 85 C, SURGE = 30 V 0.866 x 1.181 (22.0 x 30.0) 73.5 56.1 0.984 x 0.984 (25.0 x 25.0) 83.8 60.0 1.181 x 0.984 (30.0 x 25.0) 71.0 54.0 35 WVDC at + 85 C, SURGE = 40 V 0.866 x 0.984 (22.0 x 25.0) 120.0 87.4 0.984 x 0.984 (25.0 x 25.0) 89.0 62.0 1.181 x 0.984 (30.0 x 25.0) 75.0 540.0 1.181 x 1.181 (30.0 x 30.0) 57.0 41.0 50 WVDC at + 85 C, SURGE = 63 V 0.866 x 0.984 (22.0 x 25.0) 115.0 76.0 0.866 x 1.181 (22.0 x 30.0) 86.0 57.0 0.984 x 1.575 (25.0 x 40.0) 47.0 31.0 200 WVDC at + 85 C, SURGE = 250 V 0.984 x 1.181 (25.0 x 30.0) 401.0 191.0 1.181 x 1.575 (30.0 x 40.0) 180.0 87.0 1.181 x 1.969 (30.0 x 50.0) 142.0 67.0 1.378 x 1.575 (35.0 x 40.0) 147.0 74.0 250 WVDC at + 85 C, SURGE = 300 V 0.866 x 1.575 (22.0 x 40.0) 558.0 166.0 MAX. RIPPLE at + 85 C (A) 120 HZ 20 to 40 kHZ 3.07 2.57 2.48 3.00 1.91 2.42 2.92 3.60 1.94 2.38 3.91 1.28 2.36 2.89 2.89 1.12 3.47 2.94 2.93 3.47 2.24 2.86 3.42 4.20 2.39 2.92 4.96 1.86 3.41 4.22 4.06 2.12
Note * Other ratings and voltages available on special order Document Number: 42064 Revision: 29-Aug-08 For technical questions, contact: aluminumcaps4@vishay.com www.vishay.com 229
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 82DA08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X