Part Number Hot Search : 
A1220A 83765 10VB6 KT832L51 ST1155B 10150 STK0765B 2SC2912R
Product Description
Full Text Search
 

To Download 74AUP1T1326GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Rev. 01 -- 20 January 2009 Product data sheet
1. General description
The 74AUP1T1326 is a high-performance, low-power, low-voltage, single-bit, dual supply buffer/line driver with output enable circuitry. The 74AUP1T1326 is designed for logic-level translation applications and combines the functions of the 74AUP1G32 and 74AUP1G126. The buffer/line driver is controlled by two output enable Schmitt trigger inputs (1OE and 2OE) through an OR-gate. The output enable inputs accept standard input signals and are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. The output of the OR-gate is also available at output 1Y. The output enable inputs (1OE and 2OE) switch at different points for positive and negative-going signals. The difference between the positive voltage VT+ and the negative voltage VT- is defined as the input hysteresis voltage VH. Both VCC(A) and VCC(B) can be supplied at any voltage between 1.1 V and 3.6 V making the device suitable for interfacing between any of the low voltage nodes (1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V) with compatible input levels. Pins 1OE, 2OE and 1Y are referenced to VCC(A) and pins A and 2Y are referenced to VCC(B). A logic LOW on both output enable pins causes the output 2Y to assume a high-impedance OFF-state. The device ensures low static and dynamic power consumption and is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the outputs, preventing any damaging backflow current through the device when it is powered down.
2. Features
I Wide supply voltage range: N VCC(A): 1.1 V to 3.6 V; VCC(B): 1.1 V to 3.6 V. I High noise immunity I Complies with JEDEC standards: N JESD8-7 (1.2 V to 1.95 V) N JESD8-5 (1.8 V to 2.7 V) N JESD8-B (2.7 V to 3.6 V) I ESD protection: N HBM JESD22-A114E Class 2A exceeds 2000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Low static power consumption; ICC = 0.9 A (maximum) I Latch-up performance exceeds 100 mA per JESD 78 Class II I Inputs accept voltages up to 3.6 V
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
I I I I
Low noise overshoot and undershoot < 10 % of VCC IOFF circuitry provides partial Power-down mode operation Multiple package options Specified from -40 C to +85 C
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AUP1T1326GT -40 C to +85 C XSON8 Description Version plastic extremely thin small outline package; no leads; SOT833-1 8 terminals; body 1 x 1.95 x 0.5 mm Type number
4. Marking
Table 2. Marking Marking code p31 Type number 74AUP1T1326GT
5. Functional diagram
1OE
5
Rpd
7
1Y
2OE
6
Rpd
VCC(A)
A
2 VCC(B)
8
2Y
001aaj293
Rpd = Internal pull-down resistor.
Fig 1.
Logic symbol
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
2 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
6. Pinning information
6.1 Pinning
74AUP1T1326
VCC(B) 1 8 2Y
A
2
7
1Y
VCC(A)
3
6
2OE
GND
4
5
1OE
001aaj294
Transparent top view
Fig 2.
Pin configuration SOT833-1 (XSON8)
6.2 Pin description
Table 3. Symbol VCC(B) A VCC(A) GND 1OE 2OE 1Y 2Y Pin description Pin 1 2 3 4 5 6 7 8 Description supply voltage B data input supply voltage A ground (0 V) output enable input (Schmitt trigger input) output enable input (Schmitt trigger input) data output data output
7. Functional description
Table 4. Input 1OE L X X H H
[1]
Function table[1] Output 2OE L H H X X A X L H L H 1Y L H H H H 2Y Z L H L H
H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state.
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
3 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC(A) VCC(B) IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2] [3]
Parameter supply voltage A supply voltage B input clamping current input voltage output clamping current output voltage output current supply current ground current storage temperature total power dissipation
Conditions
Min -0.5 -0.5
Max +4.6 +4.6 +4.6 -50 +4.6 20 50 +150 250
Unit V V mA V mA V mA mA mA C mW
VI < 0 V
[1]
-50 -0.5 -0.5 -50 -65
[2] [1] [2]
VO > VCCO or VO < 0 V Active mode and Power-down mode VO = 0 V to VCCO
Tamb = -40 C to +85 C
[3]
-
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. VCCO is the supply voltage associated with an output pin. For XSON8 package: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
9. Recommended operating conditions
Table 6. Symbol VCC(A) VCC(B) VI VO Tamb t/V Recommended operating conditions Parameter supply voltage A supply voltage B input voltage output voltage ambient temperature input transition rise and fall rate input A; VCCI = 1.1 V to 3.6 V input nOE; VCCI = 1.1 V to 3.6 V
[1] [2] VCCO is the supply voltage associated with an output pin. VCCI is the supply voltage associated with an input pin.
[2] [2] [1]
Conditions
Min 1.1 1.1 0 0 -40 -
Max 3.6 3.6 3.6 VCCO +85 200 30
Unit V V V V C ns/V ms/V
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
4 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VIH HIGH-level input A; input voltage V CCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V VIL LOW-level input A; input voltage V CCI = 1.1 V to 1.95 V VCCI = 2.3 V to 2.7 V VCCI = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIL or VI or VI = VT+ or VT- IO = -20 A; VCCO = 1.1 V to 3.6 V IO = -1.1 mA; VCCO = 1.1 V IO = -1.7 mA; VCCO = 1.4 V IO = -3 mA; VCCO = 1.65 V IO = -2.3 mA; VCCO = 2.3 V IO = -4.0 mA; VCCO = 2.3 V IO = -2.7 mA; VCCO = 3.0 V IO = -6.0 mA; VCCO = 3.0 V VOL LOW-level output voltage VI = VIL or VI or VI = VT+ or VT- IO = 20 A; VCCO = 1.1 V to 3.6 V IO = 1.1 mA; VCCO = 1.1 V IO = 1.7 mA; VCCO = 1.4 V IO = 3.0 mA; VCCO = 1.65 V IO = 2.3 mA; VCCO = 2.3 V IO = 4.0 mA; VCCO = 2.3 V IO = 2.7 mA; VCCO = 3.0 V IO = 6.0 mA; VCCO = 3.0 V II input leakage current OFF-state output current input A; VI = 0 V to 3.6 V; VCCI = 1.1 V to 3.6 V output 2Y; VI = VIH or VIL; VO = 0 V to 3.6 V; VCC(A) = 1.1 V to 3.6 V; VCC(B) = 1.1 V to 3.6 V
[1] [2] [2] [1][3] [1][3]
Conditions Min
25 C Typ Max
-40 C to +85 C Min Max
Unit
0.65VCCI 1.6 2.0 VCCO - 0.1 0.825 1.05 1.2 1.97 2.0 2.67 2.48 -
-
0.35VCCI 0.7 0.9 0.10 0.275 0.35 0.45 0.33 0.40 0.33 0.40 0.1
0.65VCCI 1.6 2.0 VCCO - 0.1 0.825 1.05 1.2 1.97 2.0 2.67 2.48 -
0.35VCCI 0.7 0.9 0.10 0.275 0.35 0.45 0.33 0.40 0.33 0.40 0.5
V V V V V V V V V V V V V V V V V V V V V V A
[2]
IOZ
-
-
0.1
-
0.5
A
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
5 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IOFF power-off leakage current Conditions Min 1Y; VCC(A) = 0 V; VO = 0 V to 3.6 V; VCC(B) = 1.1 V to 3.6 V A, 2Y; VCC(B) = 0 V; VI or VO = 0 V to 3.6 V; VCC(A) = 1.1 V to 3.6 V IOFF additional power-off leakage current 1Y; VCC(A) = 0 V to 0.2 V; VO = 0 V to 3.6 V; VCC(B) = 1.1 V to 3.6 V A, 2Y; VCC(B) = 0 V to 0.2 V; VI or VO = 0 V to 3.6 V; VCC(A) = 1.1 V to 3.6 V VI = 0 V or VCC(A); IO = 0 A VCC(A) = 1.1 V to 3.6 V; VCC(B) = 0 V to 3.6 V VI = 0 V or VCC(B); IO = 0 A VCC(A) = VCC(B) = 1.1 V to 3.6 V VCC(A) = 1.71 V; VCC(B) = 2.6 V ICC additional supply current nOE; VCC(A) = VCC(B) = 3.3 V; VI = VCC(A) - 0.6 V A; VCC(A) = VCC(B) = 3.3 V; VI = VCC(B) - 0.6 V; A; VI = GND to 3.6 V; nOE = GND; VCC(A) = VCC(B) = 1.1 V to 3.6 V Rpd CI pull-down resistance input capacitance input A; VI = 0 V or VCCI; VCCI = 1.1 V to 3.6 V input nOE; VI = 0 V or VCCI; VCCI = 1.1 V to 3.6 V CO output capacitance 1Y; VO = GND; VCCO = 0 V 2Y enabled; VO = GND; VCCO = 0 V 2Y disabled; VCCO = 0 V to 3.6 V; VO = GND or VCCO
[1] [2] [3] [4] VCCI is the supply voltage associated with the input pin. VCCO is the supply voltage associated with the output pin. For VCCI values not specified in the data sheet: minimum VIH = 0.7 x VCCI and maximum VIL = 0.3 x VCCI. To show ICC remains very low when the input-disable feature is enabled.
[1] [4] [1] [1]
25 C Typ Max 0.2 -
-40 C to +85 C Min Max 0.5
Unit A
-
-
0.2
-
0.5
A
-
-
0.2
-
0.6
A
-
-
0.2
-
0.6
A
ICC(A)
supply current A supply current B
-
-
0.5
-
0.9
A
ICC(B)
-
-
0.5 350 40 40 -
-
0.9 500 50 50 1
A A A A A
151 -
281 0.9 0.8 1.7 1.7 1.5
428 -
150 -
435 -
k pF pF pF pF pF
[1]
[2] [2]
[2]
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
6 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
11. Dynamic characteristics
Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 5 pF tpd propagation delay A to 2Y; see Figure 3 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V nOE to 1Y; see Figure 3 VCC(A) = 1.1 V to 1.3 V VCC(A) = 1.4 V to 1.6 V VCC(A) = 1.65 V to 1.95 V VCC(A) = 2.3 V to 2.7 V VCC(A) = 3.0 V to 3.6 V CL = 10 pF tpd propagation delay A to 2Y; see Figure 3 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V nOE to 1Y; see Figure 3 VCC(A) = 1.1 V to 1.3 V VCC(A) = 1.4 V to 1.6 V VCC(A) = 1.65 V to 1.95 V VCC(A) = 2.3 V to 2.7 V VCC(A) = 3.0 V to 3.6 V 3.7 3.1 2.9 2.5 2.3 6.4 4.7 4.0 3.4 3.1 10.8 6.8 5.6 4.6 4.1 3.4 2.8 2.5 2.2 2.1 11.1 7.2 6.1 4.9 4.5 ns ns ns ns ns
[2] [2]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
3.0 2.4 1.9 1.5 1.2 3.4 2.8 2.4 2.2 1.9
5.4 3.8 3.1 2.3 2.1 5.6 4.2 3.5 2.9 2.6
9.5 5.7 4.5 3.4 3.0 9.3 5.9 4.9 3.9 3.4
2.7 2.1 1.7 1.3 1.0 3.2 2.6 2.2 2.0 1.8
9.7 6.1 5.0 3.8 3.3 9.5 6.3 5.3 4.1 3.7
ns ns ns ns ns ns ns ns ns ns
3.4 2.7 2.3 1.8 1.6
6.2 4.4 3.6 2.8 2.6
11.0 6.6 5.3 4.1 3.8
3.0 2.4 2.0 1.5 1.3
11.4 7.1 5.8 4.5 4.2
ns ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
7 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 15 pF tpd propagation delay A to 2Y; see Figure 3 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V nOE to 1Y; see Figure 3 VCC(A) = 1.1 V to 1.3 V VCC(A) = 1.4 V to 1.6 V VCC(A) = 1.65 V to 1.95 V VCC(A) = 2.3 V to 2.7 V VCC(A) = 3.0 V to 3.6 V CL = 30 pF tpd propagation delay A to 2Y; see Figure 3 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V nOE to 1Y; see Figure 3 VCC(A) = 1.1 V to 1.3 V VCC(A) = 1.4 V to 1.6 V VCC(A) = 1.65 V to 1.95 V VCC(A) = 2.3 V to 2.7 V VCC(A) = 3.0 V to 3.6 V CL = 5 pF; VCC(A) = 1.1 V to 1.3 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V
[4] [3] [2] [2]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
3.8 3.2 2.7 2.2 1.8 4.2 3.6 3.1 2.8 2.5
6.9 4.9 4.0 3.2 2.9 7.2 5.2 4.5 3.8 3.5
12.5 7.5 6.0 4.8 4.4 12.4 7.6 6.3 5.3 4.8
3.4 2.8 2.3 1.8 1.6 3.8 3.3 2.7 2.5 2.3
12.9 8.1 6.5 5.3 4.8 12.7 8.2 6.9 5.6 5.2
ns ns ns ns ns ns ns ns ns ns
4.8 4.0 3.5 2.7 2.5 5.1 4.3 4.0 3.4 3.3
9.0 6.3 5.1 4.2 3.9 9.2 6.6 5.6 4.7 4.4
16.6 9.8 7.8 6.2 5.9 16.4 9.9 8.1 6.7 6.2
4.2 3.4 3.0 2.4 2.3 4.6 3.8 3.5 3.0 3.0
17.3 10.6 8.6 6.8 6.4 17.1 10.8 8.9 7.2 6.7
ns ns ns ns ns ns ns ns ns ns
3.4 2.8 3.4 2.8
8.7 7.0 7.1 6.1
20.0 15.6 15.2 13.5
3.2 2.5 3.2 2.5
20.3 15.8 15.5 13.9
ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
8 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 5 pF; VCC(A) = 1.4 V to 1.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V CL = 5 pF; VCC(A) = 1.65 V to 1.95 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 5 pF; VCC(A) = 2.3 V to 2.7 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V
[4] [3] [4] [3] [4] [3]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
3.4 2.8 2.4 3.4 2.8 2.4
7.8 6.1 5.4 6.3 5.3 5.4
16.6 12.2 10.7 11.8 10.1 9.9
3.1 2.5 2.1 3.1 2.5 2.1
17.1 12.6 11.1 12.3 10.7 10.5
ns ns ns ns ns ns
3.4 2.8 2.4 2.2 3.4 2.8 2.4 2.2
7.4 5.6 4.9 4.4 6.0 5.0 5.1 4.3
15.6 11.2 9.7 8.2 10.8 9.1 8.9 7.8
3.1 2.5 2.1 1.9 3.1 2.5 2.1 1.9
16.0 11.5 10.1 8.8 11.2 9.6 9.4 8.4
ns ns ns ns ns ns ns ns
3.4 2.8 2.4 2.2 1.9 3.4 2.8 2.4 2.2 1.9
6.8 5.0 4.3 3.7 3.6 5.5 4.5 4.6 3.9 4.4
14.6 10.1 8.7 7.2 6.8 9.8 8.1 7.9 6.8 7.3
3.1 2.5 2.1 1.9 1.6 3.1 2.5 2.1 1.9 1.6
14.9 10.4 9.0 7.7 7.3 10.1 8.5 8.3 7.3 7.7
ns ns ns ns ns ns ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
9 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 5 pF; VCC(A) = 3.0 V to 3.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V CL = 10 pF; VCC(A) = 1.1 V to 1.3 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V CL = 10 pF; VCC(A) = 1.4 V to 1.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V CL = 10 pF; VCC(A) = 1.65 V to 1.95 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V
[3] [4] [3] [4] [3] [4] [3]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
3.4 2.8 2.4 2.2 1.9 3.4 2.8 2.4 2.2 1.9
6.5 4.8 4.1 3.4 3.2 5.3 4.3 4.4 3.7 4.2
14.2 9.7 8.2 6.7 6.3 9.3 7.7 7.4 6.4 6.9
3.1 2.5 2.1 1.9 1.6 3.1 2.5 2.1 1.9 1.6
14.4 9.9 8.5 7.2 6.8 9.7 8.0 7.9 6.8 7.2
ns ns ns ns ns ns ns ns ns ns
3.7 3.1 3.7 3.1
9.9 8.0 8.5 7.3
22.9 17.8 18.0 16.0
3.3 2.8 3.3 2.8
23.1 18.1 18.3 16.4
ns ns ns ns
3.7 3.1 2.9 3.7 3.1 2.9
8.8 6.9 6.1 7.6 6.4 6.7
18.8 13.8 12.2 14.0 11.9 12.0
3.3 2.8 2.5 3.3 2.8 2.5
19.3 14.2 12.9 14.5 12.5 12.6
ns ns ns ns ns ns
3.7 3.1 2.9 2.5
8.3 6.4 5.6 5.1
17.6 12.6 11.0 9.7
3.3 2.8 2.5 2.2
18.1 13.1 11.7 10.5
ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
10 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter tdis disable time Conditions Min nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 10 pF; VCC(A) = 2.3 V to 2.7 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V CL = 10 pF; VCC(A) = 3.0 V to 3.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V CL = 15 pF; VCC(A) = 1.1 V to 1.3 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V
[4] [3] [4] [3] [4] [3] [4]
25 C Typ[1] 7.2 6.0 6.3 5.2 Max 12.8 10.8 10.8 9.5
-40 C to +85 C Min 3.3 2.8 2.5 2.2 Max 13.4 11.4 11.5 10.1
Unit
3.7 3.1 2.9 2.5
ns ns ns ns
3.7 3.1 2.9 2.5 2.3 3.7 3.1 2.9 2.5 2.3
7.7 5.8 5.0 4.4 4.3 6.8 5.6 5.9 4.8 5.8
16.6 11.6 10.0 8.7 8.3 11.8 9.7 9.8 8.4 9.4
3.3 2.8 2.5 2.2 2.1 3.3 2.8 2.5 2.2 2.1
16.9 11.9 10.5 9.3 8.8 12.2 10.2 10.3 8.9 9.8
ns ns ns ns ns ns ns ns ns ns
3.7 3.1 2.9 2.5 2.3 3.7 3.1 2.9 2.5 2.3
7.4 5.5 4.7 4.1 3.9 6.6 5.4 5.7 4.6 5.6
16.1 11.1 9.5 8.3 7.8 11.3 9.3 9.4 8.0 9.0
3.3 2.8 2.5 2.2 2.1 3.3 2.8 2.5 2.2 2.1
16.5 11.5 10.1 8.8 8.3 11.7 9.7 9.8 8.5 9.4
ns ns ns ns ns ns ns ns ns ns
4.2 3.6 4.2 3.6
10.9 8.9 9.9 8.4
25.5 20.1 20.8 18.4
3.8 3.2 3.8 3.2
25.9 20.6 21.1 18.9
ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
11 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 15 pF; VCC(A) = 1.4 V to 1.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V CL = 15 pF; VCC(A) = 1.65 V to 1.95 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 15 pF; VCC(A) = 2.3 V to 2.7 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V
[4] [3] [4] [3] [4] [3]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
4.2 3.6 3.1 4.2 3.6 3.1
9.7 7.6 6.8 8.9 7.4 8.0
20.8 15.3 13.6 16.0 13.7 14.1
3.8 3.2 2.7 3.8 3.2 2.7
21.4 16.1 14.5 16.6 14.4 14.8
ns ns ns ns ns ns
4.2 3.6 3.1 2.8 4.2 3.6 3.1 2.8
9.1 7.0 6.2 5.6 8.5 7.0 7.5 6.1
19.5 14.0 12.2 11.0 14.7 12.4 12.7 11.0
3.8 3.1 2.7 2.4 3.8 3.1 2.7 2.4
20.1 14.7 13.2 11.8 15.3 13.1 13.5 11.8
ns ns ns ns ns ns ns ns
4.2 3.6 3.1 2.8 2.5 4.2 3.6 3.1 2.8 2.5
8.5 6.4 5.6 4.9 4.8 8.0 6.6 7.1 5.7 7.1
18.4 13.0 11.2 10.0 9.6 13.6 11.3 11.7 10.0 11.5
3.8 3.2 2.7 2.5 2.3 3.8 3.2 2.7 2.5 2.3
18.8 13.5 11.9 10.6 10.1 14.0 11.8 12.3 10.5 11.9
ns ns ns ns ns ns ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
12 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 15 pF; VCC(A) = 3.0 V to 3.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V CL = 30 pF; VCC(A) = 1.1 V to 1.3 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V CL = 30 pF; VCC(A) = 1.4 V to 1.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V CL = 30 pF; VCC(A) = 1.65 V to 1.95 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V
[3] [4] [3] [4] [3] [4] [3]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
4.2 3.6 3.1 2.8 2.5 4.2 3.6 3.1 2.8 2.5
8.2 6.1 5.2 4.6 4.4 7.8 6.3 6.9 5.5 6.8
18.0 12.5 10.7 9.5 9.1 13.2 10.9 11.3 9.5 11.0
3.8 3.2 2.7 2.5 2.3 3.8 3.2 2.7 2.5 2.3
18.4 13.0 11.5 10.1 9.6 13.6 11.4 11.8 10.0 11.5
ns ns ns ns ns ns ns ns ns ns
5.1 4.3 5.1 4.3
13.8 11.2 13.9 11.7
33.1 26.1 28.5 25.4
4.6 3.8 4.6 3.8
33.8 27.7 29.2 26.2
ns ns ns ns
5.1 4.3 4.0 5.1 4.3 4.0
12.1 9.5 8.5 12.6 10.4 11.6
26.6 19.6 17.7 22.0 18.9 20.1
4.6 3.8 3.5 4.6 3.8 3.5
27.5 21.4 19.2 22.9 19.9 21.2
ns ns ns ns ns ns
5.1 4.3 4.0 3.4
11.4 8.7 7.7 7.1
24.8 17.8 15.9 14.3
4.6 3.8 3.5 3.1
25.6 19.5 17.3 15.3
ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
13 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter tdis disable time Conditions Min nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 30 pF; VCC(A) = 2.3 V to 2.7 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V CL = 30 pF; VCC(A) = 3.0 V to 3.6 V ten enable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V tdis disable time nOE to 2Y; see Figure 4 VCC(B) = 1.1 V to 1.3 V VCC(B) = 1.4 V to 1.6 V VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V VCC(B) = 3.0 V to 3.6 V
[4] [3] [4] [3] [4]
25 C Typ[1] 12.0 9.9 11.1 8.7 Max 20.2 17.1 18.3 15.5
-40 C to +85 C Min 4.6 3.8 3.5 3.2 Max 21.0 18.0 19.3 16.4
Unit
5.1 4.3 4.0 3.4
ns ns ns ns
5.1 4.3 4.0 3.4 3.3 5.1 4.3 4.0 3.4 3.3
10.6 7.9 6.9 6.2 6.1 11.5 9.3 10.5 8.2 10.7
23.3 16.4 14.4 12.8 12.4 18.7 15.6 16.8 14.0 17.0
4.6 3.8 3.5 3.2 3.1 4.6 3.8 3.5 3.2 3.1
23.9 17.8 15.6 13.6 13.0 19.3 16.3 17.5 14.7 17.6
ns ns ns ns ns ns ns ns ns ns
5.1 4.3 4.0 3.4 3.3 5.1 4.3 4.0 3.4 3.3
10.2 7.6 6.6 5.8 5.6 11.2 9.1 10.2 7.9 10.5
22.9 15.9 14.0 12.4 12.0 18.3 15.2 16.4 13.6 16.5
4.6 3.8 3.5 3.2 3.1 4.6 3.8 3.5 3.2 3.1
23.4 17.2 15.1 13.1 12.5 18.8 15.8 17.0 14.2 17.1
ns ns ns ns ns ns ns ns ns ns
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
14 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance output 2Y; fi = 1 MHz; VI = 0 V to VCC VCC(A) = VCC(B) = 1.2 V VCC(A) = VCC(B) = 1.5 V VCC(A) = VCC(B) = 1.8 V VCC(A) = VCC(B) = 2.5 V VCC(A) = VCC(B) = 3.3 V
[1] [2] [3] [4] [5] All typical values are measured at nominal VCC(A) and VCC(B). tpd is the same as tPLH and tPHL. ten is the same as tPZH and tPZL. tdis is the same as tPHZ and tPLZ. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs.
[5]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C Min Max
Unit
-
2.8 3.0 3.0 3.6 4.1
-
-
-
pF pF pF pF pF
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
15 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
12. Waveforms
VI nOE input GND tPLH VOH 1Y output VOL VM VM tPHL VM VM
VI A input GND tPLH VOH 2Y output VOL
001aaj295
VM
VM
tPHL
VM
VM
Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load.
Fig 3.
Input nOE to output 1Y and A to output 2Y propagation delay times
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
16 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
VI nOE input GND tPLZ VCCO 2Y output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH 2Y output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
001aaj296
VM
tPZL
VM VX tPZH VY VM
Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load. VCCO is the supply voltage associated with the output pin. Output 1Y has no external load.
Fig 4. Table 9.
Enable and disable times Measurement points Input[1] VM 0.5VCCI 0.5VCCI 0.5VCCI Output[2] VM 0.5VCCO 0.5VCCO 0.5VCCO VX VOL + 0.1 V VOL + 0.15 V VOL + 0.3 V VY VOH - 0.1 V VOH - 0.15 V VOH - 0.3 V
Supply voltage VCC(A), VCC(B) 1.1 V to 1.6 V 1.65 V to 2.7 V 3.0 V to 3.6 V
[1] [2]
VCCI is the supply voltage associated with the data input port. VCCO is the supply voltage associated with the output port.
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
17 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
VCC
VEXT
5 k
G
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 10. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times.
Fig 5. Table 10.
Load circuit for switching times Test data Load[2] tr = tf 3.0 ns CL 5 pF, 10 pF, 15 pF and 30 pF RL
[3]
Supply voltage Input VCC(A), VCC(B) 1.1 V to 3.6 V
[1] [2] [3] [4]
VEXT tPLH, tPHL tPZH, tPHZ open GND tPZL, tPLZ[4] 2VCCO 5 k or 1 M
VI[1] VCCI
VCCI is the supply voltage associated with the data input port. For measuring enable and disable times, CL and RL are connected to pin 2Y. Pin 1Y has no load. For measuring enable and disable times RL = 5 k, for measuring propagation delays RL = 1 M. VCCO is the supply voltage associated with the output port.
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
18 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
13. Transfer characteristics
Table 11. Transfer characteristics Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 5. Symbol VT+ Parameter positive-going threshold voltage Conditions Min nOE inputs; see Figure 6 and Figure 7 VCC(A) = 1.1 V VCC(A) = 1.4 V VCC(A) = 1.65 V VCC(A) = 2.3 V VCC(A) = 3.0 V VT- negative-going threshold voltage nOE inputs; see Figure 6 and Figure 7 VCC(A) = 1.1 V VCC(A) = 1.4 V VCC(A) = 1.65 V VCC(A) = 2.3 V VCC(A) = 3.0 V VH hysteresis voltage nOE inputs; (VT+ - VT-); see Figure 6, Figure 7, Figure 8 and Figure 9 VCC(A) = 1.1 V VCC(A) = 1.4 V VCC(A) = 1.65 V VCC(A) = 2.3 V VCC(A) = 3.0 V 0.08 0.18 0.27 0.53 0.79 0.46 0.56 0.66 0.92 1.31 0.08 0.18 0.27 0.53 0.79 0.46 0.56 0.66 0.92 1.31 V V V V V 0.26 0.39 0.47 0.69 0.88 0.65 0.75 0.84 1.04 1.24 0.26 0.39 0.47 0.69 0.88 0.65 0.75 0.84 1.04 1.24 V V V V V 0.53 0.74 0.91 1.37 1.88 0.90 1.11 1.29 1.77 2.29 0.53 0.74 0.91 1.37 1.88 0.90 1.11 1.29 1.77 2.29 V V V V V 25 C Typ Max -40 C to +85 C Min Max Unit
14. Waveforms transfer characteristics
VO
VT+ VI VT- VH
VO VH VT- VT+ VI
mna207 mna208
VT+ and VT- limits at 70 % and 20 %.
Fig 6.
Transfer characteristic
Fig 7.
Definition of VT+, VT- and VH
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
19 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
240 ICC (A) 160
001aad691
80
0 0 0.4 0.8 1.2 1.6 VI (V) 2.0
Fig 8.
Typical transfer characteristics; VCC(A) = 1.8 V
1200 ICC (A) 800
001aad692
400
0 0 1.0 2.0 VI (V) 3.0
Fig 9.
Typical transfer characteristics; VCC(A) = 3.0 V
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
20 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
15. Package outline
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm SOT833-1
1
2
3
b 4 4x L
(2)
L1
e
8 e1
7 e1
6 e1
5
8x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max 0.5 A1 max 0.04 b 0.25 0.17 D 2.0 1.9 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT833-1 REFERENCES IEC --JEDEC MO-252 JEITA --EUROPEAN PROJECTION ISSUE DATE 07-11-14 07-12-07
Fig 10. Package outline SOT833-1 (XSON8)
74AUP1T1326_1 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
21 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
16. Abbreviations
Table 12. Acronym CDM CMOS DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal-Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
17. Revision history
Table 13. Revision history Release date 20090120 Data sheet status Product data sheet Change notice Supersedes Document ID 74AUP1T1326_1
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
22 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
18. Legal information
18.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
18.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
18.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
18.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
19. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74AUP1T1326_1
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 -- 20 January 2009
23 of 24
NXP Semiconductors
74AUP1T1326
Low-power dual supply buffer/line driver; 3-state
20. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 17 18 18.1 18.2 18.3 18.4 19 20 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Transfer characteristics. . . . . . . . . . . . . . . . . . 19 Waveforms transfer characteristics . . . . . . . . 19 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 21 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 Legal information. . . . . . . . . . . . . . . . . . . . . . . 23 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 23 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Contact information. . . . . . . . . . . . . . . . . . . . . 23 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 20 January 2009 Document identifier: 74AUP1T1326_1


▲Up To Search▲   

 
Price & Availability of 74AUP1T1326GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X