Part Number Hot Search : 
TMEGA1 5KE10 13191 AM2855 AEP012SI AD9446 D1707 CM7210
Product Description
Full Text Search
 

To Download 71M6513-ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
71M6513 71M6513H
TDK Semiconductor's Power Meter ICs
The TDK 71M6513 is a highly integrated SOC with an MCU core, RTC, FLASH and LCD driver. TDK's Single Converter TechnologyTM with a 21bit 2nd order delta-sigma ADC, 6 analog inputs, digital temperature compensation, precision voltage reference and 32 bit computation engine supports a wide range of polyphase metering applications with very few low cost external components. A 32kHz crystal timebase for the entire system and internal battery backup support for RAM and RTC further reduce system cost. Maximum design flexibility is supported with multiple UARTs, I2C, power fail comparator, 5V LCD charge pump, up to 22 DIO pins and in-system programmable FLASH which can be updated with data or application code in operation. Easy conversion to ROM offers unprecedented cost structure for high volume applications. The device is offered in high (0.1%) and low (0.5%) accuracy versions for multifunction residential/commercial meter applications requiring multiple voltage/current inputs, larger LCD or DIO features. A complete array of ICE and development tools, programming libraries and reference designs enable rapid development and certification of meters that meet most demanding worldwide electricity metering standards.
Applications
* Industrial Meters * Commercial Meters * Residential Meters
Features
< 0.1% WH accuracy over 2000:1 range (71M6513H version) Exceeds IEC61036 / IEC62053 / ANSIC12.20 Voltage reference < 10ppm/C spec (71M6513H version) Six sensor inputs-VDD referenced Four quadrant metering Voltage angles-phase sequence Digital temperature compensation 21bit 2nd-order delta-sigma ADC Independent 32bit compute engine Low jitter pulse outputs 40-70Hz line frequency range
Features (continued)
Phase compensation (7) Battery Backup for RAM and RTC < 30mW @3.3V, 13.2mW back up Flash memory option with security 8-bit microcontroller (8051) Integrated ICE for MPU debug LCD driver (<168 pixels) High speed SSI serial output RTC for time of use functions Two Event counter/timers Watchdog timer Power fail monitor Up to 22 general purpose I/O pins 64kB Flash/ROM 7kB RAM Two UARTs for IR and AMR Third software UART via DIO pins 100-lead Exposed Pad LQFP package (epLQFP)
71M6513 / 71M6513H Block Diagram
















Ordering Information
PART DESCRIPTION ORDERING NUMBER PACKAGE MARKING
71M6513 100-pin epLQFP, 0.5% accuracy 71M6513 100-pin Lead-Free epLQFP, 0.5% accuracy 71M6513H 100-pin epLQFP, 0.1% accuracy 71M6513H 100-pin Lead-Free epLQFP, 0.1% accuracy
71M6513-IEL 71M6513-IEL/F 71M6513H-IEL 71M6513H-IEL/F
71M6513-IEL 71M6513-IEL 71M6513H-IEL 71M6513H-IEL
For immediate technical information and the name of a local representative or distributor, visit www.tdksemiconductor.com, send an e-mail to support@tdksemiconductor.com or call (714) 508-8800. 6440 Oak Canyon Irvine, CA 92618-5201 714-508-8800 (Tel) 714-508-8878 (Fax)
No responsibility is assumed by TDK Semiconductor Corporation for use of this product nor for any infringements of patents and trademarks or other rights of third parties resulting from its use. No license is granted under any patents, patent rights or trademarks of TDK Semiconductor Corporation, and the company reserves the right to make changes in specifications at any time without notice. Accordingly, the reader is cautioned to verify that the data sheet is current before placing orders. (c) 2004 TDK Semiconductor Corporation 7/04 - rev 1.0


▲Up To Search▲   

 
Price & Availability of 71M6513-ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X