Part Number Hot Search : 
TR3E476 KSR2102 74HC14 SDS915F ZMM75 106KA 4GBJ410 AD7520KD
Product Description
Full Text Search
 

To Download 51336-1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0513361010 Active
1.25mm (.049") Pitch Mini Mi IITM System Wire-to-Board IDT Housing, Single Row, 10 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-51336-010 (PDF) RoHS Certificate of Compliance (PDF) Series IDT and Solder Connectors 51336 Yes Mini Mi IITM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG 10 Natural 30 Female No Yes Phosphor Bronze Tin Tin Polyester 1 Bag No 0.049 In 1.25 mm 36 0.90 36 0.90 Yes No -40C to +105C IDT or Pierce 0.80-0.90mm (.031-.035") 26, 28
Search Parts in this Series 51336Series Mates With 55447 Vertical Header, 55454 Right Angle Header
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 100V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51336-010, RPS-51336-004, RPS-51336-005, RPS-51336-006, RPS-51336-009 SD-51336-001
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51336-1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X